tm june 2006 ffb20u p20dn 10a, 200v ul trafast dual rectifiers ?2006 fairchild semiconductor corporation FFB20UP20DN rev. a www.fairchildsemi.com 1 FFB20UP20DN 10a, 200v ultraf ast dual rectifiers features ? high reverse voltage : v rrm = 200v ? avalanche energy rated ? planar construction applications ? output rectifiers ? switching mode power supply ? fr ee-wheeling diode for motor application ? power switching circuits description the FFB20UP20DN is an ultrafast rectifier. it has a low forward voltage drop and is a silicon nitride passivated ion- implanted epitaxial planar construction. this device is intended for use as a freewheeling/clamping rectifier in a variety of switching power supplies and other power switching applications. its low stored charge and hyperfast recovery minimize ri nging and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors. absolute maximum ratings t c = 25c unless otherwise noted thermal characteristics t c = 25c unless otherwise noted package marking and ordering information symbol parameter ratings units v rrm peak repetitive reverse voltage 200 v v rwm working peak reverse voltage 200 v v r dc blocking voltage 200 v i f(avg) average rectified forward current @ t c = 155 o c10 a i fsm non-repetitive peak surge current 60hz single half-sine wave 100 a t j, t stg operating junction and storage temperature -55 to +175 c symbol parameter max units r jc 1 maximum thermal resistance, junction to case 3.5 c/w device marking device package reel size tape width quantity f20up20dn f20up20dn to-263 13? 24mm 800 pin assignments
ffb20u p20dn 10a, 200v ul trafast dual rectifiers FFB20UP20DN rev. a www.fairchildsemi.com 2 electrical characteristics t c = 25c unless otherwise noted v f 2 i f = 10a i f = 10a t c = 25 c t c = 150 c - - - - 1.15 1.0 v v i r 2 v r = 200v v r = 200v t c = 25 c t c = 150 c - - - - 10 250 a a t rr i f =1a, di/dt = 200a/ s, v cc = 130v i f =10a, di/dt = 200a/ s, v cc = 130v t c = 25 c t c = 25 c - - 15 27 25 40 ns ns t a t b q rr i f =10a, di/dt = 200a/ s, v cc = 130v t c = 25 c t c = 25 c t c = 25 c - - - 21 6 50 - - - ns ns nc w avl avalanche energy (l = 20mh) 10 - - mj symbol parameter min. typ. max units notes 1: rth_jc value is specified for each die 2: pulse: test pulse width = 300s, duty cycle = 2% 2
ffb20u p20dn 10a, 200v ul trafast dual rectifiers FFB20UP20DN rev. a www.fairchildsemi.com 3 typical characteristics t c = 25c unless otherwise noted figure 1. typical forward voltage drop 0.2 0.4 0.6 0.8 1.0 1.2 0.1 1 10 t c = 175 o c t c = 100 o c t c = 25 o c forward current, i f [a] forward voltage, v f [v] 20 figure 2. typical reverse current 0 50 100 150 200 1e-3 0.01 0.1 1 10 100 t c = 175 o c t c = 25 o c t c = 100 o c reverse current, i r [ a ] reverse voltage , v r [v] figure 3. 0.1 1 10 100 10 100 f = 1mhz capacitance , cj [pf] reverse voltage , v r [v] 400 typical junction capacitance figure 4. 50 100 150 200 250 300 20 25 30 35 40 45 50 t c = 175 o c t c = 25 o c t c = 150 o c i f = 10a reverse recovery time, t rr [ns] di/dt [ a/ s ] typical reverse recovery time figure 5. typical reverse recovery current 50 100 150 200 250 300 0 2 4 6 8 t c = 175 o c t c = 25 o c t c = 150 o c i f = 10a reverse recovery current, i rr [ a ] di/dt [ /s ] figure 6. 120 130 140 150 160 170 0 2 4 6 8 10 12 average recitified forward current, i f(av) [a] case temperature, t c ( o c ) dc case temperature, t c [ o c]
ffb20u p20dn 10a, 200v ul trafast dual rectifiers FFB20UP20DN rev. a www.fairchildsemi.com 4 figure 7. gate charge characteristics figure 8. capacitance vs drain to source voltage figure 9. maximum continuous drain current vs ambient temperature figure 10. forward bias safe operating area figure 11. single pulse maximum power dissipation figure 12. transient thermal response curve typical characteristics t c = 25c unless otherwise noted
rev. i20 trademarks the following are registered and unregistered trademarks fairch ild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fai rchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms acex? activearray? bottomless? build it now? coolfet? crossvolt ? dome? ecospark? e 2 cmos? ensigna? fact? fast ? fastr? fps? frfet? fact quiet series? globaloptoisolator? gto? hisec? i 2 c? i-lo ? implieddisconnect? intellimax? isoplanar? littlefet? microcoupler? microfet? micropak? microwire? msx? msxpro? ocx? ocxpro? optologic ? optoplanar? pacman? pop? power247? poweredge? powersaver? powertrench ? qfet ? qs? qt optoelectronics? quiet series? rapidconfigure? rapidconnect? serdes? scalarpump? silent switcher ? smart start? spm? stealth? superfet? supersot?-3 supersot?-6 supersot?-8 syncfet? tcm? tinyboost? tinybuck? tinypwm? tinypower? tinylogic ? tinyopto? trutranslation? uhc? unifet? ultrafet ? vcx? wire? across the board. around the world.? the power franchise ? programmable active droop? datasheet identification product status definition advance information formative or in design this datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. obsolete not in production this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only.
|