Part Number Hot Search : 
CAT93C86 1N5225 EPS13D2 UPD43256 2SB1481 MMBZ5229 C1411EPA B1580
Product Description
Full Text Search
 

To Download EGP50A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? EGP50A thru egp50g vishay semiconductors formerly general semiconductor document number 88585 www.vishay.com 24-apr-03 1 glass passivated ultrafast rectifier reverse voltage 50 to 400 v forward current 5.0 a maximum ratings & thermal characteristics ratings at 25c ambient temperature unless otherwise specified. parameter symbol EGP50A egp50b egp50c egp50d egp50f egp50g unit maximum repetitive peak reverse voltage v rrm 50 100 150 200 300 400 v maximum rms voltage v rms 35 70 105 140 210 280 v maximum dc blocking voltage v dc 50 100 150 200 300 400 v maximum average forward rectified current 0.375" (9.5mm) lead length at t l = 55c i f(av) 5.0 a peak forward surge current 8.3ms single half sine-wave i fsm 150 a superimposed on rated load typical thermal resistance (note 1) r ja 20 c/w r jl 5.0 operating and storage temperature range t j ,t stg ?65 to +150 c electrical characteristics ratings at 25c ambient temperature unless otherwise specified. parameter symbol EGP50A egp50b egp50c egp50d egp50f egp50g unit maximum instantaneous forward voltage at 5.0a v f 0.95 1.25 v maximum dc reverse current t a = 25c 5.0 at rated dc blocking voltage t a = 125c i r 50 a maximum reverse recovery time at i f = 0.5a, i r = 1.0a, i rr = 0.25a t rr 50 ns typical junction capacitance at 4.0v, 1mhz c j 95 75 pf note: (1) thermal resistance from junction to ambient, and from junction to lead at 0.375? (9.5mm) lead length, p.c.b. mounted * glass encapsulation technique is covered by patent no. 3,996,602, brazed-lead assembly to patent no. 3,930,306 dimensions in inches and (millimeters) patented* 0.210 (5.3) 0.190 (4.8) dia. 0.042 (1.07) 0.037 (0.94) dia. 1.0 (25.4) min. 0.375 (9.5) 0.285 (7.2) 1.0 (25.4) min. features  plastic package has underwriters laboratories flammability classification 94v-0  cavity-free glass passivated junction  ultrafast recovery time for high efficiency  low forward voltage, high current capability  low leakage current  high surge current capability  high temperature metallurgically bonded construction  high temperature soldering guaranteed: 300c/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension mechanical data case: molded plastic over solid glass body terminals: axial leads, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: any weight: 0.03 oz., 0.8 g gp20
EGP50A thru egp50g vishay semiconductors formerly general semiconductor www.vishay.com document number 88585 2 24-apr-03 ratings and characteristic curves (t a = 25c unless otherwise noted) fig. 2 ?maximum non-repetitive peak forward surge current peak forward surge current (a) number of cycles at 60 h z 0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.1 1 10 50 fig. 1 ?maximum forward current derating curve average forward rectified current (a) lead temperature ( c) instantaneous forward voltage (v) fig. 3 ?typical instantaneous forward characteristics fig. 4 ?typical reverse leakage characteristics instantaneous reverse leakage current ( a) percent of rated peak reverse voltage (%) instantaneous forward current (a) reverse voltage (v) junction capacitance (pf) fig. 5 ?typical junction capacitance t, pulse duration (sec.) transient thermal impedance ( c/w) fig. 6 ?typical transient thermal impedance 6.0 0 25 50 75 100 125 150 175 0 1.0 2.0 3.0 4.0 5.0 175 1 10 100 0 25 50 75 100 125 150 0 20 40 60 80 100 0.001 0.01 0.1 1 10 100 0.1 1 10 100 1,000 0 30 60 90 120 150 180 210 0.01 0.1 1 10 100 0.1 1.0 10 100 pulse width = 300 s 1% duty cycle EGP50A ? egp50d egp50f & egp50g EGP50A ? egp50d egp50f & egp50g t j = 25 c t j = 150 c t j = t j max. 8.3ms single half sine-wave (jedec method) t j = 150 c t j = 125 c t j = 75 c t j = 25 c t j = 25 c f = 1.0 mh z vsig = 50mvp-p resistive or inductive load 0.375" (9.5mm) lead length copper heatsinks l t l


▲Up To Search▲   

 
Price & Availability of EGP50A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X