Part Number Hot Search : 
40000 A4810 40000 WCR30 SR8200E 1J100 00C12 AV1084S
Product Description
Full Text Search
 

To Download DTA113ZCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digital transistors (built-in resistors) dta113zm/dta113ze/dta113zua dta113zka /DTA113ZCA/dta113zsa equivalent circuit digital transistor (pnp) features ? built-in bias resistors enable the conf iguration of an inverter circuit without connecting external input re sistors(see equivalent circuit) ? the bias resistors consist of th in-film resistors with complete isolation to allow positive biasi ng of the input.they also have the advantage of almost completely eliminating parasitic effects ? only the on/off conditions need to be se t for operation, making device design easy pin connenctions and marking dta113zm sot-723 1. in 2. gnd 3. out marking:e11 dta113ze sot-523 1. in 2. gnd 3. out marking:e11 dta113zua sot-323 1. in 2. gnd 3. out marking:e11 dta113zka sot-23-3l 1. in 2. gnd 3. out marking:e11 DTA113ZCA sot-23 1. in 2. gnd 3. out marking:e11 dta113zsa to-92s 1. gnd 2. out 3. in 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c,jun,2013
maximum ratings(ta=25 unless otherwise noted) limits(dta113z ) symbol parameter m e ua ca ka sa unit v cc supply voltage -50 v v in input voltage -10  +5 v i o output current -100 ma p d power dissipation 100 150 200 200 200 300 mw t j junction temperature 150 t stg storage temperature -55  +150 electrical characteristics (ta=25 unless otherwise specified) parameter symbol test conditions min typ max unit v i(off) v cc =-5v,i o =-100a -0.3 v input voltage v i(on) v o =-0.3v,i o =-20ma -3 v output voltage v o(on) i o /i i =-10ma/-0.5ma -0.3 v input current i i v i =-5v -7.2 ma output current i o(off) v cc =-50v,v i =0 -0.5 a dc current gain g i v o =-5v,i o =-5ma 33 input resistance r 1 0.7 1 1.3 k ? resistance ratio r 2 /r 1 8 10 12 transition frequency f t v o =-10v,i o =-5ma,f=100mhz 250 mhz  2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c,jun,2013
-0.1 -1 -10 -100 -100 -1000 -10 -100 -10 -100 -1000 -0 -4 -8 -12 -16 -20 0 2 4 6 8 10 -0.1 -1 -10 -100 1 10 100 1000 -0 -500 -1000 -1500 -0.01 -0.1 -1 -10 -100 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 400 off characteristics on characteristics t a =25 100 v o =-0.3v input voltage v i(on) (mv) output current i o (ma) -5000 v o(on) ?? i o t a =100 25 i o /i i =-20 output voltage v o(on) (mv) output current i o (ma) -5 f=1mhz t a =25 c o ?? v r output capacitance c o (pf) reverse bias voltage v r (v) g i ?? i o t a =100 25 v o =-5v dc current gain g i output current i o (ma) t a =100 25 v cc =-5v output current i o (ma) input voltage v i(off) (mv) dta113zxx p d ?? t a dta113zsa dta113zua/ka/ca dta113ze dta113zm power dissipation p d (mw) ambient temperature t a ( ) 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c,jun,2013


▲Up To Search▲   

 
Price & Availability of DTA113ZCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X