Part Number Hot Search : 
LC75700 SAMSUNG FSC4NF SFF10 TRRPB IRF40B TRRPB 2E101
Product Description
Full Text Search
 

To Download CPDF12V-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cpdf series-hf smd esd protection diode page 1 qw -g7006 rev :b features - bi-diretional esd protection. - surface mount package. - high component density . mechanical data - case: 1005/sod-323f standard package, molded plastic. - t erminals: gold plated, solderable per mil-std-750,method 2026. - marking code: cpdf5v0-hf: e05 cpdf12v -hf: e12 cpdf24v -hf: e24 - mounting position: any . - w eight: 0.006 gram(approx.). comchip t echnology co., l td. 0 . 1 0 2 ( 2 . 6 0 ) 0 . 0 9 5 ( 2 . 4 0 ) 0 . 0 2 0 ( 0 . 5 0 ) t y p . 0 . 0 5 1 ( 1 . 3 0 ) 0 . 0 4 3 ( 1 . 1 0 ) 0 . 0 3 5 ( 0 . 9 0 ) 0 . 0 2 7 ( 0 . 7 0 ) d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) 1 0 0 5 / s o d - 3 2 3 f 0 . 0 1 2 ( 0 . 3 0 ) t y p . 0 . 0 4 0 ( 1 . 0 0 ) t y p . o electrical characteristics (at t a =25 c unless otherwise noted) symbol t yp parameter min ma x unit junction capacitance conditions diode breakdown voltage v bd v cpdf5v0-hf cpdf12v -hf cpdf24v -hf i r = 1ma leakage current i l ua cpdf5v0-hf cpdf12v -hf cpdf24v -hf 20 - - - c t pf cpdf5v0-hf cpdf12v -hf cpdf24v -hf v r =0v ,f =1mhz 13 5.1 25 0.1 17 7.0 28 15 12 10 2.0 - - - v r = 5v v r = 24v v r = 12v clamping voltage esd capability kv 25 47 cpdf5v0-hf cpdf12v -hf cpdf24v -hf 1 6 peak pulse power p pp w 75 cpdf series-hf storage temperature operation temperature 125 o c t stg t j o c 150 cpdf series-hf cpdf series-hf -55 v c v i pp = 5a,t p =8/20us 15 i pp = 1a,t p =8/20us i pp = 1a,t p =8/20us 25 47 cpdf5v0-hf cpdf12v -hf cpdf24v -hf t p =8/20us esd iec 61000-4-2(air) iec 61000-4-2(contact) 8 c o m c h i p s m d d i o d e s p e c i a l i s t rohs device halogen free
page 2 smd esd protection diode comchip t echnology co., l td. c a p a c i t a n c e b e t w e e n t e r m i n a l s , ( p f ) r e v e r s e c u r r e n t , ( a ) p o w e r r a t i n g , ( % ) f i g . 1 - 8 / 2 0 u s p e a k p u l s e c u r r e n t w a v e f o r m a c c . i e c 6 1 0 0 0 - 4 - 5 f i g . 3 - c a p a c i t a n c e b e t w e e n t e r m i n a ls c h a r a c t e r i s t ic s f i g . 2 - r e v e r s e c h a r a c t e r i s t i c s f ig . 4 - p o w e r r a ti n g d e r a ti n g c u r v e reverse voltage, (%) reverse voltage, (v) ambient temperature, (c ) t ime, (us) i p p m 0 % 2 0 % 4 0 % 6 0 % 8 0 % 1 0 0 % 0 1 0 2 0 3 0 4 0 8 us to 100% 20 us to 50us 0 3 6 9 12 15 0 10 20 30 40 cpdf5v0-hf cpdf12v -hf cpdf24v -hf 2 0 4 0 6 0 8 0 1 0 0 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 mounting on glass epoxy pcbs 0 2 0 4 0 6 0 1 0 0 1 0 0 n 1 u 1 0 u 1 0 n ra ting and characteristic cur ves (cpdf series-hf) 8 0 qw -g7006 rev :b c o m c h i p s m d d i o d e s p e c i a l i s t
page 3 smd esd protection diode comchip t echnology co., l td. t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed b c d d d 2 d 1 e f p p 0 p 1 t s y m b o l a w w 1 reel t aping specification ( m m ) ( i n c h ) 0 . 0 6 1 0 . 0 0 4 0 . 1 0 4 0 . 0 0 4 0 . 0 4 1 0 . 0 0 4 0 . 0 6 1 0 . 0 0 2 7 . 0 0 8 0 . 0 4 2 . 3 6 2 m i n . 0 . 5 1 2 0 . 0 0 8 s y m b o l ( m m ) ( i n c h ) 0 . 0 6 9 0 . 0 0 4 0 . 1 3 8 0 . 0 0 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 0 0 9 0 . 0 0 2 0 . 3 1 5 0 . 0 0 8 0 . 5 3 1 m a x . 1 . 5 5 0 . 1 0 2 . 6 5 0 . 1 0 4 . 0 0 0 . 1 0 1 . 5 5 0 . 0 5 3 . 5 0 0 . 0 5 1 . 7 5 0 . 1 0 6 0 . 0 m i n . 1 3 . 0 0 . 2 0 1 . 0 5 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 0 . 2 3 0 . 0 5 8 . 0 0 0 . 2 0 1 3 . 5 m a x . 1 7 8 1 qw -g7006 rev :b c o m c h i p s m d d i o d e s p e c i a l i s t o 1 2 0 1 0 0 5 ( s o d - 3 2 3 f ) 1 0 0 5 ( s o d - 3 2 3 f ) i n d e x h o l e d e f b w p p 0 p 1 a
page 4 smd esd protection diode comchip t echnology co., l td. suggested p ad layout part number cpdf5v0-hf marking code e05 marking code cpdf12v -hf e12 cpdf24v -hf e24 size (inch) 0.083 (mm) 2.10 1.20 1.20 0.047 0.047 1005/sod-323f 3.30 0.130 e 0.90 0.035 standard packaging case t ype qty per reel (pcs) 4,000 1005/sod-323f reel size (inch) 7 a b c d a c b e d xxx xxx = product type marking code qw -g7006 rev :b c o m c h i p s m d d i o d e s p e c i a l i s t


▲Up To Search▲   

 
Price & Availability of CPDF12V-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X