Part Number Hot Search : 
ADUM1 74LS245N 74LS245N C206M E170A SSR10C40 SA75A SK12F
Product Description
Full Text Search
 

To Download CND0102A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 irda CND0102A optical transceiver module for irda overview CND0102A is a high speed response, high reliability infrared data link device. it consists of a high speed gaalas infrared light emitting diode, a high speed pin photodiode and a post processing ic, and they are housed in a single package. features conformable to irda 1.1 (max. 4 mbps) small size package compatible with reflow soldering process high electromagnetic noise immunity includes shutdown function applications notebook computers peripheral devices for personal computers digital still cameras absolute maximum ratings (ta = 25?c) parameter symbol ratings unit transmitter tx led peak forward current i fp *1 500 ma data input voltage v i C 0.5 to v cc +0.5 v supply voltage v cc C 0.5 to +7 v receiver rx output sinking current i ol 10 ma data output voltage v o C 0.5 to v cc +0.5 v temperature operating ambient temperature t opr 0 to +70 ?c storage temperature t stg C20 to +85 ?c *1 duty ratio 20%, pulse width 90 m s 1: gnd 2: sd 3: v cc 4: rxd? 5: rxd? 6: txd 7: ledc 8: leda unit : mm 13.6 7 (4.2) 0.9 5.5 8 - 0.5 7 - 1.27 123456 78 7.9 (3.2) 5.6 6.9 3.2 4.1 r2.8 r2.6 2.9 maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
2 CND0102A irda block diagram electro-optical characteristics (ta = 25?c, v cc = 5v) parameter symbol conditions min typ max unit operating supply voltage v cc 4.5 5.0 5.5 v supply current (receiver) i cc v cc = 5v, v i = 0.3v, v sd 0.5v (light shut off) 10.0 15.0 ma supply current (shut down) i ccsd v cc = 5v, v cc 3 v sd 3 v cc C 0.3v 0.07 0.1 ma v i = 0.3v (light shut off) data rates rxd C a 115.2kbps, rxd C b > 115.2kbps 9.6k 4m bps peak emission wavelength l p 850 870 900 nm led peak current i fp v cc = 5v, v sd 0.5v 400 450 ma radiant h level i eh v cc = 5v, v i = 2.5v, v sd 0.5v 100 300 mw/sr intensity l level i el v cc = 5v, v i 0.5v, v sd 0.5v 0.3 m w/sr tx high level input voltage v ih v cc = 5v, v sd 0.5v 2.5 v cc v low level input voltage v il v cc = 5v, v sd 0.5v 0 0.5 v half angle a 15 30 deg. rise time, fall time t r , t f v cc = 5v, pulse width t w = 1.6 m s40ns maximum transfer distance l max v cc = 5v, r led = 6.8 w 1m rx high level output voltage v oh i oh 20 m a, v sd 0.5v (light shut off) 2.4 v low level output voltage v ol i ol 1ma, v sd 0.5v 0.5 v leda ledc 0.1 m f 5v 10 m f 6.8 w rxd-a txd v cc sd comparator comparator amp. pd amp. rxd-b 470pf 5.1k w gnd maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/


▲Up To Search▲   

 
Price & Availability of CND0102A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X