Part Number Hot Search : 
MK3754A 2SC47 TPD41 06006 STS2309 TPCA8 RCA31Y ACS86MS
Product Description
Full Text Search
 

To Download CMUDM7004-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum rating: (t a =25c) symbol units drain-source voltage v ds 30 v gate-source voltage v gs 8.0 v continuous drain current i d 450 ma power dissipation p d 250 mw operating and storage junction temperature t j , t stg -65 to +150 c electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min typ max units i gssf , i gssr v gs =8.0v, v ds =0 3.0 a i dss v ds =30v, v gs =0 1.0 a bv dss v gs =0, i d =10a 30 v v gs(th) v ds =v gs , i d =250a 0.5 1.0 v v sd v gs =0, i s =400ma 0.5 1.1 v r ds(on) v gs =4.5v, i d =200ma 280 460 m r ds(on) v gs =2.5v, i d =100ma 390 560 m r ds(on) v gs =1.8v, i d =75ma 550 730 m q g(tot) v ds =15v, v gs =4.5v, i d =1.0a 0.792 nc q gs v ds =15v, v gs =4.5v, i d =1.0a 0.15 nc q gd v ds =15v, v gs =4.5v, i d =1.0a 0.23 nc g fs v ds =10v, i d =100ma 200 ms c rss v ds =25v, v gs =0, f=1.0mhz 5.0 10 pf c iss v ds =25v, v gs =0, f=1.0mhz 43 45 pf c oss v ds =25v, v gs =0, f=1.0mhz 8.0 15 pf t on v ds =5.0v, v gs =4.0v, i d =75ma, r g =10 20 ns t off v ds =5.0v, v gs =4.0v, i d =75ma, r g =10 75 ns cmudm7004 surface mount n-channel enhancement-mode silicon mosfet description: the central semiconductor cmudm7004 is an enhancement-mode n-channel mosfet, manufactured by the n-channel dmos process, designed for high speed pulsed amplifier and driver applications. this mosfet offers low r ds(on) and low theshold voltage. marking code: 74c features: ? esd protection up to 2kv ? low r ds(on) ? low threshold voltage ? logic level compatible ? small, sot-523 surface mount package ? complimentary p-channel mosfet: cmudm8004 applications: ? load/power switches ? power supply converter circuits ? battery powered portable devices sot-523 case r2 (2-august 2011) www.centralsemi.com
cmudm7004 surface mount n-channel enhancement-mode silicon mosfet pin configuration (bottom view) sot-523 case - mechanical outline lead code: 1) gate 2) source 3) drain marking code: 74c www.centralsemi.com r2 (2-august 2011)


▲Up To Search▲   

 
Price & Availability of CMUDM7004-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X