Part Number Hot Search : 
L91110 MPSW05G 3013T D1020 PINAB25 M50940 1N5450 DEIC515
Product Description
Full Text Search
 

To Download APC3216EC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: cda0270 rev no: v.1 date: oct/23/2001 page: 1 of 5 approved : j. lu checked : drawn: m.f.cai description the high efficiency red source color devices are made with gallium arsenide phosphide on gallium phosphide orange light emitting diode. the super bright green source color devices are made with gallium phosphide green light emitting diode. the yellow source color devices are made with gallium arsenide phosphide on gallium phosphide yellow light emitting diode. 3.2x1.6mm smd chip led lamps APC3216EC high efficiency red apc3216sgc super bright green apc3216yc yellow notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.2(0.0079") unless otherwise noted. 3. lead spacing is measured where the lead emerge package. 4. specifications are subject to change without notice. features ! 3.2mmx1.6mm smt led, 1.1mm thickness. ! low power consumption. ! wide viewing angle. ! ideal for backlight and indicator. ! various colors and lens types available. ! package : 2000pcs / reel. package dimensions
spec no: cda0270 rev no: v.1 date: oct/23/2001 page: 2 of 5 approved : j. lu checked : drawn: m.f.cai electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c note: 1. 1/10 duty cycle, 0.1ms pulse width. selection guide note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. l o b m y sl o b m y s l o b m y s l o b m y sl o b m y sr e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a pe c i v e de c i v e d e c i v e d e c i v e de c i v e d. p y t. p y t . p y t . p y t. p y t. x a m. x a m . x a m . x a m. x a ms t i n us t i n u s t i n u s t i n us t i n us n o i t i d n o c t s e ts n o i t i d n o c t s e t s n o i t i d n o c t s e t s n o i t i d n o c t s e ts n o i t i d n o c t s e t k a e p h t g n e l e v a w k a e p d e r y c n e i c i f f e h g i h n e e r g t h g i r b r e p u s w o l l e y 7 2 6 5 6 5 0 9 5 m na m 0 2 = f i d h t g n e l e v a w e t a n i m o d d e r y c n e i c i f f e h g i h n e e r g t h g i r b r e p u s w o l l e y 5 2 6 8 6 5 8 8 5 m na m 0 2 = f i ? 2 / 1 h t d i w f l a h e n i l l a r t c e p s d e r y c n e i c i f f e h g i h n e e r g t h g i r b r e p u s w o l l e y 5 4 0 3 5 3 m na m 0 2 = f i ce c n a t i c a p a c d e r y c n e i c i f f e h g i h n e e r g t h g i r b r e p u s w o l l e y 5 1 5 1 0 2 f pz h m 1 = f ; v 0 = f v v f e g a t l o v d r a w r o f d e r y c n e i c i f f e h g i h n e e r g t h g i r b r e p u s w o l l e y 0 . 2 2 . 2 1 . 2 5 . 2 5 . 2 5 . 2 va m 0 2 = f i i r t n e r r u c e s r e v e r d e r y c n e i c i f f e h g i h n e e r g t h g i r b r e p u s w o l l e y 0 1a uv 5 = r v r e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a pd e r y c n e i c i f f e h g i hd e r y c n e i c i f f e h g i h d e r y c n e i c i f f e h g i h d e r y c n e i c i f f e h g i hd e r y c n e i c i f f e h g i hn e e r g t h g i r b r e p u sn e e r g t h g i r b r e p u s n e e r g t h g i r b r e p u s n e e r g t h g i r b r e p u sn e e r g t h g i r b r e p u sw o l l e yw o l l e y w o l l e y w o l l e yw o l l e ys t i n us t i n u s t i n u s t i n us t i n u n o i t a p i s s i d r e w o p5 0 15 0 15 0 1w m t n e r r u c d r a w r o f c d0 35 20 3a m ] 1 [ t n e r r u c d r a w r o f k a e p0 6 10 4 10 4 1a m e g a t l o v e s r e v e r555v e r u t a r e p m e t g n i t a r e p o 0 4 - 5 8 + o t c c e r u t a r e p m e t e g a r o t s 0 4 - 5 8 + o t c c . o n t r a p. o n t r a p . o n t r a p . o n t r a p. o n t r a pe c i de c i d e c i d e c i de c i de p y t s n e le p y t s n e l e p y t s n e l e p y t s n e le p y t s n e l ) d c m ( v i) d c m ( v i ) d c m ( v i ) d c m ( v i) d c m ( v i a m 0 2 @ g n i w e i vg n i w e i v g n i w e i v g n i w e i vg n i w e i v e l g n a . n i m. n i m . n i m . n i m. n i m. p y t. p y t . p y t . p y t. p y t 2 / 1 22 / 1 2 2 / 1 2 2 / 1 22 / 1 2 c e 6 1 2 3 c p a) p a g / p s a a g ( d e r y c n e i c i f f e h g i hr a e l c r e t a w52 1 0 2 1 c g s 6 1 2 3 c p a) p a g ( n e e r g t h g i r b r e p u sr a e l c r e t a w32 1 0 2 1 c y 6 1 2 3 c p a) p a g / p s a a g ( w o l l e yr a e l c r e t a w28 0 2 1
spec no: cda0270 rev no: v.1 date: oct/23/2001 page: 3 of 5 approved : j. lu checked : drawn: m.f.cai high efficiency red APC3216EC
spec no: cda0270 rev no: v.1 date: oct/23/2001 page: 4 of 5 approved : j. lu checked : drawn: m.f.cai super bright green apc3216sgc yellow apc3216yc
spec no: cda0270 rev no: v.1 date: oct/23/2001 page: 5 of 5 approved : j. lu checked : drawn: m.f.cai recommended soldering pattern (units : mm) tape specifications (units : mm) apc3216 smt reflow soldering instructions number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.


▲Up To Search▲   

 
Price & Availability of APC3216EC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X