Part Number Hot Search : 
1N5346B 1010S AHC3G KBPC801 USFB13A 30106 MIHW1018 30106
Product Description
Full Text Search
 

To Download ACGRKM4001-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings (at t a =25c unless otherwise noted) page 1 aqw -a3g01 smd general purpose rectifiers rev :b comchip t echnology co., l td. mechanical data features reverse v oltage: 50 to 1000 v olts forward current: 1.0 amp rohs device ACGRKM4001-HF thru. acgrkm4007-hf halogen free pa ra m et er sy mb ol un it maximum repetitive peak reverse voltage maximum dc blocking voltage maximum rms voltage maximum averaged forward current maximum instantaneous forward voltage at i f =1.0a forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method) thermal resistance, junction to ambient air operating junction temperature storage temperature range v rrm v dc v rms i o v f i fsm i r r ja t j t stg 4001-hf acgrkm 4002-hf acgrkm 4003-hf acgrkm 4004-hf acgrkm 4005-hf acgrkm 4006-hf acgrkm 4007-hf 50 50 35 100 100 70 200 200 140 400 400 280 1.0 1.1 30 5 50 600 600 420 800 800 560 1000 1000 700 v v v a v a a c/w c c 60 -55 to +150 -65 to +170 junction capacitance c j pf 15 f=1mhz and applied 4v dc reverse voltage acgrkm reverse current at rated dc blocking voltage @t a =25c @t a =100c -case: molded plastic, sod-123f -t erminals: solderable per mil-std-750, method 2026 -polarity: indicated by cathode band -w eight: 0.027 grams approx. -epoxy: ul94v -0 rated flame retardant -ideal for surface mount applications -easy pick and place -exceeds environmental standard mil-std-19500/228 -low leakage current -comply with aec-q101 1.1 1.0 circuit diagram company reserves the right to improve product design , functions and reliability without notice. km/sod-123f d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) 0.146(3.70) 0.130(3.30) 0.071(1.8) 0.055(1.4) 0.1 10(2.8) 0.094(2.4) 0.067(1.70) 0.051(1.30) 0.032(0.80) 0.018(0.45) 0.032(0.80) 0.024(0.60) 0.024(0.60) 0.010(0.25)
page 2 rev :b comchip t echnology co., l td. rating and characteristic curves (ACGRKM4001-HF thru. acgrkm4007-hf) fig.2- forward characteristics f , f o r w a r d c u r r e n t , ( a ) v f , forward v oltage, (v) 0 . 1 fig.4- reverse characteristics percent of rated peak reverse v oltage, (%) 2 0 0 fig.5- junction capacitance 0 c j , j u n c t i o n c a p a c i t a n c e , ( p f ) v r , reverse v oltage, (v) 1 5 3 5 0 . 0 1 1 1 0 0 2 . 1 fig.1- current derating curve 0 i o , a v e r a g e f o r w a r d c u r r e n t , ( a ) t a , ambient t emperature, (c) 0 . 8 1 . 4 0 . 6 2 0 1 6 0 1 0 0 0 . 0 1 1 . 0 1 0 1 0 0 0 . 1 0 . 5 0 . 2 1 . 3 1 . 7 5 2 0 3 0 0 . 4 6 0 1 2 0 1 . 0 1 . 2 0 . 9 o t j =25 c pulse width=300 s 1% duty cycle 0 . 1 1 0 1 0 2 5 f=1mhz applied 4vdc reverse voltage 1 4 0 4 0 8 0 single phase, half wave, 60hz, resistive or inductive load fig.3- non-repetitive forward surge current 0 i f s m , p e a k f o r w a r d s u r g e c u r r e n t , ( a ) number of cycles at 60hz 5 0 1 1 0 1 0 0 2 0 4 0 1 0 3 0 o t j =25 c 8.3ms single half sine wave, jedec method smd general purpose rectifiers 1 2 0 1 6 0 aqw -a3g01 8 0 4 0 0 0 . 0 1 1 0 1 0 0 0 . 1 1 . 0 i r , r e v e r s e c u r r e n t , ( a ) o c t j =100 c o t j =25 company reserves the right to improve product design , functions and reliability without notice.
page 3 rev :b comchip t echnology co., l td. smd general purpose rectifiers aqw -a3g01 company reserves the right to improve product design , functions and reliability without notice. o 1 2 0 d 1 d 2 d w 1 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start direction of feed reel t aping specification b c d d d 2 d 1 s y m b o l ( m m ) ( i n c h ) 2 . 4 4 0 m i n . 4 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 6 2 . 0 m i n . 1 3 . 0 0 . 5 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 8 . 0 0 0 . 3 0 1 1 . 4 0 1 . 0 1 7 8 2 . 0 0 0 . 0 5 9 0 . 0 0 4 7 . 0 0 0 . 0 7 9 0 . 5 1 2 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 4 4 9 0 . 0 0 4 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 3 . 5 0 0 . 1 0 0 . 1 3 8 0 . 0 0 4 1 . 9 0 0 . 1 0 0 . 0 7 5 0 . 0 4 3 . 9 0 0 . 1 0 0 . 1 5 4 0 . 0 4 1 . 6 8 0 . 1 0 0 . 0 6 6 0 . 0 4 0 . 2 3 0 . 1 0 t 0 . 0 0 9 0 . 0 0 4 0 . 3 1 5 0 . 0 1 2 t c i n d e x h o l e d e f b w p p 0 p 1 a s o d - 1 2 3 f k m / a s o d - 1 2 3 f k m /
page 4 rev :b comchip t echnology co., l td. smd general purpose rectifiers aqw -a3g01 y ear code y = y ear code (per a. d ) (2012: 2 , 2013: 3 , .....) product type marking code xx yw w eek code y ear code (per a. d ) - from 1~26 w eeks product code printed for example as follows: manufacture date_ y ear: 2012 / w eek:13 product code printed: a5 2m a5 2m p/n: acgrkm4005-hf - from 27~52 w eeks product type marking code xx y w w eek code y ear code (per a. d ) for example as follows: p/n: acgrkm4005-hf manufacture date_ y ear: 2012 / w eek: 39 product code printed: a5 m2 a5 a5 m2 marking code part number a1 marking code acgrkm4002(t)-hf acgrkm4003(t)-hf acgrkm4004(t)-hf acgrkm4005(t)-hf a2 a3 a4 a5 acgrkm4001(t)-hf acgrkm4006(t)-hf a6 acgrkm4007(t)-hf a7 c o d e 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 a b c d e f g h i j k l w e e k c o d e w e e k c o d e w e e k c o d e w e e k 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 n o p q r s t u v w x 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 1 3 m 2 5 y 3 7 2 6 z a b c d e f g h i j k l m 3 8 3 9 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 4 8 4 9 5 0 n o p q r s t u v w x 5 1 y 5 2 z w eek code 1) suf fix code after part number to note: p a c k a g i n g r e e l p a c k 7 c o d e n a r e e l p a c k 1 3 t specify packaging item . company reserves the right to improve product design , functions and reliability without notice.
page 5 rev :b comchip t echnology co., l td. smd general purpose rectifiers a b c e d aqw -a3g01 size (inch) 0.130 (mm) 3.30 1.40 1.90 0.055 0.075 4.70 0.185 e 1.90 0.075 b c d a km/sod-123f suggested p ad layout company reserves the right to improve product design , functions and reliability without notice. standard packaging c a s e t y p e 2 , 5 0 0 r e e l ( p c s ) reel size (inch) 7 r e e l p a c k s o d - 1 2 3 f k m / 1 0 , 0 0 0 1 3


▲Up To Search▲   

 
Price & Availability of ACGRKM4001-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X