Part Number Hot Search : 
EA401 74AUP1G 1761184 IT1336E MM5Z6V2 TT2127 CM7336 8610A
Product Description
Full Text Search
 

To Download A42L0616S-45L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a42l0616 series preliminary 1m x 16 cmos dynamic ram with edo page mode preliminary (june, 2001, version 0.0) amic technology, inc. document title 1m x 16 cmos dynamic ram with edo page mode revision history rev. no. history issue date remark 0.0 initial issue june 13, 2001 preliminary
a42l0616 series preliminary 1m x 16 cmos dynamic ram with edo page mode preliminary (june, 2001, version 0.0) 1 amic te chnology, inc. features n organization: 1,048,576 words x 16 bits n part identification - a42l0616 (1k re f.) - a42l06161 - l (1k ref. with self - refresh) n single 3.3v power supply/built - in vbb generator n low power consumption - operating: 130ma ( - 45 max) - standby: 1ma (ttl), 0.2ma (cmos) 250 m a (self - refresh current) n high speed - 45/50/60 ns ras access time - 23/25/30 ns column address access time - 13/15/17 ns cas access time - 16/20/25 ns edo page mode cycle time n fast page mode with extended data out n separate cas ( ucas , lcas ) for byte selection n refresh cycle part no. refresh cycle refresh interval normal l - ver a42l0616 1k 16ms 128ms n read - modify - write, ras - only, cas - before - ras , hidden refresh cap ability n ttl - compatible, three - state i/o n jedec standard packages - 400mil, 42 - pin soj - 400mil, 50/44 tsop type ii package general description the a42l0616 is a new generation randomly accessed memory for graphics, organized in a 1,048,576 - word by 16 - bit c onfiguration. this product can execute byte write and byte read operation via two cas pins. the a42l0616 offers an accelerated fast page mode pin configuration n n soj n n tsop vcc i/o 0 i/o 1 nc nc a1 a2 a3 a4 a5 a6 a7 a8 i/o 13 i/o 14 i/o 15 vss a42l0616s 23 we ras i/o 12 oe i/o 2 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 nc nc vcc ucas lcas nc i/o 8 i/o 9 i/o 10 i/o 11 vss 20 19 18 12 16 17 13 14 15 11 10 9 8 7 6 5 4 3 2 1 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 vcc i/o 0 i/o 1 nc a0 a1 a2 a4 a5 a6 a7 a8 i/o 13 i/o 14 i/o 15 vss a42l0616v 24 we ras i/o 12 i/o 2 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 nc nc nc vcc vss lcas ucas nc i/o 8 i/o 9 i/o 10 i/o 11 vss 21 20 19 13 17 18 14 15 16 12 10 9 8 7 6 5 4 3 2 1 25 26 27 28 29 30 31 32 33 35 36 37 38 39 40 41 42 43 44 vcc oe 21 22 vss vcc a0 a9 11 22 23 a3 a9 nc 34 nc cycle with a feature called extended data out (edo). this allow random access of up to 1024 words within a row at a 63/50/40 mhz edo cycle, making the a42l0616 ideally suited for graphics, digital signal processing and high performance computing systems. pin descriptions symbol de scription a0 ? a9 address inputs i/o 0 - i/o 15 data input/output ras row address strobe lcas column address strobe for lower byte (i/o 0 ? i/o 7 ) ucas column address strobe for upper byte (i/o 8 ? i/o 15 ) we write enable oe output enable vcc 3.3v power supply vss ground nc no connection
a42l0616 series preliminary (june, 2001, version 0.0) 2 amic technology, inc. selection guide symbol description - 45 - 50 - 60 unit t rac maximum ras access time 45 50 60 ns t aa maximum column address access time 23 25 30 ns t cac maximum cas access time 13 15 17 ns t oea maximum output enable ( oe ) access time 13 13 15 ns t rc minimum read or write cycle time 79 84 104 ns t pc mini mum edo cycle time 16 20 25 ns functional description the a42l0616 reads and writes data by multiplexing an 20 - bit address into a 10 - bit row and 10 - bit column address. ras and cas are used to strobe the row addre ss and the column address, respectively. the a42l0616 has two cas inputs: lcas controls i/o 0 - i/o 7 , and ucas controls i/o 8 - i/o 15 , ucas and lcas function in an identical manner to cas in that either will generate an internal cas signal. the cas function and timing are determined by the first cas ( ucas or lcas ) to transition low and by the last to transition high. byte read and byte write are controlled by using lcas and ucas separately. a read cycle is performed by holding the we signal h igh during ras / cas operation. a write cycle is executed by holding the we signal low during ras / cas operation; the input data is latched by the falling edg e of we or cas , whichever occurs later. the data inputs and outputs are routed through 16 common i/o pins, with ras , cas , we and oe c ontrolling the in direction. edo page mode operation all 1024(1k) columns within a selected row to be randomly accessed at a high data rate. a edo page mode cycle is initiated with a row address latched by ras followed by a column addr ess latched by cas . while holding ras low, cas can be toggled to strobe changing column addresses, thus achieving shorter cycle times. the a42l0616 offers an accelerated fast page mode cycle throu gh a feature called extended data out, which keeps the output drivers on during the cas precharge time (t cp ). since data can be output after cas goes high, the user is not required to wait for valid data to appear be fore starting the next access cycle. data - out will remain valid as long as ras and oe are low, and we is high; this is the only characteristic which differentiates extended data out operation fr om a standard read or fast page read. a memory cycle is terminated by returning both ras and cas high. memory cell data will retain its correct state by maintaining power and accessing all 1024(1k) combinations of t he 10 - bit row addresses, regardless of sequence, at least once every 16ms through any ras cycle (read, write) or ras refresh cycle ( ras - only, cbr, or hidden). the cbr refresh cycle automatically c ontrols the row addresses by invoking the refresh counter and controller. power - on the initial application of the vcc supply requires a 200 s wait followed by a minimum of any eight initialization cycles containing a ras clock. durin g power - on, the vcc current is dependent on the input levels of ras and cas . it is recommended that ras and cas track with vcc or be held at a valid v ih during power - on to avoid current surges.
a42l0616 series preliminary (june, 2001, version 0.0) 3 amic technology, inc. block diagram recommended operating conditions (ta = 0 c to +70 c) symbol description min. typ. max. unit notes vcc power supply 3.0 3.3 3.6 v 1 vss input high voltage 0.0 0.0 0.0 v 1 v ih input high voltage 2.0 - vcc + 0.3 v 1 v il input low voltage - 1.0 - 0.8 v 1 control clocks vbb generator refresh timer refresh control refresh counter row address buffer col. address buffer row decoder column decoder memory array 1,048,576 x 16 cells sense amps & i/o lower data in buffer lower data out buffer upper data in buffer upper data out buffer vcc vss ras ucas lcas we a0~a9 a0~a9 i/o 0 to i/o 7 i/o 8 to i/o 15 oe
a42l0616 series preliminary (june, 2001, version 0.0) 4 amic technology, inc. truth table function ras ucas lcas we oe address i/os notes standby h x x x x x high - z read: word l l l h l row/col. data out read: lower byte l h l h l row/col. i/o 0 - 7 = data out i/o 8 - 15 = high - z read: upper byte l l h h l row/col. i/o 0 - 7 = high - z i/o 8 - 15 = data out write: word l l l l h row/col. data in write: lower byte l h l l h row/col. i/o 0 - 7 = data in i/o 8 - 15 = x write: upper byte l l h l h row/col. i/o 0 - 7 = x i/o 8 - 15 = data in read - write l l l h ? l l ? h row/col. data out ? data in 1,2 edo - page - mode read: hi - z - first cycle - subsequent cycles l l h ? l h ? l h ? l h ? l h h h ? l h ? l row/col. col. data out data out 2 2 edo - page - mode write - first cycle - subsequent cycles l l h ? l h ? l h ? l h ? l l l h h row/col. col. data in data in 1 1 edo - page - mode read - write - first cycle - subsequent cycles l l h ? l h ? l h ? l h ? l h ? l h ? l l ? h l ? h row/col. col. data out ? data in data out ? data in 1, 2 1, 2 hidden refresh read l ? h ? l l l h l row/col. data out 2 hidden refresh write l ? h ? l l l l x row/col. data in ? high - z 1 ras - only ref resh l h h x x row high - z cbr refresh h ? l l l x x x high - z 3 self refresh h ? l l l h x x high - z note: 1. byte write may be executed with either ucas or lcas active. 2. byte read may be executed with either ucas or lcas active. 3. only one cas signal ( ucas or lcas ) must be active.
a42l0616 series preliminary (june, 2001, version 0.0) 5 amic technology, inc. absolute maximum ratings* input voltage (vin) . . . . . . . . . . . . . . . . . . . . - 0.5v to +4.6v output voltage (vout) . . . . . . . . . . . . . . . . . - 0.5v to +4.6v power supply voltage (vcc) . . . . . . . . . . - 0.5v to +4.6v operating temperature (t opr ) . . . . . . . . . 0 c to +70 c storage temperature (t stg ) . . . . . . . . - 55 c to +150 c soldering temperature x time (t solder ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260 c x 10sec power dissipation (p d ) . . . . . . . . . . . . . . . . . . . . . . . . . 1w sho rt circuit output current (iout) . . . . . . . . . . . . . 50ma latch - up current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200ma *comments stresses above those listed under "absolute maximum ratings" may cause permanent damage to this devi ce. these are stress ratings only. functional operation of this device at these or any other conditions above those indicated in the operational sections of these specification is not implied or intended. exposure to the absolute maximum rating conditions for extended periods may affect device reliability. dc electrical characteristics (vcc = 3.3v 0.3%, vss = 0v, ta = 0 c to +70 c) - 45 - 50 - 60 symbol parameter min. max. min. max. min. max. unit test conditions notes i il input leakage current - 5 +5 - 5 +5 - 5 +5 m a 0v vin vin+0.3v pins not under test = 0v i ol output leakage current - 5 +5 - 5 +5 - 5 +5 m a d out disabled, 0v vout vcc i cc1 operating power supply current - 130 - 120 - 110 ma ras , ucas , lcas and address cycling; t rc = min. 1, 2 i cc2 ttl supply current supply current - 1 - 1 - 1 ma ras = ucas = lcas = we = v ih i cc3 average power supply current, ras refresh mode - 130 - 120 - 110 ma ras and address cycling, ucas = lcas = v ih , t rc = min. 1 i cc4 edo page mode average power supply current - 110 - 100 - 90 ma ras and ad dress = v il , ucas , lcas and address cycling; t pc = min. 1, 2 i cc5 cas - before - ras refresh power supply current - 120 - 110 - 100 ma ras , ucas or lcas cycling; t rc = min. 1 i cc6 cmos standby power supply current - 0.2 - 0.2 - 0.2 ma ras = ucas = lcas = we = vcc - 0.2v i cc7 self refresh mode cur rent - 250 - 250 - 250 m a ras = cas vss+0.2v all other input high levels are vcc - 0.2v or input low levels are vss +0.2v v oh 2.4 - 2.4 - 2.4 - v i out = - 2ma v ol output voltage - 0.4 - 0.4 - 0.4 v i out = 2ma
a42l0616 series preliminary (june, 2001, version 0.0) 6 amic technology, inc. ac characteristics (vcc = 3.3v 0.3%, vss = 0v, ta = 0 c to +70 c) test conditions: input timing reference level: v ih /v il =2.0v/0.8v output reference level: v oh /v ol =2.0v/0.8v output load: 2ttl gate + cl (50pf) assumed t t =2ns - 45 - 50 - 60 # std symbol parameter min. max. min. max. min. max. unit notes t t transition time (rise and fall) 1 50 1 50 1 50 ns 4, 5 t ref refresh period - 16 - 16 - 16 ms 3 1 t rc random read or write cycle time 79 - 84 - 104 - ns 2 t rp ras precharge t ime 30 - 30 - 40 - ns 3 t ras ras pulse width 45 10k 50 10k 60 10k ns 4 t cas cas pulse width 7 10k 8 10k 10 10k ns 5 t rcd ras to cas delay time 19 31 20 35 20 43 ns 6 6 t r ad ras to column address delay time 14 22 15 25 15 30 ns 7 7 t rsh cas to ras hold time 13 - 13 - 17 - ns 8 t csh cas hold time 36 - 40 - 50 - ns 9 t crp cas to ras precharge time 5 - 5 - 5 - ns 10 t asr row address setup time 0 - 0 - 0 - ns 11 t rah row address hold time 9 - 10 - 10 - ns 12 t clz cas to output in low z 3 - 3 - 3 - ns 8 13 t rac access time from ras - 45 - 50 - 60 ns 6,7 14 t cac access time from cas - 13 - 15 - 17 ns 6, 13 15 t aa access time from column address - 23 - 25 - 30 ns 7, 13 16 t ar column address hold time from ras 23 - 25 - 3 0 - ns 17 t rcs read command setup time 0 - 0 - 0 - ns 18 t rch read command hold time 0 - 0 - 0 - ns 9 19 t rrh read command hold time reference to ras 0 - 0 - 0 - ns 9
a42l0616 series preliminary (june, 2001, version 0.0) 7 amic technology, inc. ac characteristics (continued) (vcc = 3.3v 0.3%, vss = 0v, ta = 0 c to +70 c) test conditions: input timing reference level: v ih /v il =2.0v/0.8v output reference level: v oh /v ol =2.0v/0.8v output load: 2ttl gate + cl (50pf) assumed t t =2ns - 45 - 50 - 60 # std symbol parameter min. max. min. max. min. max. unit notes 20 t ral column address to ras lead time 23 - 25 - 30 - ns 21 t coh output hold after cas low 4 - 5 - 5 - ns 22 t ods output disable setup time 0 - 0 - 0 - ns 23 t off output buffer turn - off delay time 3 13 3 13 3 15 ns 8, 10 24 t asc column address setup time 0 - 0 - 0 - ns 25 t cah column address hold time 7 - 8 - 10 - ns 26 t oes oe low to cas high set up 3 - 3 - 3 - ns 27 t wcs write command setup time 0 - 0 - 0 - ns 11 28 t wch write command hold time 8 - 10 - 10 - ns 11 29 t wcr write command hold time to ras 23 - 25 - 30 - ns 30 t wp write command pulse width 8 - 10 - 10 - ns 31 t rwl write command to ras lead time 10 - 13 - 15 - ns 32 t cwl write command to cas lead time 7 - 8 - 10 - ns 33 t ds data - in setup time 0 - 0 - 0 - ns 12 34 t dh data - in hold time 7 - 8 - 10 - ns 12 35 t dhr data - in hold time to ras 23 - 25 - 30 - ns 36 t rwc read - modify - write cycle time 105 - 115 - 140 - ns 37 t rwd ras to we delay time (read - modify - write) 59 - 67 - 79 - ns 11 38 t cwd cas to we delay time (read - modify - write) 28 - 32 - 36 - ns 11
a42l0616 series preliminary (june, 2001, version 0.0) 8 amic technology, inc. ac characteristics (continued) (vcc = 3.3v 0.3%, vss = 0v, ta = 0 c to +70 c) test conditions: input timing reference level: v ih /v il =2.0v/0.8v output reference level: v oh /v ol =2.0v/0.8v output load: 2 ttl gate + cl (50pf) assumed t t =2ns - 45 - 50 - 60 # std symbol parameter min. max. min. max. min. max. unit notes 39 t awd column address to we delay time (read - modify - write) 37 - 42 - 49 - ns 11 40 t oeh oe hold time from we during 10 - 13 - 15 - ns 41 t oep oe high pulse width 5 - 5 - 5 - ns 42 t pc read or write cycle time (edo page) 16 - 20 - 25 - ns 14 43 t cpa access time from cas prechar ge (edo page) - 25 - 28 - 35 ns 13 44 t cp cas precharge time (edo page) 7 - 8 - 10 - ns 45 t pcm edo page mode rmw cycle time 39 - 47 - 56 - ns 46 t crw edo page mode cas pulse width (rmw) 31 - 34 - 38 - ns 47 t rasp ras pulse width (edo page) 45 200k 50 200k 60 200k ns 48 t csr cas setup time ( cas - before - ras ) 5 - 5 - 5 - ns 3 49 t chr cas hold time ( cas - before - ras ) 10 - 10 - 10 - ns 3 50 t rpc ras to cas precharge time ( cas - before - ras ) 5 - 5 - 5 - ns 51 t roh ras hol d time reference to oe 5 - 5 - 5 - ns 52 t oea oe access time - 13 - 13 - 15 ns 53 t oed oe to data delay 10 - 13 - 15 - ns 54 t oez output buffer turn - off delay from oe 3 13 3 13 3 13 ns 8 55 t rass ras pulse width ( c - b - r self refresh) 100 - 100 - 100 - m s 56 t rps ras precharge time ( c - b - r self refresh) 79 - 90 - 110 - ns 57 t chs cas hold time ( c - b - r self refresh) - 50 - 50 - 50 ns
a42l0616 series preliminary (june, 2001, version 0.0) 9 amic technology, inc. notes: 1. i cc1 , i cc3 , i cc4 , and i cc5 depend on cycle rate. 2. i cc1 and i cc4 depend on output loading. specified values are obtained with the outputs open. 3. an initial pause of 200 m s is required after power - up followed by any 8 ras cycles before proper device operation is achieved. in the case of an internal refresh counter, a minimum of 8 cas - before - ras initialization cycl es instead of 8 ras cycles are required. 8 initialization cycles are required after extended periods of bias without clocks. 4. ac characteristics assume t t = 2ns. all ac parameters are measured with a load equivalent to two ttl load s and 50pf, v il (min.) 3 gnd and v ih (max.) vcc. 5. v ih (min.) and v il (max.) are reference levels for measuring timing of input signals. transition times are measured between v ih and v il . 6. operation within the t rcd (max.) limit insures that t rac (ma x.) can be met. t rcd (max.) is specified as a reference point only. if t rcd is greater than the specified t rcd (max.) limit, then access time is controlled exclusively by t cac . 7. operation within the t rad (max.) limit insures that t rac (max.) can be met. t rad (max.) is specified as a reference point only. if t rad is greater than the specified t rad (max.) limit, then access time is controlled exclusively by t aa . 8. assumes three state test load (5pf and a 500 w thevenin equivalent). 9. either t rch or t rrh must be satisfied for a read cycle. 10. t off (max.) defines the time at which the output achieves the open circuit condition; it is not referenced to output voltage levels. 11. t wcs , t wch , t rwd , t cwd and t awd are not restrictive operating parameters. they are included in the data sheet as electrical characteristics only. if t wcs 3 t wcs (min.) and t wch 3 t wch (min.), the cycle is an early write cycle and data - out pins will remain open circuit, high impedance, throughout the entire cycle. if t rwd 3 t rwd (min.) , t cwd 3 t cwd (min.) and t awd 3 t awd (min.), the cycle is a read - modify - write cycle and the data out will contain data read from the selected cell. if neither of the above conditions is satisfied, the condition of the data out at access time is indeterminate. 12. these parameters are referenced to ucas and lcas leading edge in early write cycles and to we leading edge in read - modify - write cycle s. 13. access time is determined by the longer of t aa or t cac or t cpa . 14. t asc 3 t cp to achieve t pc (min.) and t cpa (max.) values.
a42l0616 series preliminary (june, 2001, version 0.0) 10 amic technology, inc. word read cycle t ras(3) t rp(2) t rc(1) t crp(9) t csh(8) t rcd(5) t rsh(7) t cas(4) t asr(10) t crp(9) t rah(11) t asc(24) t cah(25) t rad(6) t ral(20) t rch(18) t rrh(19) t ar(16) t rcs(17) t roh(51) t oea(52) t rac(13) t aa(15) t cac(14) t clz(12) t oez(54) t off(23) high-z : high or low valid data-out row address column address i/o 0 ~ i/o 15 oe we address ucas lcas ras
a42l0616 series preliminary (june, 2001, version 0.0) 11 amic technology, inc. word write cycle (early write) t ras(3) t rp(2) t rc(1) t crp(9) t csh(8) t rcd(5) t rsh(7) t cas(4) t asr(10) t crp(9) t rah(11) t asc(24) t cah(25) t rad(6) t ral(20) t wch(28) : high or low row address column address i/o 0 ~ i/o 15 oe address ucas lcas ras t ar(16) t cwl(32) t rwl(31) t wp(30) t wcs(27) valid data-in t ds(33) t dh(34) we t wcr(29) t dhr(35)
a42l0616 series preliminary (june, 2001, version 0.0) 12 amic technology, inc. word write cycle ( late write) t ras(3) t rp(2 ) t rc(1) t crp(9) t csh(8) t rcd(5) t rsh(7) t cas(4) t asr(10) t crp(9) t asc(24) t cah(25) t rad(6) t ral(20) row address column address address ucas lcas ras t ar(16 ) t cwl(32) t rwl(31) t wp(30) t rah(11) t oeh(40) t oed(53) t ds(33) t dh(34) i/o 0 ~ i/o 15 : high or low oe we high-z vaild data-in t wcr(29) t dhr(35)
a42l0616 series preliminary (june, 2001, version 0.0) 13 amic technology, inc. word read - modify - write cycle t ras(3) t rp(2) t rwc(36) t crp(9) t csh(8) t rcd(5) t rsh(7) t cas(4) t asr(10) t crp(9) t rah(11) t cah(25) t rad(6) row address column address address ucas lcas ras t ar(16) t rwl(31) t asc(24) t cwl(32) t awd(39) t cwd38) t rwd(37) t wp(30) t oea(52) t oez(54) t clz(12) t cac(14) t oed(53) t aa(15) t rac(13) t ds(33) t dh(34) high-z data-out data-in : high or low i/o 0 ~ i/o 15 oe we t oeh(40) t rcs(17)
a42l0616 series preliminary (june, 2001, version 0.0) 14 amic technology, inc. edo pa ge mode word read cycle t rasp(47) t rp(2) ras ucas lcas t cas(4) t cas(4) t cas(4) t rcd(5) t csh(8) t crp(9) t crp(9) t pc(42) t rsh(7) t asr(10) t rah(11) t rad(6) t ar(16) t ral(20) address oe we i/o 0 ~ i/o 15 : high or low t asc(24) t cp(44) t csh(8) t asc(24) t cah(25) t cah(25) row column column column t rch(25) t rcs(17) t rcs(17) t rch(25) t rcs(17) t cah(25) t rrh(19) t off(23) t oez(54) t aa(15) t oea(52) t oep(41) t cac(14) t clz(12) t oez(54) t cpa(43) t oes(26) t aa(15) t oea(52) t coh (21) t cac(14) t rac(13) t cac(14) t clz(12) data-out data-out data-out
a42l0616 series preliminary (june, 2001, version 0.0) 15 amic technology, inc. edo page mode early word write cycle t rasp(47) t rp(2) ras ucas lcas t cas(4) t cp(44) t cas(4) t cp(44) t cas(4) t rcd(5) t csh(8) t crp(9) t crp(9) t pc(42) t rsh(7) t asr(10) t rah(11) t rad(6) t asc(24) t cah(25) t asc(24) t cah(25) t cah(25) t asc(24) t ral(20) row column column address we t cwl(32) t wch(28) t wcs(27) t wcs(27) column t cwl(32) t wch(28) t wcs(27) t wch(28) t cwl(32) t rwl(31) t wp(30) t wp(30) t wp(30) t dh(34) t ds(33) t dh(34) t ds(33) t ds(33) t dh(34) data-in data-in data-in i/o 0 ~ i/o 15 oe : high or low
a42l0616 series preliminary (june, 2001, version 0.0) 16 amic technology, inc. edo page mode word read - modify - write cycle t rasp(47) ras t cas(4) t cp(44) t cas(4) t cp(44) t cas(4) t rcd(5) t csh(8) t crp(9) t crp(9) t pcm(45) t rsh(7) t rp(2) t asr(10) t rah(11) t rad(6) t asc(24) t cah(25) t asc(24) t cah(25) t asc(24) t cah(25) t ral(20) t rcs(17) t cwd(38) t rwd(37) t cwl(32) t cwd(38) t cwl(32) t cwd(38) t cwl(32) t rwl(31) t oea(52) t oea(52) t oea(52) t wp(30) t wp(30) t wp(30) t awd(39) t awd(39) t awd(39) t roh(51) t cac(14) t aa(15) t rac(13) t oed(53) t oez(54) t ds(33) t aa(15) t cpa(43) t dh(34) t oez(54) t oed(53) t ds(33) t dh(34) t oez(54) t ds(33) t oed(53) t dh(34) t aa(15) t cpa(43) t clz(12) t clz(12) t clz(12) high-z : high or low i/o 0 ~ i/o 15 oe we address ucas lcas data-out data-in data-out data-in data-out data-in row column column column t oeh(40)
a42l0616 series preliminary (june, 2001, version 0.0) 17 amic technology, inc. ras only refresh cycle cas before ras refresh cycle t ras(3) t rp(2) t rc(1) ras t crp(9) t rpc(50) t asr(10) t rah(11) address ucas : high or low row note: we, oe = don't care. lcas t ras(3) t rp(2) t rc(1) ras t rp(2) t rpc(50) t pc(42) t csr(48) t chr(49) t off(23) i/o 0 ~ i/o 15 ucas high-z : high or low note: we, oe, address = don't care. lcas
a42l0616 series preliminary (june, 2001, version 0.0) 18 amic technology, inc. hidden refresh cycle (wo rd read) t ras(3) t rp(2 ) t rc(1) t crp(9) t ar(16) t rcd(5) t asr(10) t crp(9) t asc(24) t cah(25) t rad(6) address ucas ras t rah(11) t rrh(19) t rcs(17) i/o 0 ~ i/o 15 : high or low oe high-z t ras(3) t rp(2 ) t chr(49) t rc(1) t rsh(7) t ral(20) t cac(14) t off(23) t aa(15) t clz(12) t rac(13) we row column valid data-out lcas
a42l0616 series preliminary (june, 2001, version 0.0) 19 amic technology, inc. hidden refresh cycle (early word write) t ras(3) t rp(2 ) t rc(1) t crp(9) t ar(16) t rcd(5) t asr(10) t crp(9) t asc(24) t cah(25) t rad(6) address ras t rah(11) : high or low oe t ras(3) t rp(2 ) t chr(49) t rc(1) t rsh(7) t ral(20) we row column t wcs(27) t wch(28) t wp(30) t ds(33) t dh(34) valid data-in i/o 0 ~ i/o 15 ucas lcas
a42l0616 series preliminary (june, 2001, version 0.0) 20 amic technology, inc. edo page mode read - early - write cycle (pseudo read - modify - write) ras : high or low i/o 0 ~ i/o 15 oe we address ucas t rp(2) t rasp(47) t crp(9) t csh(8) t rcd(5) t cas(4) t cp(44) t cas(4) t cp(44) t cas(4) t cpr(9) t rsh(7) t pc(42) t pc(42) row column column t ral(20) t cah(25) t asc(24) t cah(25) t asc(24) t cah(25) t asc(24) t asr(10) t rah(11) t rad(6) t rad(6) column t rcs(17) t rch(18) t wcs(27) t wch(28) data-out data-out data-in t dh(34) t ds(33) t aa(15) t cap(43) t cac(14) t coh(21) t aa(15) t rac(13) t cac(14) t oea(52) lcas
a42l0616 series preliminary (june, 2001, version 0.0) 21 amic technology, inc. self refresh mode (a42l06161 - l only) n self refresh mode. a. entering the self refresh mode: the a42l06161 - l self refresh mode is ent ered by using cas before ras cycle and holding ras and cas signal ?low? longer than 100 m s. b. continuing the self refresh mode: the self refresh mode is continued by holding ras ?low? after entering the self refresh mode. it does not depend on cas being ?high? or ?low? after entering the self refresh mode continue the self refresh mode. c. exiting the self refresh mode: the a42l06161 exits the self refresh mode when the ras signal is brought ?high?. t rass(55) t rp(2) t crp(9) t csr(48) t rpc(50) ras t rps(56) t chs(57) t asr(10) t cpn(42) t off(23) a0 ~ a7 : high or low high-z i/o 0 ~ i/o 15 ucas lcas row col note: we, oe = don't care.
a42l0616 series preliminary (june, 2001, version 0.0) 22 amic technology, inc. capacitance (f = 1mhz, ta = room temperature, vcc = 3.3v 0.3%) symbol signals parameter max. unit test conditions c in1 a0 ? a9 5 pf vin = 0v c in2 ras , ucas , lcas , we , oe input capacitance 7 pf vin = 0v c i/o i/o 0 - i/o 15 i/o capacitance 7 pf vin = vout = 0v ordering codes package \ ras access time 45ns 50ns 60ns refresh cycle self - refresh 42l soj (400mil) a42l0616s - 45 a42l0616s - 50 a42l0616s - 60 1k no 50(44)l tsop type ii (400mil) a42l0616v - 45 a42l0616v - 50 a42l0616v - 60 1k no 42l soj (400mil) a42l0616s - 45l a42l0616s - 50l a42l0616s - 60l 1k yes 50(44)l tsop type ii (400mil) a42l0616v - 45l a42l0616v - 50l a42l0616v - 60l 1k yes
a42l0616 series preliminary (june, 2001, version 0.0) 23 amic technology, inc. package information soj 42l outline dimensions unit: inches/mm dimensions in inches dimensions in mm symbol min nom max min nom max a 0.128 0.138 0.148 3.25 3.51 3.76 a 1 0.025 - - 0.6 4 - - a 2 0.105 0.110 0.115 2.67 2.79 2.92 b 1 0.026 0.028 0.032 0.66 0.71 0.81 b 0.015 0.018 0.020 0.38 0.46 0.51 c 0.007 0.008 0.013 0.18 0.20 0.33 d 1.075 1.080 1.085 27.31 27.43 27.56 e 0.395 0.400 0.405 10.03 10.16 10.29 e - 0.050 - - 1.27 - e 1 - 0.370 - - 9.4 - h e 0.435 0.440 0.445 11.05 11.18 11.30 l 0.082 - - 2.08 - - s - - 0.045 - - 1.14 y - - 0.003 - - 0.075 q 0 - 10 0 - 10 notes: 1. the maximum value of dimension d includes end flash. 2. dimension e does not include resin fins. 3. dimension e 1 is for pc board surface mount pad pitch design reference only. 4. dimension s includes end flash. 1 e h e 21 22 42 a 1 a 2 e e 1 c s d seating plane d y l 1 a b b q
a42l0616 series preliminary (june, 2001, version 0.0) 24 amic technology, inc. package in formation tsop 50/44l (type ii) outline dimensions unit: inches/mm dimensions in inches dimensions in mm symbol min nom max min nom max a - - 0.048 - - 1.20 a 1 0.002 - 0.006 0.05 - 0.15 a 2 0.037 0.039 0.042 0.95 1.00 1.05 b 0.012 - 0.018 0.30 - 0.45 c 0.005 - 0.008 0.12 - 0.21 d 0.820 0.825 0.830 20.82 20.95 21.08 e 0.395 0.400 0.405 10.03 10.16 10.29 e 0.0315 bsc 0.80 bsc h e 0.455 0.463 0.471 11.56 11.76 11.96 l 0.016 0.020 0.024 0.40 0.50 0.60 r 0.005 - 0.010 0.12 - 0.25 r 1 0.005 - - 0.12 - - s 0.0435 ref 0.875 bsc q 0 - 5 0 - 5 y - - 0.004 - - 0.1 notes: 1. the maximum value of dimension d includes end flash. 2. dimension e does not include resin fins. 3. dimension s includes end flash. 1 e h e l 1 c 50 a 1 a 2 a s d y e d b l q detail "a" detail "a" 25 26 seating plane rad r1 rad r


▲Up To Search▲   

 
Price & Availability of A42L0616S-45L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X