Part Number Hot Search : 
HM63921 MCH6541 POZ3AN SA636DK 500ET SI7617 20016 D1210
Product Description
Full Text Search
 

To Download 856977 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  856 977 787.5 mhz saw filter data sheet: rev a 5 / 18 /11 - 1 of 6 - disclaimer: subject to change with out notice e ? 201 1 triquint semiconductor, inc. connecting the digital world to the global network ? applications general purpose wireless wireless infrastructure 3g, 4g, multistandard repeaters product features functional block diagram top view usable bandwidth 21 mhz high attenuation low loss single - ended operation matching required fo r operation at 50 small size: 3.00 x 3.00 x 1.22 mm ceramic surface mount package (smp) hermetic ally sealed rohs compliant, pb - free g eneral description pin configuration uplink filter combining bands 13 and 14 for general purpose wireless appli cations. this filter was specifically designed in a 3x3mm hermetic package for base station applications and is part of our wide portfolio of rf filters in the same package. low insertion loss, coupled with high attenuation and good power handling, makes this filter a natural choice for our customers uplink rf filtering needs. pin # se description 2 input 5 output 1, 3,4, 6 case ground ordering info rmation part no. description 856 977 packaged part 856 977 - evb evaluation board standar d t/r size = 5000 units/reel. 4 2 3 1 6 5 input output gnd gnd gnd gnd
856 977 787.5 mhz saw filter data sheet: rev a 5 / 18 /11 - 2 of 6 - disclaimer: subject to change with out notice e ? 201 1 triquint semiconductor, inc. connecting the digital world to the global network ? specifications electrical specifications (1) specified temperature range: (2) - 30 to + 85 oc parameter (3) conditions min typical (4) max units center frequency - 787.5 - mhz maximum insertion loss 777 C 798 mhz - 2.05 2.75 db amplitude variation ( 5 ) 777 C 798 mhz - 0.5 1.4 db amplitude ripple (any 5 mhz in passband) ( 6 ) 777 C 798 mhz - 0.5 1.0 db p - p amplitude ripple ( 6 ) 777 C 798 mhz - 0.5 1.2 db p - p phase ripple 777 C 798 mhz - 42 55 deg p - p group delay ripple 777 C 798 mhz - 39 60 ns p - p absolute group delay 777 C 798 mhz - 48 55 ns attenuation ( 7 ) 70 C 120 mhz 430 C 470 mhz 591 C 614 mhz 746 C 765 mhz 765 C 768 mhz 818 C 824 mhz 843 C 857 mhz 1005 C 1026 mhz 1688 C 1711 mhz 2010 C 2052 mhz 2922 C 296 4 mhz 50 4 0 30 15 5 10 40 30 42 30 20 74 66 60 23 23 21 53 55 52 58 42 - - - - - - - - - - - db db db db db db db db db db db input /output vswr 777 C 798 mhz - 1.4 2.0 - source /load impedance ( 8 ) single - ended - 50 - notes: 1. all specifications are based on the triquint schematic for the main reference design shown on page 3 2. in production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. elect rical margin has been built into the design to account for the variations due to temperature drift and manufacturing toleranc es 4. typical values are based on average measurements at room temperature 5. describes the total variation over the defined frequency ra nge 6. this is defined as the worst difference between a peak and adjacent valley within defined frequency points 7. relative to passband loss at center frequency 8. this is the optimum impedance in order to achieve the performance shown absolute maximum ratings parameter rating operating temperature ( 9 ) - 40 to + 85 o c storage temperature - 40 to +85 o c input power ( 10khrs @ 55 o c under cw signal) ( 10 ) + 20 dbm 9. device may operate over this range with deg raded electrical specifications 10. device can also meet + 22dbm power for an applied cw modulated cw signal at 55 deg c for a minimum of 125 hours in the 777.0 - 798.0 mhz frequency band operation of this device outside the parameter ranges given above may cause permanent damage.
856 977 787.5 mhz saw filter data sheet: rev a 5 / 18 /11 - 3 of 6 - disclaimer: subject to change with out notice e ? 201 1 triquint semiconductor, inc. connecting the digital world to the global network ? reference design schematic 50 single - ended input 50 single - ended output pc board mounting configuration notes: t op, middle & bottom layer s : 1 oz copper substrat es: fr4 dielectric, .031 thick notes: 1. all dimensions are in millimeters. 2. this footprint represents a recommendation only. bill of material reference des g. value description manufacturer part number l1 8.2 nh coil wire - wound, 0402 , 5 % murata l qw15an 8 n 2 j00 l2 8.7 nh coil wire - wound, 0402 , 5 % murata lqw15an 8 n 7 j00 sma n/a sma connector radiall usa inc. 9602 - 1111 - 018 pcb n/a 3 - layer multiple 960 700 1,3,4,6, 2 5 50 50 8.2nh 8.7nh 960700 hb jjjym l1 l2 .96 3.20 sq 1.27 .38 .81 1.70
856 977 787.5 mhz saw filter data sheet: rev a 5 / 18 /11 - 4 of 6 - disclaimer: subject to change with out notice e ? 201 1 triquint semiconductor, inc. connecting the digital world to the global network ? typical performance (at room temperature)
856 977 787.5 mhz saw filter data sheet: rev a 5 / 18 /11 - 5 of 6 - disclaimer: subject to change with out notice e ? 201 1 triquint semiconductor, inc. connecting the digital world to the global network ? mechanical information package i nformation, dimensions and marking package style: smp - 12 a dimensions: 3.00 x 3.00 x 1.22 mm body: al 2 o 3 ceramic lid: kovar , ni plated terminations: au plating 0.5 - 1.0 m, over a 2 - 6 m ni plating all dimensions shown are nominal in millimeters all tolerances are 0.15mm except overall length and width 0.10mm the date code consists of day of the current year (julian, 3 digits), y = last digit of the year, and m = manufacturing site code tape and reel information standard t/r size = 5000 units/ reel. all dimensions are in millimeter s 0.69 1.22 nom. 1.32 max. 0.75 1.50 0.75 3.00 3.00 hb code marking date code jjjym logo id dot triquint 3.25 section a-a 1.75 ?1.5 4.0 a 12.0 5.5 ?1.5 4.0 2.0 3.25 1.4 0.21 a ?102 ?20.2 ?13.0 2.0 direction of travel ?330 12.8 2.7 logo id dot triquint
856 977 787.5 mhz saw filter data sheet: rev a 5 / 18 /11 - 6 of 6 - disclaimer: subject to change with out notice e ? 201 1 triquint semiconductor, inc. connecting the digital world to the global network ? product compliance information esd information esd rating: 0 value: passes 200 v min. test: human body model (hbm) standard: jedec standard jesd22 - a114 esd rating: a value: passes 150 v min. test: machine model ( mm ) standard: jedec standard jesd22 - a115 solderability compatible with th e latest version of j - std - 020, l ead free solder, 260 c refer to soldering profile for recom mended guidelines. this part is compliant with eu 2002/95/ec rohs directive (restrictions on the use of certain hazardous substances in electrical and electronic equipment). this product also has the following attributes: halogen free (chlorine, bromine ) antimony free tbbp - a (c 15 h 12 br 4 0 2 ) free pfos free svhc free msl rating devices are hermetic, therefore msl is not applicable contact information for the latest specifications, additional product information, worldwide sales and distribution locati ons, and information about triquint: web: www.triquint.com tel: +1. 407 . 886 . 8860 email: info - sales@tqs.com fax: +1. 407 . 886 . 7061 for technical questions and applic ation information: email: flapplication.engineering@tqs.com important notice the information contained herein is believed to be reliable . triquint makes no warranties regarding the information contain herein . triquint assumes no responsibility or liability whatsoever for any of the information contained her ein. triquint assumes no responsibility or liability whatsoever for the use of the information contained herein. the information contained herein is provided "as is, where is" and with all faults, and the entire risk associated with such information is entirely wi th the user. all information contained herein is subject to change without notice. customers should obtain and verify the latest relevant information before placing orders for triquint products. the information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other in tellectual property rights, whether with regard to such information itself or anything described by such information. triquint products are not warranted or authorized for use as critical components in medical, life - saving, or life - sustaining application s, or other applications where a failure would reasonably be expected to cause severe personal injury or death. caution! esd - sensitive device


▲Up To Search▲   

 
Price & Availability of 856977

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X