Part Number Hot Search : 
93C56 CO9VDC 08N60 CY7C2 2SK241 08N60 DM9334N LT1310
Product Description
Full Text Search
 

To Download ZS170BL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ! plastic package has underwriters laboratory flammability classification 94v-0 ! low zener impedance ! excellent clamping capability sma-ls mechanical data ! case molded plastic ! terminals solder plated ! polarity indicated by cathode band ! weight 0.10 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified storage and operating temperature range -55 to + 150 electrical characteristics (ta=25 unless otherwise noted) vf=1.2v max, if = 200ma for all types zener breakdown voltage dynamic impedances 25 ta maximum reverse current measurement voltage and 25 ta maximum forward voltage 25 ta if=1.0a v z i zt z zt i zk z zk v r i r v f type v maohmsmaohms v a v zs100bl z s 115 b l z s 120 b l z s 130 b l z s 140 b l z s 150 b l z s 160 b l z s 170 b l z s 180 b l z s 190 b l z s 200 b l z s 210 b l z s 220 b l z s 230 b l z s 240 b l z s 250 b l z s 260 b l z s 270 b l z s 280 b l z s 290 b l z s 300 b l z s 310 b l z s 320 b l z s 330 b l 110 115 120 130 140 150 160 170 180 190 200 210 220 230 240 250 260 270 280 290 300 310 320 330 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 750 750 850 1000 1200 1300 1500 2200 2200 2500 2500 5000 5000 5000 5000 5000 5000 5000 5000 5000 5000 5000 5000 5000 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 5000 5000 5000 5000 5000 5000 5000 5000 5000 5000 8000 9000 9000 9000 9000 9000 9000 9000 9000 9000 9000 9500 9500 9500 80 85 90 95 105 110 120 130 140 150 165 165 170 175 180 190 195 200 210 215 220 225 233 240 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 no t e U s u ff i x b 5% 0. 189 ( 4.8 ) 0. 165 ( 4.2 ) 0.012(0.3) typ. 0.110(2.8) 0.094(2.4) 0. 165 ( 4.2 ) 0. 150 ( 3.8 ) 0.075(1.9) 0.067(1.7) 0.0 4 (1.0 ) typ. 0.0 4 (1.0 ) typ. 1watt surface mount zener diode zs100bl thru zs330bl pb free product
rating and c h aracteristic curves zs100bl thru zs300bl fig. 1 - maximum continuous power dissiparion reverse power dissipation, watts instantaneous forward current, amperes ? vz temperature coefficient (mv/ ) i zt 1 0 25 50 75 100 125 150 175 lead temperature, fig. 3 - typical instantaneous forward charcteristics 10 1.0 0 .1 . 01 .4 .6 .8 1.0 1.2 1.4 1.6 instantaneous forward voltage, volts fig. 5 - typical temperature coefficients 1000 500 200 100 50 20 10 10 20 50 100 200 400 1000 v z zener voltage i zt (volts) single phase half wavf 60h z resistive or inductive load 0.375?(9.5mm) lead lengths t j =25 pulse width=300us 1% duty cycle fig. 2 - zener voltage versus zener current 10 5 2 1 0 .5 0 .2 0 .1 i z , zener current (ma) 100 150 200 250 300 350 400 v z , zener voltage (volts) fig. 4 - typical reverse characteristics 10 4 1.0 .4 0.1 .04 .01 instantaneous reverse current,microamperes 0 20 40 60 80 100 120 140 percent of rated zener voltage t j =25


▲Up To Search▲   

 
Price & Availability of ZS170BL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X