Part Number Hot Search : 
34063 2SK37 SRB1660C 4DFT2 BZV55C10 IME02TS L443HDT MA4E1338
Product Description
Full Text Search
 

To Download TC74VHCT244AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tc74vhct240,244af/aft/afk 2008-12-01 1 toshiba cmos digital integrated ci rcuit silicon monolithic tc74vhct240af,tc74vhct240aft,tc74vhct240afk TC74VHCT244AF,TC74VHCT244AFt,TC74VHCT244AFk octal bus buffer tc74vhct240af/aft/afk inverted, 3-state outputs TC74VHCT244AF/aft/afk non-inverted, 3-state outputs the tc74vhct240a and 244a are advanced high speed cmos octal bus buffers fabricated with silicon gate c 2 mos technology. they achieve the high speed operation similar to equivalent bipolar schottky ttl while maintaining the cmos low power dissipation. the tc74vhct240a is an inverting 3-state buffer having two active-low output enables. the tc74vhct244a is a non-inverting 3-state buffer, and has two active-low output enables. these devices are designed to be used with 3-state memory address drivers, etc. the input voltage are compatible with ttl output voltage. these devices may be used as a level converter for interfacing 3.3 v to 5 v system. input protection and output circu it ensure that 0 to 5.5 v can be applied to the input and output (note) pins without regard to the supply voltage. these structur e prevents device destruction due to mismatched supply and in put/output voltages such as battery back up, hot board insertion, etc. note: output in off-state features ? high speed: t pd = 6.1 ns (typ.) at v cc = 5 v ? low power dissipation: i cc = 4 a (max) at ta = 25c ? compatible with ttl inputs: v il = 0.8 v (max) v ih = 2.0 v (min) ? power down protection is provid ed on all inputs and outputs ? balanced propagation delays: t plh ? t phl ? low noise: v olp = 1.0 v (max) ? pin and function compatible with the 74 series (74ac/hc/f/als/ls etc.) 240/244 type. tc74vhct240af, TC74VHCT244AF tc74vhct240aft, TC74VHCT244AFt tc74vhct240afk, TC74VHCT244AFk weight sop20-p-300-1.27a: 0.22 g (typ.) tssop20-p-0044-0.65a: 0.08 g (typ.) vssop20-p-0030-0.50: 0.03 g (typ.)
tc74vhct240,244af/aft/afk 2008-12-01 2 pin assignment iec logic symbol truth table inputs outputs g an yn n y l l l h l h h l h x z z x: don?t care z: high impedance yn: tc74vhct244a n y : tc74vhct240a v cc 16 2a4 2y1 2a3 15 14 13 12 11 20 1 2 3 4 5 6 7 1a3 2y 2 1a4 1y 2 1a1 3y1 8 1y1 19 2a2 g2 1a2 3y 2 18 9 4y 2 gnd 10 2a1 17 4y1 (top view) tc74vhct240a g 1 v cc 16 2a4 15 14 13 12 11 20 1 2 3 4 5 6 7 2y2 1a4 1y3 8 1y1 19 2a2 g2 1a2 18 9 2y4 gnd 10 2a1 17 1y4 (top view) tc74vhct244a 1y2 2a3 2y1 1a3 2y3 1a1 g1 (1) (2) (6) (4) 1a2 1a4 1a3 (8) (18) (14) 2y1 4y1 (16) (12) 3y1 en g1 1y1 1a1 tc74vhct240a (19) (11) (15) (13) 2a2 2a4 2a3 (17) (9) (5) 2y2 4y2 (7) (3) 3y2 en g2 1y2 2a1 (1) (2) (6) (4) 1a2 1a4 1a3 (8) (18) (14) 1y2 1y4 (16) (12) 1y3 en g1 1y1 1a1 tc74vhct244a (19) (11) (15) (13) 2a2 2a4 2a3 (17) (9) (5) 2y2 2y4 (7) (3) 2y3 en g2 2y1 2a1
tc74vhct240,244af/aft/afk 2008-12-01 3 absolute maximum ratings (note 1) characteristics symbol rating unit supply voltage range v cc ? 0.5 to 7.0 v dc input voltage v in ? 0.5 to 7.0 v ? 0.5 to 7.0 (note 2) dc output voltage v out ? 0.5 to v cc + 0.5 (note 3) v input diode current i ik ? 20 ma output diode current i ok 20 (note 4) ma dc output current i out 25 ma dc v cc /ground current i cc 75 ma power dissipation p d 180 mw storage temperature t stg ? 65 to 150 c note 1: exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in ic performance or even destruction. using continuously under heavy loads (e.g. the app lication of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temper ature/current/voltage, etc. ) are within the absolute maximum ratings and the operating ranges. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note 2: output in off-state note 3: high or low state. i out absolute maximum rating must be observed. note 4: v out < gnd, v out > v cc operating ranges (note 1) characteristics symbol rating unit supply voltage v cc 4.5 to 5.5 v input voltage v in 0 to 5.5 v 0 to 5.5 (note 2) output voltage v out 0 to v cc (note 3) v operating temperature t opr ? 40 to 85 c input rise and fall time dt/dv 0 to 20 ns/v note 1: the operating ranges must be maintai ned to ensure the normal op eration of the device. unused inputs must be tied to either v cc or gnd. note 2: output in off-state note 3: high or low state
tc74vhct240,244af/aft/afk 2008-12-01 4 electrical characteristics dc characteristics test condition ta 25c ta  40 to 85c characteristics symbol v cc (v) min typ. max min max unit high-level input voltage v ih  4.5 to 5.5 2.0   2.0  v low-level input voltage v il  4.5 to 5.5   0.8  0.8 v i oh  50 p a 4.5 4.40 4.50  4.40  high-level output voltage v oh v in v ih or v il i oh  8 ma 4.5 3.94   3.80  v i ol 50 p a 4.5  0.0 0.10  0.10 low-level output voltage v ol v in v ih or v il i ol 8 ma 4.5   0.36  0.44 v 3-state output off-state current i oz v in v ih or v il v out v cc or gnd 5.5   r 0.25  r 2.50 p a input leakage current i in v in 5.5 v or gnd 0 to 5.5   r 0.1  r 1.0 p a i cc v in v cc or gnd 5.5   4.0  40.0 p a quiescent supply current i cct per input: v in 3.4 v other input: v cc or gnd 5.5   1.35  1.50 ma output leakage current i opd v out 5.5 v 0   0.5  5.0 p a
tc74vhct240,244af/aft/afk 2008-12-01 5 ac characteristics (input: t r = t f = 3 ns) test condition  ta = 25c ta = ? 40 to 85c characteristics symbol  v cc (v) c l (pf) min typ. max min max unit 15 ? 5.6 7.8 1.0 9.0 propagation delay time (tc74vhct240a) t plh t phl ? 5.0 0.5 50 ? 6.1 8.8 1.0 10.0 ns 15 ? 5.4 7.4 1.0 8.5 propagation delay time (tc74vhct244a) t plh t phl ? 5.0 0.5 50 ? 5.9 8.4 1.0 9.5 ns 15 ? 7.7 10.4 1.0 12.0 3-state output enable time t pzl t pzh r l = 1 k 5.0 0.5 50 ? 8.2 11.4 1.0 13.0 ns 3-state output disable time t plz t phz r l = 1 k 5.0 0.5 50 ? 8.8 11.4 1.0 13.0 ns output to output skew t oslh t oshl (note 1) 5.0 0.5 50 ? ? 1.0 ? 1.0 ns input capacitance c in ? ? 4 10 ? 10 pf output capacitance c out ? ? 9 ? ? ? pf tc74vhct240a ? 19 ? ? ? power dissipation capacitance (note 2) c pd tc74vhct244a ? 18 ? ? ? pf note 1: parameter guaranteed by design. t oslh = |t plhm ? t plhn |, t oshl = |t phlm ? t phln | note 2: c pd is defined as the value of the internal equivalent capacitance which is ca lculated from the operating current consumption without load. average operating current can be obtained by the equation: i cc (opr) = c pd v cc f in + i cc /8 (per bit) noise characteristics (input: t r = t f = 3 ns) test condition  ta = 25c characteristics symbol  v cc (v)  typ. limit unit quiet output maximum dynamic v ol v olp c l = 50 pf 5.0 0.8 1.0 v quiet output minimum dynamic v ol v olv c l = 50 pf 5.0 ? 0.8 ? 1.0 v minimum high level dynamic input voltage v ihd c l = 50 pf 5.0 ? 2.0 v maximum low level dynamic input voltage v ild c l = 50 pf 5.0 ? 0.8 v
tc74vhct240,244af/aft/afk 2008-12-01 6 package dimensions weight: 0.22 g (typ.)
tc74vhct240,244af/aft/afk 2008-12-01 7 package dimensions weight: 0.08 g (typ.)
tc74vhct240,244af/aft/afk 2008-12-01 8 package dimensions weight: 0.03 g (typ.)
tc74vhct240,244af/aft/afk 2008-12-01 9 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba?s written permission, reproduc tion is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product?s quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situat ions in which a malfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before creating and producing des igns and using, customers mus t also refer to and comply with (a) the latest versions of all re levant toshiba information, including without limitation, this d ocument, the specifications, the data sheets and applic ation notes for product and the precautions and conditions set forth in the ?tosh iba semiconductor reliability handbook? and (b) the instructions for the application that product will be used with or for. custome rs are solely responsible for all aspects of t heir own product design or applications, incl uding but not limited to (a) determining th e appropriateness of the use of this product in such design or applications; (b) evaluating and det ermining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample app lication circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general el ectronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electroni cs appliances) or for specif ic applications as expre ssly stated in this document . product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality a nd/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or se rious public impact (?unintended use?). unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic s ignaling equipment, equipment used to control combustions or explosions, safety dev ices, elevators and escalators, devices related to el ectric power, and equipment used in finance-related fields. do not use product for unintended use unless specifically permitted in thi s document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the japanese foreign exchange and foreign trade law and the u.s. expor t administration regulations. ex port and re-export of product or related software or technology are strictly prohibited exc ept in compliance with all applic able export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclus ion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TC74VHCT244AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X