Part Number Hot Search : 
TGP2104 3PMT150A LN01301 ON1319 EMR23D UT9Q512 ON1319 P4NC80
Product Description
Full Text Search
 

To Download TC74LCX541FW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tc74lcx541f/fw/ft 2002-01-11 1 toshiba cmos digital integrated circuit silicon monolithic tc74lcx541f,TC74LCX541FW,tc74lcx541ft low-voltage octal bus buffer with 5-v tolerant inputs and outputs the tc74lcx541f/fw/ft is a high-performance cmos octal bus buffer. designed for use in 3.3-v systems, it achieves high-speed operation while maintaining the cmos low power dissipation. the device is designed for low-voltage (3.3 v) v cc applications, but it could be used to interface to 5 v supply environment for both inputs and outputs. the tc74lcx541f/fw/ft is a non-inverting 3-state buffer having two active-low output enables. when either oe1 or oe2 are high, the terminal outputs are in the high-impedance state. this device is designed to be used with 3-state memory address drivers, etc. all inputs are equipped with protection circuits against static discharge. features  low-voltage operation: v cc = 2.0 to 3.6 v  high-speed operation: t pd = 6.5 ns (max) (v cc = 3.0 to 3.6 v)  output current: |i oh |/i ol = 24 ma (min) (v cc = 3.0 v)  latch-up performance: 500 ma  available in jedec sop, jeita sop and tssop  power-down protection provided on all inputs and outputs  pin and function compatible with the 74 series (74ac/vhc/hc/f/als/ls etc.) 541 type note: xxxfw (jedec sop) is not available in japan. tc74lcx541f TC74LCX541FW tc74lcx541ft weight sop20-p-300-1.27: 0.22 g (typ.) sol20-p-300-1.27: 0.46 g (typ.) tssop20-p-0044-0.65: 0.08 g (typ.)
tc74lcx541f/fw/ft 2002-01-11 2 pin assignment (top view) iec logic symbol truth table inputs 1 oe 2 oe an outputs h x x z x h x z l l h h l l l l x: don?t care z: high impedance maximum ratings characteristics symbol rating unit power supply voltage v cc  0.5 to 7.0 v dc input voltage v in  0.5 to 7.0 v  0.5 to 7.0 (note 1) dc output voltage v out  0.5 to v cc  0.5 (note 2) v input diode current i ik  50 ma output diode current i ok  50 (note 3) ma dc output current i out  50 ma power dissipation p d 180 mw dc v cc /ground current i cc /i gnd  100 ma storage temperature t stg  65 to 150 c note 1: output in off state note 2: high or low state. i out absolute maximum rating must be observed. note 3: v out  gnd, v out  v cc v cc 20 2 oe 19 18 17 16 15 14 1 oe 1 2 3 4 5 6 7 a1 a2 a3 a4 a5 a6 8 9 10 a7 a8 gnd 13 12 11 y8 y1 y2 y3 y4 y5 y6 y7 2 oe (19) (2) (4) (3) a8 a2 a1 (6) (5) (8) (7) (9) a3 a6 a5 a7 (18) (16) (14) (12) y8 y2 y4 y6 (17) (15) (13) y1 y3 y5 en (11) y7 a4 1 oe & (1)
tc74lcx541f/fw/ft 2002-01-11 3 recommended operating conditions characteristics symbol rating unit 2.0 to 3.6 power supply voltage v cc 1.5 to 3.6 (note 4) v input voltage v in 0 to 5.5 v 0 to 5.5 (note 5) output voltage v out 0 to v cc (note 6) v  24 (note 7) output current i oh /i ol  12 (note 8) ma operating temperature t opr  40 to 85 c input rise and fall time dt/dv 0 to 10 (note 9) ns/v note 4: data retention only note 5: output in off state note 6: high or low state note 7: v cc  3.0 to 3.6 v note 8: v cc  2.7 to 3.0 v note 9: v in  0.8 to 2.0 v, v cc  3.0 v electrical characteristics dc characteristics (ta         40 to 85c) characteristics symbol test condition v cc (v) min max unit h-level v ih  2.7 to 3.6 2.0  input voltage l-level v il  2.7 to 3.6  0.8 v i oh   100  a 2.7 to 3.6 v cc  0.2  i oh   12 ma 2.7 2.2  i oh   18 ma 3.0 2.4  h-level v oh v in  v ih or v il i oh   24 ma 3.0 2.2  i ol  100  a 2.7 to 3.6  0.2 i ol  12 ma 2.7  0.4 i ol  16 ma 3.0  0.4 output voltage l-level v ol v in  v ih or v il i ol  24 ma 3.0  0.55 v input leakage current i in v in  0 to 5.5 v 2.7 to 3.6   5.0  a 3-state output off-state current i oz v in  v ih or v il v out  0 to 5.5 v 2.7 to 3.6   5.0  a  power off leakage current i off v in /v out  5.5 v 0  10.0  a  v in  v cc or gnd 2.7 to 3.6  10.0 quiescent supply current i cc v in /v out  3.6 to 5.5 v 2.7 to 3.6   10.0 increase in i cc per input  i cc v ih  v cc  0.6  v 2.7 to 3.6  500  a
tc74lcx541f/fw/ft 2002-01-11 4 ac characteristics (ta         40 to 85c) characteristics symbol test condition v cc (v) min max unit 2.7  7.5 propagation delay time t plh t phl figure 1, figure 2 3.3  0.3 1.5 6.5 ns 2.7  9.5 output enable time t pzl t pzh figure 1, figure 3 3.3  0.3 1.5  8.5 ns 2.7  8.5 output disable time t plz t phz figure 1, figure 3  3.3  0.3 1.5  7.5 ns 2.7   output to output skew t oslh t oshl (note 10) 3.3  0.3  1.0 ns note 10: parameter guaranteed by design. (t oslh  |t plhm  t plhn |, t oshl  |t phlm  t phln |) dynamic switching characteristics (ta     25c, input: t r     t f     2.5 ns, c l     50 pf, r l     500     ) characteristics symbol test condition v cc (v) typ. unit quiet output maximum dynamic v ol v olp v ih  3.3 v, v il  0 v 3.3 0.8 v quiet output minimum dynamic v ol |v olv | v ih  3.3 v, v il  0 v 3.3 0.8 v capacitive characteristics (ta     25c) characteristics symbol test condition v cc (v) typ. unit input capacitance c in  3.3 7 pf output capacitance c out  3.3 8 pf power dissipation capacitance c pd f in  10 mhz (note 11) 3.3 40 pf note 11: c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption. average operating current can be obtained by the equation: i cc (opr)  c pd ? v cc ? f in  i cc /8 (per bit)
tc74lcx541f/fw/ft 2002-01-11 5 ac test circuit ac waveform open 6.0 v gnd switch output measure r l  500 c l  50 pf parameter switch t plh , t phl open t plz , t pzl 6.0 v t phz , t pzh gnd r l r l c l figure 1 figure 3 t plz , t phz , t pzl , t pzh 90% 10% v ol 3.0 v gnd 2.7 v 1.5 v t phz t pzh t r 2.5 ns t f 2.5 ns 1.5 v gnd v oh outputs enabled 1.5 v t plz t pzl v ol  0.3 v v oh  0.3 v outputs disabled outputs enabled output enable ( oe ) output (y) low to off to low output (y) high to off to high 90% 10% output (y) input (a) v ol v oh gnd 2.7 v 1.5 v t plh t phl t r 2.5 ns t f 2.5 ns 1.5 v figure 2 t plh , t phl
tc74lcx541f/fw/ft 2002-01-11 6 package dimensions weight: 0.22 g (typ.)
tc74lcx541f/fw/ft 2002-01-11 7 package dimensions weight: 0.46 g (typ.) note: this package is not available in japan.
tc74lcx541f/fw/ft 2002-01-11 8 package dimensions weight: 0.08 g (typ.)
tc74lcx541f/fw/ft 2002-01-11 9  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the products described in this document are subject to the foreign exchange and foreign trade laws.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707eb a restrictions on product use


▲Up To Search▲   

 
Price & Availability of TC74LCX541FW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X