Part Number Hot Search : 
TQ144 SB101 BSR17 D7810 C31002 HT45F E002365 2SC3851
Product Description
Full Text Search
 

To Download T521X107M025ATE060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated 10/21/2014 - c04eb041-f121-4b5b-8b4b-bdb0f01e7302 kemet part number: T521X107M025ATE060 capacitor, tantalum, smd, polymer, molded, low esr, non-combustible, 100 uf, 7343, +/-20% tol, 25 v (105c) dimensions (mm) symbol dimension tolerance l 7.30 +/-0.3 w 4.30 +/-0.3 h 4.00 +/-0.3 f 2.40 +/-0.1 s 1.30 +/-0.3 b 0.50 +/-0.15 x 0.10 +/-0.1 p 1.70 ref r 1.00 ref t 0.13 ref a 3.80 min g 3.50 ref e 3.50 ref notes: -in polarity stripe, at kemet's option, type may be indicated: no symbol = standard (or low leakage) mno2 tantalum chip, o = lowesr t494, r = low esr t495, f = fused t496, ht = 150c rated t498 (or b45196p, b45198p), h = 175c rated t499, h2 = 200c rated t50 general information supplier: kemet brand: kemet application: general purpose/low esr sub application: (noncombustiblecathode) part type description: smd, polymer, molded, low esr, non-combustible construction: standard chip-polymer body type: molded chip termination: tin footprint: 7343 rohs: yes specifications capacitance: 100 uf tolerance: +/-20% voltage: 25 v (105c) temperature range: -55/+105c current/ripple current: 2000 ma (25c) current/ripple current: 1400 ma (85c) resistance/esr: 0.06 ohms (100khz) failure rate: na leakage current: 250 ua dissipation factor: 10% packaging specifications package kind: t&r package size: 7in package quantity: 500 ? 2006-2014 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of T521X107M025ATE060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X