Part Number Hot Search : 
FMMT4 P6KE13CA BU401 F24A1 EM4022 00130 LTC3251 GSC4435
Product Description
Full Text Search
 

To Download SPD9105W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SPD9105W 1 line s , b i - d irectional, low capacitance transient voltage suppressors descriptions the SPD9105W is a low capacitance tvs (tran sient voltage suppressor) array designed to protect high speed data interfaces . it has been specifically designed to protect sensitive electronic components which are connected to data and transmission lines from over - stress caused by electrostatic discharge ( esd ) , cable discharge events (cde), lightning and other induced voltage surges . the SPD9105W incorporates low ca pacitance steering diodes that reduce the typical capacitance to 1 pf per line. the SPD9105W may be used to provide esd protection up to 30 k v (contact discharge ) according to iec61000 - 4 - 2 , and withstand peak pulse current up to 2 0 a ( 8/20 s ) according to ie c61000 - 4 - 5. the SPD9105W is available in sod - 323 package. standard products are pb - free and halogen - free. features ? stand - off voltage: 5 v max. ? transient protection for each line according to iec61000 - 4 - 2 (esd) : 30 k v ( contact discharge ) iec61000 - 4 - 4 (eft) : 40a - 5/50ns iec61000 - 4 - 5 (surge): 2 0 a (8/20s). ? low capacitance: c j = 1 pf typ. ? ultra - low leakage current: i r = 0. 1 na typ. ? l ow clamping voltage . ? solid - state silicon technology applications ? 10/100 ethernet ? stb ? router ? networking ? modem so d - 323 circuit d iagram w = device code * = month code ( a~z) marking (top view) order i nformation device package shipping SPD9105W - 2/tr sod - 323 3000 /tape&reel pin 1 pin 2 pin 1 pin 2 5 * 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
absolute m aximum r ating s electrical characteristics (t a = 25 o c, unless otherwise noted) 1) according to iec61000 - 4 - 5. parameter symbol rating unit peak pulse power ( t p = 8/20 s) p pk 360 w peak pulse current (t p = 8/20 s) i pp 2 0 a esd according to iec61000 - 4 - 2 air discharge v esd 30 k v esd according to iec61000 - 4 - 2 contact discharge 30 operation junction temperature t j 1 25 o c lead temperature t l 260 o c storage temperat ure t stg - 55~150 o c parameter symbol condition min. typ. max. unit reverse maximum working voltage v rwm 5 v reverse leakage current i r v rwm = 5 v 0. 1 100 na reverse breakdown voltag e v br i t = 1ma 5.6 v clamping voltage 1) v cl i pp = 1a, t p = 8/20s 9 v i pp = 5a, t p = 8/20s 1 1 v i pp = 2 0 a, t p = 8/20s 18 v junction capacitance c j v r = 0v, f = 1mhz i/o to i/o 3 pf SPD9105W 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification


▲Up To Search▲   

 
Price & Availability of SPD9105W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X