Part Number Hot Search : 
MBR20200 23C6V8 HB3140V LTC2165 170M4218 14LPD70 CF547 PIC18F4
Product Description
Full Text Search
 

To Download PCSDR129-101M-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power chip shielded inductors pcsdr129 15 features ? magnetically shielded ? expanded operating temp range ? low dc resistance ? high energy storage electrical test equipment physical packaging: 300 pieces per 13 inch reel. dcr i sat allied part number inductance ( h) t olerance (%) t est freq. allied components interna tional 714-665-1 140 www.a lli edcom pon en ts .com rohs (a) typ ? high saturation current inductance range: 100uh~220uh other valules available tolerance: 20%, test frequency: 1khz, 0.25v operating temp: -40oc ~ +105oc irms: current at which the delta resistance to soldering heat pre-heat 150oc, 1 min. solder composition: sn/ag3.0/cu0.5 solder temp: 260oc +/- 5oc immersion time: 10 sec. +/- 1 sec. (l): hp 4284a lcr meter or equivalent (rdc): hp 4338b millohm meter or equivalent (idc): 3260b wk & dc bias 3265b wk marking: eia inductance code. 04/06/14 dimensions: inches (mm) khz, 0.25v all specifications subject to change without notice. i rms (a) max ? low energy loss ? suitable for pick and place t=40oc isat: current at which the inductance drops 10% from initial value PCSDR129-101M-RC 100 20 100 125 3.1 2.4 0.492 12.5 0.492 12.5 0.413 10.5) 0.197 5.0 0.299 7.6 (m) max pcsdr129-221m-rc 220 20 100 300 2.2 1.7


▲Up To Search▲   

 
Price & Availability of PCSDR129-101M-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X