Part Number Hot Search : 
MCZ33 SP3232E TK13A60D RM126 1H681 03EDK3 P6KE47 UPRA2C5P
Product Description
Full Text Search
 

To Download P0080LA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description of part number p thy r istor for circuit prote c tion part number p 310 0 l b code main suffix product type product type p type median voltage rating code median voltage rating 310 310 v construction variable code product shape 0 one chip 1 unidirectional part 2 two chips 3 three chips package type code package type e t o ?9 2 m d o -27 s s m b/ do?214aa r s m a/do-214ac l do -15 ipp ra ting cod e ipp ra ting b 2 5 0 a ( 8 x 2 0 s) c 4 0 0 a ( 8 x 2 0 s) d 1000 a (8x20 s) a 1 5 0 a (8x20 s) applica t ions whe n prote c t i ng telecom m unication circuits, p device s are conn ected a c ro ss tip and ring for metallic protection and a c ro ss ti p and g r oun d and rin g an d grou nd for l ongitudi nal protection. the y typically are place d behi n d some type of curren t-limiting devi c e. co mmon appli c ation s inclu de: ? central office line ca rd s (slics) ? t-1/e-1, isdn, an d xdsl transmissio n equipm ent ? custome r p r emi s e s equi pment (cpe) su ch a s pho n e s, mode ms, and caller id adjun ct boxe s ? pbxs, ksu s, and other switches ? primary prot ection in clu d ing main di stri bution fram es, five-pin mod u les, buil d ing entran c e e qui pment, and st ation prote c tion mo dule s ? dat a lines a nd se cu rit y sy st em s ? catv line amplifiers and power in se rte r s ? s p rinkle r sy st em s thyri stor/do-15 ser ies rev.201 4 . 05 . 01 01 | www.spsemi.cn
p device ? se r i e s ? do - 1 5 p solid stat e prote c tion device s prote c t t e le c o m m u ni c at i o n s e q u i p m ent s u c h as modem s, line card s, fax machi n e s , and other cpe. p devices are u s ed to e nable e quipm ent to meet variou s regul atory req u ire m ents in cludi n g gr 10 89, itu k.20, k.21 and k.45, iec 609 50, ul 6095 0, and t i a-968 (fo r me rly kno w n a s fcc pa rt 68). electrical parameters p a r t number * v d r m v o l t s v s v o l t s v t v o l t s i d r m a m p s i s m a m p s i t a m p s * * i h m a m p s c o p f p 0 0 8 0 l _ 6 2 5 4 5 8 0 0 2 . 2 5 0 50-125 p 0 3 0 0 l _ 2 5 4 0 4 5 8 0 0 2 . 2 1 5 0 70-175 p 0 6 4 0 l _ 5 8 7 7 4 5 8 0 0 2 . 2 1 5 0 55-140 p 0 7 2 0 l _ 6 5 8 8 4 5 8 0 0 2 . 2 1 5 0 55-140 p 0 9 0 0 l _ 7 5 9 8 4 5 8 0 0 2 . 2 1 5 0 55-140 p 2 3 0 0 l _ 1 9 0 2 6 0 4 5 8 0 0 2 . 2 1 5 0 45-115 p 2 6 0 0 l _ 2 2 0 3 0 0 4 5 8 0 0 2 . 2 1 5 0 40-100 p 3 1 0 0 l _ 2 7 5 3 5 0 4 5 8 0 0 2 . 2 1 5 0 35-90 p 3 5 0 0 l _ 3 2 0 4 0 0 4 5 8 0 0 2 . 2 1 5 0 30-75 surge ratings s e r i e s i p p 2 x 1 0 s a m p s i p p 8 x 2 0 s a m p s i p p 1 0 x 1 6 0 s a m p s i p p 1 0 x 5 6 0 s a m p s i p p 1 0 x 1 0 0 0 s a m p s i t s m 6 0 h z a m p s d i / d t a m p s / s a 1 5 0 1 5 0 9 0 5 0 4 5 2 0 5 0 0 b 2 5 0 2 5 0 1 5 0 1 0 0 8 0 3 0 5 0 0 c 5 0 0 4 0 0 2 0 0 1 5 0 1 0 0 5 0 5 0 0 thermal considerations p a c k a g e d o- 1 5 symbol para mete r value unit t j o p e r a t i n g j u n c t i o n t e m p e r a t u r e - 4 0 t o + 1 5 0 c t s s t o r a g e t e m p e r a t u r e r a n g e - 6 5 t o + 1 5 0 c r b j a t h e r m a l resistance: junction to ambient 9 0 c /w 1 . 0 (2 5.4 ) m i n . 0 . 1 4 0 ( 3 . 6 ) 0 . 1 0 4 ( 2 . 6 ) d i a . 0 . 03 4 ( 0. 8 6) 0 . 02 8 ( 0. 7 1) d i a . d o - 2 0 4 a c (d o-15) d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r s ) 0 . 3 0 0 ( 7 . 6 ) 0 . 2 3 0 ( 5 . 8 ) 1 . 0 (2 5.4 ) m i n . 2 9 * f or i nd i vi d ual ? l a ? , ? l b ? , a nd ? l c ? s urge rat i ng s , s ee t abl e bel o w thyristor/do-15 ser ies rev.201 4 . 05 . 01 0 2 | www.spsemi.cn
the basic characteristic of the p ? the principle introduction operation in the standby mode, p devices exhi bit a high off-state impeda nce, eliminati ng exce ssive leakag e cu rrents and appearing transparent to the circuits they protec t. upon application of a voltage exceeding the switching voltage (v s ), p devices cro w b a r an d simulate a sh ort circuit co n d ition until the curre n t flowing throug h the device is either interrupted or drops below the p device?s hol ding current (i h ). once this occurs, p device s reset and return to their high off-state impedance. figure1 v-i characteristics figure2 tr x td pulse wave-form figure3 normalized v s change versus junction temperature figure4 normalized dc holdin g current thyristor/do-15 ser ies rev.201 4 . 05 . 01 0 3 | www.spsemi.cn


▲Up To Search▲   

 
Price & Availability of P0080LA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X