![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
cystech electronics corp. spec. no. : c113fp issued date : 2015.08.28 revised date : page no. : 1/ 10 MTN13N50BFP cystek product specification n-channel enhancement mode power mosfet MTN13N50BFP bv dss 500v i d @v gs =10v, t c =25 c 13a i d @v gs =10v, t c =100 c 8.2a r ds(on) @v gs =10v, i d =6.5a 0.36 (typ) description the mtn13n50fp is a n-channel enhancement-mode mosfet, providing the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost effectiveness. the to-220fp package is universally preferred for all commercial-industrial applications features ? low on resistance ? simple drive requirement ? low gate charge ? fast switching characteristic ? insulating package, front/back side insulating voltage=2500v(ac) ? rohs compliant package applications ? power factor correction ? lcd tv power ? full and half bridge power ordering information device package shipping MTN13N50BFP-0-ub-s to-220fp (rohs compliant package) 50 pcs/tube, 20 tubes/box, 4 boxes / carton environment friendly grade : s for rohs compliant products, g for rohs compliant and green compound products packing spec, ub : 50 pcs / tube, 20 tubes/box product rank, zero for no rank products product name
cystech electronics corp. spec. no. : c113fp issued date : 2015.08.28 revised date : page no. : 2/ 10 MTN13N50BFP cystek product specification symbol outline MTN13N50BFP to-220fp absolute maximum ratings (t c =25c) parameter symbol limits unit drain-source voltage (note 1) v ds 500 gate-source voltage v gs 30 v continuous drain current i d 13* continuous drain current @t c =100 c i d 8* pulsed drain current @ v gs =10v (note 2) i dm 52* a single pulse avalanche energy @ l=3mh, i d =11amps, v dd =50v e as 180 mj avalanche current (note 2) i as 11 a peak diode recovery dv/dt (note 3) dv/dt 3.0 v/ns maximum temperature for soldering @ lead at 0.063 in(1.6mm) from case for 10 seconds t l 300 maximum temperature for soldering @ package body for 10 seconds t pkg 260 c w total power dissipation (t c =25 ) linear derating factor above 25 p d 48 0.4 w/ c operating junction and storage temperature tj, tstg -55~+150 c *drain current limited by maximum junction temperature * 100% uis testing in condition of v dd =50v, l=8mh, v g =10v, i l =6.5a, rated v ds =500v note : 1 . t j =+25 to +150 . 2 . repetitive rating; pulse width limited by maximum junction temperature. 3 . i sd =10a, di/dt<100a/ s, v dd cystech electronics corp. spec. no. : c113fp issued date : 2015.08.28 revised date : page no. : 4/ 10 MTN13N50BFP cystek product specification typical characteristics typical output characteristics 0 5 10 15 20 25 30 0 10203040 50 static drain-source on-resistance vs ambient temperature 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -75 -50 -25 0 25 50 75 100 125 150 175 t a , ambient temperature(c) r ds(on) , normalized static drain-source on-state resistance i d =6.5a, v gs =10v v ds , drain-source voltage(v) i d , drain current(a) 10v,9v,8v,7v,6v 5.5v 5v v gs =4.5v static drain-source on-state resistance vs drain current 0 50 100 150 200 250 300 350 400 450 500 0.01 0.1 1 10 i d , drain current(a) r ds(on) , static drain-source on- state resistance(m) v gs =10v drain current vs gate-source voltage 0 5 10 15 20 25 30 35 40 0246810 v gs , gate-source voltage(v) i d , drain current(a) ta=25c v ds =30v v ds =10v static drain-source on-state resistance vs gate-source voltage 0 100 200 300 400 500 600 700 800 900 1000 024681 0 forward drain current vs source-drain voltage 0.001 0.01 0.1 1 10 100 00.20.40.60.811.21.4 v sd , source drain voltage(v) i f , forward current(a) v gs =0v ta=25c ta=150c v gs , gate-source voltage(v) r ds(on) , static drain-source on-state resistance(m) i d =6.5a ta=25c cystech electronics corp. spec. no. : c113fp issued date : 2015.08.28 revised date : page no. : 5/ 10 MTN13N50BFP cystek product specification typical characteristics(cont.) capacitance vs reverse voltage 10 100 1000 10000 0 5 10 15 20 25 30 v ds , drain-to-source voltage(v) capacitance(pf) ciss coss crss f=1mhz brekdown voltage vs ambient temperature 0.6 0.8 1.0 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 t a , ambient temperature(c) bv dss , normalized drain-source breakdown voltage i d =250 a, v gs =0v maximum safe operating area 0.01 0.1 1 10 100 1 10 100 1000 v ds , drain-source voltage(v) i d , drain current(a) operation in this area is limited by r ds(on) dc 10 s t c =25c, tj(max)=150c v gs =10v, r jc =2.58c/w single pulse 100ms 10ms 1ms 10 0 s gate charge characteristics 0 2 4 6 8 10 0 5 10 15 20 25 30 35 40 45 50 qg, total gate charge(nc) v gs , gate-source voltage(v) i d =13a v ds =90v v ds =250v v ds =380v maximum drain current vs case temperature 0 3 6 9 12 15 25 50 75 100 125 150 175 t c , case temperature(c) i d , maximum drain current(a) v gs =10v, r jc =2.58c/w threshold voltage vs junction tempearture 0.2 0.4 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) v gs(th) , normalized threshold voltage i d =250 a i d =1ma cystech electronics corp. spec. no. : c113fp issued date : 2015.08.28 revised date : page no. : 6/ 10 MTN13N50BFP cystek product specification typical characteristics(cont.) forward transfer admittance vs drain current 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 i d , drain current(a) g fs , forward transfer admittance(s) ta=25c pulsed v ds =15v single pulse power rating, junction to case 0 200 400 600 800 1000 1200 1400 1600 1800 2000 0.0001 0.001 0.01 0.1 1 10 pulse width(s) power (w) t j(max) =150c t c =25c r jc =2.58c/w transient thermal response curves 0.01 0.1 1 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 t 1 , square wave pulse duration(s) r(t), normalized effective transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r jc (t)=r(t)*r jc 2.duty factor, d=t 1 /t 2 3.t jm -t c =p dm *r jc (t) 4.r jc =2.58 c/w cystech electronics corp. spec. no. : c113fp issued date : 2015.08.28 revised date : page no. : 7/ 10 MTN13N50BFP cystek product specification test circuit and waveforms cystech electronics corp. spec. no. : c113fp issued date : 2015.08.28 revised date : page no. : 8/ 10 MTN13N50BFP cystek product specification test circuit and waveforms(cont.) cystech electronics corp. spec. no. : c113fp issued date : 2015.08.28 revised date : page no. : 9/ 10 MTN13N50BFP cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of the package, measured on the package body surface. cystech electronics corp. spec. no. : c113fp issued date : 2015.08.28 revised date : page no. : 10/ 10 MTN13N50BFP cystek product specification to-220fp dimension *typical inches marking: date code device name style: pin 1.gate 2.drain 3.source 3-lead to-220fp plastic package cystek package code: fp millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.171 0.183 4.35 4.65 g 0.246 0.258 6.25 6.55 a1 0.051 ref 1.300 ref h 0.138 ref 3.50 ref a2 0.112 0.124 2.85 3.15 h1 0.055 ref 1.40 ref a3 0.102 0.110 2.60 2.80 h2 0.256 0.272 6.50 6.90 b 0.020 0.030 0.50 0.75 j 0.031 ref 0.80 ref b1 0.031 0.041 0.80 1.05 k 0.020 0.50 ref b2 0.047 ref 1.20 ref l 1.102 1.118 28.00 28.40 c 0.020 0.030 0.500 0.750 l1 0.043 0.051 1.10 1.30 d 0.396 0.404 10.06 10.26 l2 0.036 0.043 0.92 1.08 e 0.583 0.598 14.80 15.20 m 0.067 ref 1.70 ref e 0.100 * 2.54* n 0.012 ref 0.30 ref f 0.106 ref 2.70 ref notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing spec ification or packing method, please cont act your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitab le for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . |
Price & Availability of MTN13N50BFP
![]() |