Part Number Hot Search : 
2SD11 LVCU0 A1184 TSS0340L MAX99 C4308 2SA1730Q TC113
Product Description
Full Text Search
 

To Download MSDT100-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  msdt100 document number: msdt100 www. smsemi .com jan.15,2015 1 module type diode maximum ratings symbol item conditions values units i d output current(d.c.) tc=100 three phase full wave 100 a i fsm surge forward current t=10ms tvj =45 1200 a i 2 t circuit fusing consideration 7200 a 2 s visol isolation breakdown voltage(r.m.s) a.c.50hz;r.m.s.;1min 3000 v tvj operating junction temperature -40 to +150 tstg storage temperature -40 to +125 mt mounting torque to terminals(m5) 315% nm ms to heatsink(m5) 315% nm weight module approximately 210 g thermal characteristics symbol item conditions values units r th(j-c) thermal impedance, max. junction to case(total) 0.18 /w rth(c-s) thermal impedance, ma x. case to heatsink 0.10 /w electrical characteristics three phase bridge + thyristor v rrm / v drm 800 to 1600v i f a v / i t a v 100am p features y blocking voltage:800 to 1600v y three phase bridge and a thyristor y isolated module package applications y inverter for ac or dc motor control y current stabilized power supply y switching power supply y ul e243882 approved type v rrm / v drm v rsm msdt100-08 msdt100-12 MSDT100-16 800v 1200v 1600v 900v 1300v 1700v circuit symbol item conditions values units v fm forward voltage drop, max. t=25 i f =100a 1.35 v i rrm repetitive peak reverse current, max. t vj =25 v rd =v rrm t vj =150 v rd =v rrm 0.5 6 ma ma
msdt100 document number: msdt100 www. smsemi .com jan.15,2015 2 thyristor maximum ratings electrical and thermal characteristics symbol item conditions values units i tav average on-state current tc=92 , single phase half wave 180 o conduction 100 a i tsm surge on-state current tvj=45 t=10ms (50hz), sine vr=0 1200 a i 2 t circuit fusing consideration 7200 a 2 s visol isolation breakdown voltage(r.m.s) a.c.50hz;r.m.s.;1 min 3000 v tvj operating junction temperature -40 to +125 tstg storage temperature -40 to +125 mt mounting torque to terminals(m5) 315% nm ms to heatsink(m5) 315% nm di/dt critical rate of rise of on-state current t vj =t vjm , v d =1/2v drm ,i g =100ma d ig /d t =0.1a/ s 150 a/ s dv/dt critical rate of rise of off-state voltage, min. t j =t vjm ,v d =2/3v drm ,linear voltage rise 500 v/ s symbol item conditions values units min. typ. max. v tm peak on-state voltage, max. t=25 i t =300a 1.70 v i rrm /i drm repetitive peak reverse current, max. / repetitive peak off-state current, max. t vj =t vjm ,v r =v rrm ,v d =v drm 20 ma v to threshold voltage t vj = t vjm 0.9 v r t slope resistance 2 m ? v gt gate trigger voltage, max. t vj =25 , v d =6v 3 v i gt gate trigger current, max. t vj =25 , v d =6v 150 ma v gd max. required dc gate voltage tt ti t vj =125 , v d =2/3v drm 0.25 v i gd max. required dc gate current tt ti t vj =125 , v d =2/3v drm 6 ma i l maximum latching current t vj =25 , r g =33 ? 300 600 ma i h maximum holding current t vj =25 , v d =6v 150 250 ma tgd gate controlled delay time t vj =25 ,i g =1a,di g /dt=1a/us 1 us tq circuit commutated turn-off time t vj = t vjm 100 us rth(j-c) thermal impedance, max. junction to case 0.26 /w rth(c-s) thermal impedance, max. case to heatsink 0.10 /w
msdt100 document number: msdt100 www. smsemi .com jan.15,2015 3 performance curves fi g 1. power dissi p ation fig2. forward current derating curve fig3. transient thermal impedance fig4. max non-repetitive forward surge current fig5. forward characteristics 0.001 t 0.01 0.1 1.0 10 s 100 0.20 / w 0.10 0 z th(j- c ) 1 10 cycles 100 50hz 2000 a 1000 0 0.5 v f 1.0 1.5 2.0 v 2.5 1000 a 100 i f 10 max . tj=25 0 tc 50 100 150 200 a 160 120 80 40 0 i d fi g 6. scr power dissi p ation single phase half wave tj=25 start per one element three phase 0 i d 20 40 60 80 a 100 300 w 240 180 120 60 p vtot 0 three phase 150 w 120 90 60 30 p tav 0 0 i d 20 40 60 80 a 100
msdt100 document number: msdt100 www. smsemi .com jan.15,2015 4 fig7. scr forward current derating curve fig8. scr transient thermal impedance fig9. scr forward characteristics 0.5 v tm 1.0 1.5 2.0 v 2.5 max . 0 tc 50 100 150 200 a 160 120 80 40 0 i tavm 0.001 t 0.01 0.1 1.0 10 s 100 0.50 / w 0.25 0 1000 a 100 i t 10 tj=25 z th(j- c ) a v e r a g e g a t e p o w e r ( 3 w ) p e a k g a t e p o w e r ( 1 0 w ) fig10. gate trigger characteristics max. 10 1 i g 10 2 10 3 ma 10 4 peak forward gate voltage (10v) 100 v 10 1 v g 0.1 maximum gate non- trigger voltage 25 -10 135 peak gate current (3a)
msdt100 document number: msdt100 www. smsemi .com jan.15,2015 5 package outline information case: m4 dimensions in mm


▲Up To Search▲   

 
Price & Availability of MSDT100-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X