Part Number Hot Search : 
ADG509 6KE15C C74ACT2 FBBA05 CCF6088 SC523 C390D 100MA
Product Description
Full Text Search
 

To Download MBR160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd MBR160 preliminary diode www.unisonic.com.tw 1 of 3 copyright ? 2014 unisonic technologies co., ltd qw-r601-260.c 1.0a schottky barrier rectifier ? description the utc MBR160 is a 1.0a schottky barrier rectifier, it uses utc?s advanced technology to provide the customers with high surge capability, high efficiency, high current capability, low power loss and low forward voltage drop, etc. the utc MBR160 is suitable for free wheeling and polarity protection, etc. ? features * low reverse current * low stored charge, majority carrier conduction * low power loss/high efficiency * highly stable oxide passivated junction ? symbol do-41 sma (jedec do-214ac) + - ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 MBR160l-sma-r MBR160g-sma-r sma k a tape reel MBR160l-z41-b MBR160g-z41-b do-41 k a tape box MBR160l-z41-r MBR160g-z41-r do-41 k a tape reel note: pin assignment: a: anode k: cathode (1) b: tape box, r: tape reel (2) z41: do-41, sma: sma (3) l: lead free, g: halogen free MBR160l -z41 -b (1)packing type (2)package type (3)lead free ? marking sma do-41 date code cathode band for uni-directional only utc MBR160 l: lead free g: halogen free MBR160 date code l: lead free g: halogen free cathode band for uni-directional only
MBR160 preliminary diode unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r601-260.c ? absolute maximum rating (t a =25c, unless otherwise specified) ratings at 25c ambient temperatur e unless otherwise specified. single phase half-wave 60hz, resistive or inductive load, for capacitive load current derate by 20%. parameter symbol ratings unit working peak reverse voltage v r wm 60 v repetitive peak reverse voltage v rrm 60 v maximum rms reverse voltage v rms 42 v dc blocking voltage v r 60 v average rectified output current (t a =105c) i o 1.0 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 30 a junction temperature t j -55~+150 c storage temperature t stg -55~+150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal data parameter symbol ratings unit junction to ambient ja 50 c/w ? electrical characteristics parameter symbol test conditions min typ max unit instantaneous forward voltage drop (note 2) v f i f =1.0a, t c =25c 0.74 v i f =1.0a, t c =125c 0.69 instantaneous reverse current (note 2) i r rated dc voltage, t c =25c 50 a rated dc voltage, t c =125c 10 ma notes: 1. 2.0 s pulse width, f = 1.0khz. 2. pulse test: pulse width 300s, duty cycle 2.0%.
MBR160 preliminary diode unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r601-260.c utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of MBR160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X