Part Number Hot Search : 
HMC43206 SP13T AK6002A TL51004 STM32F NTE0505M MAA4868K 1N4687
Product Description
Full Text Search
 

To Download KTA1070 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1999. 11. 30 1/3 semiconductor technical data KTA1070 epitaxial planar pnp transistor revision no : 1 high-definition crt display video output application. features  high voltage : v ceo =-200v.  high transition frequency : f t =150mhz(typ.).  low collector output capacitance : c ob =2.6pf(typ.).  complementary to ktc3467. maximum rating (ta=25 1 ) dim millimeters a b d e g h k l 1. emitter 2. collector 3. base p to-92l 7.20 max 5.20 max 2.50 max 0.60 max 1.27 1.70 max 0.55 max 14.00 0.50 0.35 min 0.75 0.10 4 f j m o q 25 1.25 1.50 0.10 max depth:0.2 123 b a c q k ff m m n n o h l j d c n g p hh e d h r s 12.50 0.50 r 1.00 s 1.15 max + _ + _ + _ electrical characteristics (ta=25 1 ) characteristic symbol rating unit collector-base voltage v cbo -200 v collector-emitter voltage v ceo -200 v emitter-base voltage v ebo -5 v collector current dc i c -100 ma pulse i cp -200 collector power dissipation p c 1 w junction temperature t j 150 1 storage temperature range t stg -55  150 1 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =-150v, i e =0 - - -0.1  a emitter cut-off current i ebo v eb =-4v, i c =0 - - -0.1  a collector-emitter breakdown voltage v (br)ceo i c =-1ma, i b =0 -200 - - v dc current gain h fe v ce =-5v, i c =-10ma 70 - 240 - collector-emitter saturation voltage v ce(sat) i c =-20ma, i b =-2ma - - -0.6 v base-emitter saturation voltage v be(sat) i c =-20ma, i b =-2ma - - -1.0 v transition frequency f t v ce =-30v, i c =-10ma - 150 - mhz collector output capacitance c ob v cb =-30v, i e =0, f=1mhz - 2.6 - pf reverse transfer capacitance c re v cb =-30v, i e =0, f=1mhz - 1.7 - pf note : h fe classification 0:70  140 , y:120  240
1999. 11. 30 2/3 KTA1070 revision no : 1 collector current i (ma) 0 c 0 collector-emitter voltage v (v) ce ce c i - v collector-emitter saturation -0.05 ce(sat) -10 -3 -1 -0.5 collector current i (ma) c v - i h - i c collector current i (ma) -0.5 -1 -3 -10 fe dc current gain h 10 base-emitter voltage v (v) c collector current i (ma) 0 0 be i - v cbe base-emitter saturation collector current i (ma) -0.5 -1 -3 -10 c be(sat) v - i -2 -4 -6 -8 -10 -4 -8 -12 -16 -20 common emitter ta=25 c i =-20 a b i =-40 a b i =-60 a b i =-80 a b i =-100 a b i =-120 a b -0.2 -0.4 -0.6 -0.8 -1.0 -20 -40 -60 -80 -100 -120 ta=75 c t a= 2 5 c ta =-2 5 c common emitter v =-10v ce fe c -30 -200 30 50 100 300 500 1k common emitter v =-5v ce ce(sat) c voltage v (v) -30 -100 -0.1 -0.3 -0.5 -1 -3 -5 common emitter i /i =10 ta=25 c c b transition frequency f (mhz) collector current i (ma) 10 30 100 50 c t 300 1k 500 f - i tc be(sat) c voltage v (v) -30 -100 -200 -0.3 -0.5 -1 -3 -5 -10 common emitter i /i =10 ta=25 c c b -100 ta=75 c ta=25 c ta=-25 c -30 -1 -0.5 -10 -3 -200 -100 ce v =-30v ta=25 c common emitter
1999. 11. 30 3/3 KTA1070 revision no : 1 c p (w) 0 collector power dissipation reverse transfer capacitance re collector-base voltage v (v) cb 0 ambient temperature ta ( c) pc - ta c - v c - v cb collector-base voltage v (v) -0.7 -1 -3 -10 ob 0.3 output capacitanced c (pf) collector-emitter voltage v (v) collector current i (ma) -2 c -5 -10 ce -30 -100 safe operating area ob cb -30 -100 0.5 1 3 5 10 i =0 f=1mhz ta=25 c e re cb c (pf) e ta=25 c f=1mhz i =0 10 5 3 1 0.5 0.3 -100 -30 -10 -3 -1 -0.7 20 40 60 80 100 120 140 160 0.2 0.4 0.6 0.8 1.0 1.2 -50 -300 -5 -10 -30 -50 -100 -300 single nonrepetitive pulse ta=25 c curves must be derated linearly with increase in temperature * i max(pulsed) c * c i max(continuous) 500 s 1m s 10 ms dc o p eratio n * * *


▲Up To Search▲   

 
Price & Availability of KTA1070

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X