Part Number Hot Search : 
08HT58CP SI7148DP T52C4V T52C4V SI7148DP K100310 0469PWR PST9136
Product Description
Full Text Search
 

To Download KTA1040D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2002. 10. 23 1/2 semiconductor technical data KTA1040D/l epitaxial planar pnp transistor revision no : 4 general purpose application. dpak for svrface mount applications. features low collector saturation voltage : v ce(sat) =-1.0v(max.) at i c =-2a, i b =-0.2a. straight lead (ipak, "l" suffix) complementary to ktc2020d/l. maximum rating (ta=25 ) dpak dim millimeters a b c d f h i j k l 6.60 0.2 6.10 0.2 5.0 0.2 1.10 0.2 2.70 0.2 2.30 0.1 1.00 max 2.30 0.2 0.5 0.1 2.00 0.20 0.50 0.10 e 0.91 0.10 m 0.90 0.1 o a c d b e k i j q h f f m o p l 123 1. base 2. collector 3. emitter 1.00 0.10 p 0.95 max q + _ + _ + _ + _ + _ + _ + _ + _ + _ + _ + _ + _ + _ electrical characteristics (ta=25 ) characteristic symbol rating unit collector-base voltage v cbo -60 v collector-emitter voltage v ceo -60 v emitter-base voltage v ebo -7 v collector current i c -3 a base current i b -0.5 a collector power dissipation ta=25 p c 1.3 w tc=25 20 junction temperature t j 150 storage temperature range t stg -55 150 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =-60v, i e =0 - - -100 a emitter cut-off current i ebo v eb =-7v, i c =0 - - -100 a collector-emitter breakdown voltage v (br)ceo i c =-50ma, i b =0 -60 - - v dc current gain h fe (1)(note) v ce =-5v, i c =-0.5a 100 - 300 h fe (2) v ce =-5v, i c =-3a 20 - - collector emitter saturation voltage v ce(sat) i c =-2a, i b =-0.2a - -0.25 -1.0 v base-emitter voltage v be v ce =-5v, i c =-0.5a - -0.7 -1.0 v transition frequency f t v ce =-5v, i c =-0.5a - 30 - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 45 - pf switching time turn-on time t on - 0.4 - s storage time t stg - 1.7 - fall time t f - 0.5 - note : h fe (1) classification y:100~200, gr:150~300. dim millimeters ipak d b q e h f f c a p l i j 123 a b c d e f g h i j l p q 6.60 0.2 6.10 0.2 5.0 0.2 1.10 0.2 9.50 0.6 2.30 0.1 0.76 0.1 1.0 max 2.30 0.2 0.5 0.1 0.50 0.1 1.0 0.1 0.90 max g 1. base 2. collector 3. emitter k 2.0 0.2 k + _ + _ + _ + _ + _ + _ + _ + _ + _ + _ + _ + _ i b1 15 ? b1 i cc v =-30v i b2 i b2 20 sec -i =i =0.2a 1% b1 b2 output duty cycle input 0 < =
2002. 10. 23 2/2 KTA1040D/l revision no : 4 collector current i (a) 0 c -1 collector-emitter voltage v (v) ce ce c i - v collector-emitter saturation ce(sat) -0.02 -0.3 -0.1 -0.02 collector current i (a) c v - i h - i c collector current i (a) fe dc current gain h transient thermal resistance th(t) 0.1 10 time t (sec) r - t -2 -3 -4 -5 -6 -1 -2 -3 -4 common emitter tc=25 c -80 -70 -60 -50 -40 -30 -20 0 i =-10ma b ce(sat) c voltage v (v) -1 -3 -5 -0.05 -0.1 -0.3 -0.5 -1 common emitter i /i =10 c b tc=100 c tc=25 c tc=-25 c fe c ce v =-5v common emitter 1k 500 300 100 50 -3 -1 -0.02 -0.1 -0.3 20 tc=100 c tc=25 c tc=-25 c th(t) r ( c/w) -3 -2 10 -1 10 1 10 2 10 1 10 100 1k (1) without heat sink (2) infinite heat sink (1) ta=25 c (2) tc=25 c safe operating area ce collector-emitter voltage v (v) -1 -3 -10 -100 -0.1 c collector current i (a) -30 -5 -50 -0.3 -0.5 -1 -3 -5 -10 curves must be derated linearly with increase in temperature single nonrepetitive pulse tc=25 c * i max. (pulsed)* (continuous) i max. 1ms* 10ms* 100ms* dc operation v max. ceo c c collector power dissipation 0 c 0 ambient temperature ta ( c) pc - ta p (w) 25 50 75 100 125 150 175 4 8 12 16 20 24 200 28 32


▲Up To Search▲   

 
Price & Availability of KTA1040D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X