Part Number Hot Search : 
08A00 FDRH20 BNBSP C6204B48 78052 FAN5093 MB3853PS 1N5420
Product Description
Full Text Search
 

To Download KBPC5000FW-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kbpc5000fp ... kbpc5012fp kbpc5000fp ... kbpc5012fp silicon-bridge-rectifiers silizium-brckengleichrichter version 2014-06-24 dimensions - ma?e [mm] nominal current nennstrom 50 a alternating input voltage eingangswechselspannung 35...800 v plastic case with alu bottom plastikgeh?use mit alu-boden 28.6 x 28.6 x 7.3 [mm] terminals anschlsse fast-on 1 ) weight approx. gewicht ca. 17 g compound has classification ul94v-0 vergussmasse nach ul94v-0 klassifiziert standard packaging bulk standard lieferform lose im karton recognized product C underwriters laboratories inc.? file e175067 anerkanntes produkt C underwriters laboratories inc.? nr. e175067 maximum ratings grenzwerte type typ max. alternating input voltage max. eingangswechselspannung v vrms [v] repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] 2 ) kbpc5000fp 35 50 kbpc5001fp 70 100 kbpc5002fp 140 200 kbpc5004fp 280 400 kbpc5006fp 420 600 kbpc5008fp 560 800 kbpc5010fp 700 1000 kbpc5012fp 800 1200 1 solderable per mil-std-202, method 208, terminal temperature not exceeding 260c l?tbar gem?? mil-std-202, methode 208, temperatur der anschlussdr?hte nicht h?her als 260c 2 valid per diode C gltig pro diode ? diotec semiconductor ag http://www.diotec.com/ 1 1 4 . 3 0 . 5 28.6 0.2 21.6 1 0 . 8 6 . 3 ? 5.2 18.1 0.5 7 . 9 1 6 . 6 0 . 5 16.6 0.5 6.7 + 7.3 + t y p e = =
kbpc5000fp ... kbpc5012fp repetitive peak forward current periodischer spitzenstrom f > 15 hz i frm 90 a 1 ) peak forward surge current 50/60 hz half sine-wave sto?strom fr eine 50/60 hz sinus-halbwelle t a = 25c i fsm 400/450 a rating for fusing, t < 10 ms grenzlastintegral, t < 10 ms t a = 25c i 2 t 800 a 2 s operating junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -50...+150c -50...+150c characteristics kennwerte max. current with cooling fin 300 cm2 dauergrenzstrom mit khlblech 300 cm 2 t a = 50c r-load c-load i fav i fav 50 a 46 a forward voltage C durchlass-spannung t j = 25c i f = 25 a v f < 1.1 v 2 ) leakage current C sperrstrom t j = 25c v r = v rrm i r < 10 a isolation voltage terminals to case isolationsspannung anschlsse zum geh?use v iso > 2500 v thermal resistance junction to case w?rmewiderstand sperrschicht C geh?use r thc < 1.2 k/w admissible torque for mounting zul?ssiges anzugsdrehmoment 10-32 unf m5 18 10% lb.in. 2 10% nm 1 valid, if the temperature of the case is kept to t c = 120c C gltig, wenn die geh?usetemperatur auf t c = 120c gehalten wird 2 valid per diode C gltig pro diode 2 http://www.diotec.com/ ? diotec semiconductor ag rated forward current versus ambient temperature ) zul. richtstrom in abh. von der umgebungstemp. ) 1 1 i fav [%] 120 100 80 60 40 20 0 [c] t a 150 100 50 0 forward characteristics (typical values) durchlasskennlinien (typische werte) 0.4 v f 0.8 1.0 1.2 1.4 [v] 1.8 10 10 10 1 10 3 2 -1 [a] i f t = 25c j t = 125c j 400a-(25a-1,1v)


▲Up To Search▲   

 
Price & Availability of KBPC5000FW-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X