Part Number Hot Search : 
TN2535 OM11N55 MOS3CL 1N5268 27C25 LS161 LC8902 MICRO
Product Description
Full Text Search
 

To Download ILX521AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ILX521AA 256-pixel ccd linear image sensor (b/w) description the ILX521AA is a rectangular reduction type ccd linear image sensor designed for image scanner sensor. a built-in timing generator and clock driver ensure single 5v power supply for easy use. features number of effective pixels: 256 pixels pixel size: 14m 14m (14m pitch) built-in timing generator and clock driver built-in s/h circuit maximum data rate: 2mhz single 5v power supply clear mold package (20-pin sop) absolute maximum ratings supply voltage v dd 6v operating temperature ?0 to +60 ? storage temperature ?0 to +80 ? pin configuration (top view) block diagram ?1 e99155-ps sony reserves the right to change products and specifications without prior notice. this information does not convey any licens e by any implication or otherwise under any patents or other right. application circuits shown, if any, are typical examples illustr ating the operation of the devices. sony cannot assume responsibility for any problems arising out of the use of these circuits. 20 pin sop (mold) 7 8 9 10 14 13 12 11 20 19 18 17 16 15 1 2 3 4 5 6 nc nc gnd v out test f clk s/h sw f rog nc nc nc nc nc nc nc v dd nc nc nc nc 1 256    test gnd v out v dd s/h sw readout gate ccd analog shift register clock driver mode selector rog pulse generator clock pulse generator 6 4 3 15 8 7 f rog f clk d7 d8 d12 s1 s2 s255 s256 d13 d17 5 ?output amplifier ?s/h circuit
? 2 ILX521AA pin description pin no. symbol description 1 2 3 4 5 6 7 8 9 10 nc nc gnd v out test f clk s/h sw f rog nc nc nc nc gnd signal output test (open) clock pulse input switching of with s/h or without s/h readout gate pulse input nc nc pin no. symbol description 11 12 13 14 15 16 17 18 19 20 nc nc nc nc v dd nc nc nc nc nc nc nc nc nc 5v power supply nc nc nc nc nc input pin capacity c f clk c f rog min. typ. 10 10 max. unit pf pf item symbol input capacity of f clk pin input capacity of f rog pin input clock voltage condition * 1 high level low level min. symbol 4.5 0 v ih v il typ. v dd max. v dd + 0.5 0.5 unit v v item * 1 this is applied to the all external pulses. ( f clk, f rog) mode description used mode with s/h without s/h pin 7 s/h sw gnd v dd recommended voltage item v dd min. 4.75 typ. 5.0 max. 5.25 unit v
? 3 ILX521AA electrooptical characteristics (ta = 25 c, v dd = 5v, data rate = 1mhz, without s/h mode, light source = 3200k, ir cut filter cm-500s (t = 1mm)) item symbol min. typ. max. unit remarks sensitivity sensitivity nonuniformity saturation output voltage dark voltage average dark signal nonuniformity image lag dynamic range saturation exposure current consumption total transfer efficiency output impedance offset level r prnu v sat v drk dsnu il dr se i vdd tte z o v os 13.3 0.6 92.0 19.0 5.0 0.8 0.3 0.5 0.02 2666 0.042 5.0 98.0 350 3.8 24.7 12.0 2.0 3.0 12.0 v/(lx ?s) % v mv mv % lx ?s ma % v note 1 note 2 note 3 note 3 note 4 note 5 note 6 note 7 note) 1. for the sensitivity test light is applied with a uniform intensity of illumination. 2. prnu is defined as indicated below. ray incidence conditions are the same as for note 1. prnu = 100 [%] the maximum output of the 256 pixels is set to v max , the minimum output to v min and the average output to v ave . 3. integration time is 10ms. 4. v out = 500mv. 5. dr = v sat /v drk when optical integration time is shorter, the dynamic range sets wider because dark output voltage is in proportion to optical integration time. 6. se = v sat /r1 7. vos is defined as indicated below. (v max ?v min )/2 v ave         d 8 d 9 d 1 0 d 1 1 d 1 2 s 1 v o u t v o s g n d
? 4 ILX521AA f r o g f c l k v o u t 0 v 5 v 5 v 0 v 2 1 3 6 7 8 9 1 0 1 1 1 2 1 3 1 4 2 6 8 2 6 9 2 7 0 2 7 1 2 7 2 2 7 3 1 d 1 d 2 d 3 d 6 o p t i c a l b l a c k ( 4 p i x e l s ) e f f e c t i v e p i x e l s i g n a l ( 2 5 6 p i x e l s ) d u m m y s i g n a l ( 5 p i x e l s ) d u m m y s i g n a l ( 1 2 p i x e l s ) 1 - l i n e o u t p u t p e r i o d ( 2 7 3 p i x e l s ) n o t e ) 2 8 0 o r m o r e c l o c k p u l s e s a r e r e q u i r e d . d 7 d 8 d 9 d 1 0 d 1 1 d 1 2 s 1 s 2 s 2 5 6 d 1 3 d 1 4 d 1 5 d 1 6 d 1 7 clock timing diagram (without internal s/h mode)
? 5 ILX521AA 2 1 0 3 f r o g f c l k v o u t 0 v 5 v 5 v 0 v 6 7 8 9 1 0 1 1 1 2 1 3 1 4 2 6 8 2 6 9 2 7 0 2 7 1 2 7 2 2 7 3 1 d 0 d 1 d 2 d 6 o p t i c a l b l a c k ( 4 p i x e l s ) e f f e c t i v e p i x e l s i g n a l ( 2 5 6 p i x e l s ) d u m m y s i g n a l ( 5 p i x e l s ) d u m m y s i g n a l ( 1 3 p i x e l s ) 1 - l i n e o u t p u t p e r i o d ( 2 7 4 p i x e l s ) n o t e ) 2 8 0 o r m o r e c l o c k p u l s e s a r e r e q u i r e d . d 7 d 8 d 9 d 1 0 d 1 1 d 1 2 s 1 s 2 5 6 d 1 3 d 1 4 d 1 5 d 1 6 d 1 7 clock timing diagram (with internal s/h mode)
? 6 ILX521AA f clk timing (for all modes) t 1 t 2 t 3 t 4 f c l k 9 0 % 5 0 % 1 0 % f rog, f clk timing t 6 t 7 t 8 f r o g f c l k t 5 t 9 9 0 % 9 0 % 1 0 % item symbol min. typ. max. unit f clk pulse rise/fall time f clk pulse duty * 1 t1, t2 0 40 10 50 100 60 ns % * 1 100 t4/(t3 + t4) item symbol min. typ. max. unit f rog, f clk pulse timing 1 f rog, f clk pulse timing 2 f rog pulse rise/fall time f rog pulse period t5 t9 t6, t8 t7 500 500 0 500 1000 1000 10 1000 ns ns ns ns
? 7 ILX521AA f c l k v o u t v o u t * ( n o t e 2 ) t 1 2 t 1 1 t 1 0 ( n o t e 3 ) item symbol min. typ. max. unit f clk ?v out output delay time 1 f clk ?v out output delay time 2 f clk ?v out * (with s/h) output delay time t10 t11 t12 150 220 110 ns ns ns note 1) fck = 1mhz, f clk pulse duty = 50%, f clk pulse rise/fall time = 10ns note 2) output waveform when internal s/h circuit is used. note 3) is data period. f clk output signal timing (note 1)
? 8 ILX521AA f c l k f r o g t e s t f c l k s / h s w f r o g n c n c n c 5 v v d d n c n c n c n c 5 6 7 8 n c n c v s s v o u t 1 2 3 4 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 n c n c n c 1 7 1 8 1 9 n c 2 0 0 . 0 1 2 2 / 1 0 v 3 k w 2 s a 1 1 7 5 s i g n a l o u t p u t n o t e ) t h i s c i r c u i t d i a g r a m i s t h e c a s e w h e n i n t e r n a l s / h m o d e i s n o t u s e d . c o n n e c t p i n 7 t o g n d w h e n i n t e r n a l s / h m o d e i s u s e d . application circuit (without internal s/h mode) application circuits shown are typical examples illustrating the operation of the devices. sony cannot assume responsibility fo r any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same .
? 9 ILX521AA example of representative characteristics (v dd = 5v, ta = 25 c) 1 0 . 9 0 . 8 0 . 7 0 . 6 0 . 5 0 . 4 0 . 3 0 . 2 0 . 1 0 4 0 0 5 0 0 6 0 0 7 0 0 w a v e l e n g t h [ n m ] s p e c t r a l s e n s i t i v i t y c h a r a c t e r i s t i c s ( s t a n d a r d c h a r a c t e r i s t i c s ) r e l a t i v e s e n s i t i v i t y 8 0 0 9 0 0 1 0 0 0 1 0 0 5 0 1 0 5 1 0 . 5 0 . 1 0 . 0 5 0 . 0 1 1 0 0 1 0 2 0 t a a m b i e n t t e m p e r a t u r e [ c ] o u t p u t v o l t a g e v s . t e m p e r a t u r e c h a r a c t e r i s t i c s ( s t a n d a r d c h a r a c t e r i s t i c s ) o u t p u t v o l t a g e r a t e 3 0 4 0 5 0 6 0
? 10 ILX521AA 5 4 7 6 3 2 1 0 1 0 0 1 0 2 0 t a a m b i e n t t e m p e r a t u r e [ c ] o f f s e t l e v e l v s . t e m p e r a t u r e c h a r a c t e r i s t i c s ( s t a n d a r d c h a r a c t e r i s t i c s ) v o s o f f s e t l e v e l [ v ] 3 0 4 0 5 0 6 0 7 6 5 4 0 1 2 3 4 . 7 5 v d d [ v ] o f f s e t l e v e l v s . v d d c h a r a c t e r i s t i c s ( s t a n d a r d c h a r a c t e r i s t i c s ) v o s o f f s e t l e v e l [ v ] 5 5 . 2 5 d v o s d v d d ~ 0 . 8 t a = 2 5 c 1 0 8 7 5 9 6 4 2 3 1 0 4 . 7 5 5 v d d [ v ] s u p p l y c u r r e n t v s . v d d c h a r a c t e r i s t i c s ( s t a n d a r d c h a r a c t e r i s t i c s ) i v d d s u p p l y c u r r e n t [ m a ] 5 . 2 5 1 0 5 1 1 t i n t e g r a t i o n t i m e [ m s ] o u t p u t v o l t a g e v s . i n t e g r a t i o n t i m e ( s t a n d a r d c h a r a c t e r i s t i c s ) o u t p u t v o l t a g e r a t e 5 1 0 d v o s d t a ~ 2 m v / c
? 11 ILX521AA notes on handling 1) static charge prevention ccd image sensors are easily damaged by static discharge. before handling be sure to take the following protective measures. a) either handle bare handed or use non-chargeable gloves, clothes or material. also use conductive shoes. b) when handling directly use an earth band. c) install a conductive mat on the floor or working table to prevent the generation of static electricity. d) ionized air is recommended for discharge when handling ccd image sensors. e) for the shipment of mounted substrates, use boxes treated for the prevention of static charges. 2) soldering a) make sure the package temperature does not exceed 80 c. b) use a grounded 30w soldering iron and solder each pin in less than 2 seconds. for repairs and remount, cool sufficiently. c) to dismount an image sensor, do not use solder suction equipment. when using an electric desoldering tool, ground the controller. for the temperature control system, use a zero-cross type. 3) dust and dirt protection a) operate in clean environments. b) do not either touch mirror surfaces by hand or have any object come in contact with mirror surfaces. should dirt stick to a mirror surface, blow it off with an air blower. (for dirt stuck through static electricity ionized air is recommended.) c) clean with a cotton bud and ethyl alcohol if the mirror surfaces are grease stained. be careful not to scratch the mirror surfaces. d) keep in a case to protect from dust and dirt. to prevent dew condensation on the mirror surfaces, preheat or precool when moving to a room with great temperature differences. 4) do not expose to intense light for long periods. 5) exposure to high temperatures or humidity will affect the characteristics. accordingly avoid storage or usage in such conditions. 6) ccd image sensors are precise optical equipment that should not be subject to mechanical shocks. 7) normal output signal is not obtained immediately after device switch on.
? 12 ILX521AA p a c k a g e s t r u c t u r e p a c k a g e m a t e r i a l l e a d t r e a t m e n t l e a d m a t e r i a l p a c k a g e m a s s d r a w i n g n u m b e r 1 1 0 1 1 2 0 a h v b 0 . 1 + 0 . 2 - 0 . 1 0 . 8 0 . 1 5 + 0 . 1 - 0 . 0 5 1 3 . 3 0 . 3 1 1 . 6 0 . 1 5 . 0 0 0 . 4 0 . 8 0 . 3 0 . 1 4 . 0 0 . 1 6 . 9 0 . 3 9 . 5 0 . 3 2 . 4 0 . 2 0 . 0 5 0 . 0 4 d e t a i l a 0 . 5 0 . 2 0 ? t o 1 0 ? d e t a i l b 0 . 1 5 3 . 6 6 0 . 4 0 . 8 d e p t h 0 . 0 5 1 s t . p i n i n d e x 1 5 ? ( a l l s i d e s ) 1 5 ? ( a l l s i d e s ) m 0 . 1 5 3 . 5 d e p t h 0 . 0 5 ( b o t t o m ) p l a s t i c s o l d e r p l a t i n g 4 2 a l l o y 0 . 3 1 g l s - f 7 ( e ) 2 0 p i n s o p 1 . t h e h e i g h t f r o m t h e s e n s o r s u r f a c e i s 1 . 5 5 0 . 2 m m . 2 . t h e r e f r a c t i v e i n d e x o f t h e r e s i n i s 1 . 5 7 . package outline unit: mm


▲Up To Search▲   

 
Price & Availability of ILX521AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X