Part Number Hot Search : 
2SJ221 PD057VU1 LM2903N IRG4P AN7100S K2744 SDA004 63420
Product Description
Full Text Search
 

To Download GS1ADWG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 february 6,2013-rev.01 GS1ADWG series features ? for surface mounted applications ? easy pick and place ? plastic package has underwriters laboratory flammability classification 94v-o ? low forward drop ? high temperature soldering : 260c /10 seconds at terminals ? glass passivated junction ? lead free in comply with eu rohs 2011/65/eu directives ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: sma(w) molded plastic ? terminals: solder plated, solderable per mil-std-750,method 2026 ? polarity: indicated by cathode band ? standard packaging: 12 mm tape (eia-481) ? weight: 0.002 ounce, 0.064 gram surface mount general purpose rectifier maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. notes : 1. mounted on an fr4 pcb, single-sided copper, mini pad. 2. mounted on an fr4 pcb, single-sided copper, with 100cm 2 copper pad area. 3.reverse recovery test conditions: i f =0.5a, i r =1a, recover to 0.25a. voltage 50~1000 volts 1 amperes current 1 2 cathode anode parameter symbol GS1ADWG gs1bdwg gs1ddwg gs1gdwg gs1jdwg gs1kdwg gs1mdwg units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v r 50 100 200 400 600 800 1000 v maximum average forward current i f(av) 1a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 a maximum forward voltage at 1a dc v f 1.1 v maximum dc reverse current at rated dc blocking voltage i r 1 ? a maximum reverse recovery time (note 3) t rr 1000 ns minimum reverse recovery time (note 3) t rr 500 ns typical junction capacitance (v r =4v,f=1mhz) c j 7pf typical junction resistance (note 1) (note 2) r ? ja r ? jl 150 30 o c / w operating and storage temperature range t j ,t stg -55 to +150 o c
page . 2 february 6,2013-rev.01 GS1ADWG series 0 0.2 0.4 0.6 0.8 1 1.2 0 25 50 75 100 125 150 t c , case temperature (c) i f , forward current (a) 0.01 0.1 1 10 100 20 30 40 50 60 70 80 90 100 percent of rated peak reverse voltage (%) i r , reverse current ( a) t j = 25c t j = 75c t j = 125c t j = 150c fig.3 typical reverse characteristics fig.4 typical forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitance 1 10 1 10 100 v r , reverse bias voltage (v) c j , junction capacitance (pf) 0.01 0.1 1 10 0.2 0.4 0.6 0.8 1 1.2 v f , forward voltage (v) i f , forward current (a) t j = 125c t j = 150c t j = 25c t j = 75c
page . 3 february 6,2013-rev.01 GS1ADWG series mounting pad layout order information ? packing information t/r - 7.5k per 13" plastic reel t/r - 1.8k per 7" plastic reel
page . 4 february 6,2013-rev.01 GS1ADWG series part no_packing code_version GS1ADWG_r1_00001 GS1ADWG_r2_00001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 5 february 6,2013-rev.01 GS1ADWG series disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of GS1ADWG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X