Part Number Hot Search : 
MMBT4401 TEN15WI 1N4976A FR100 MC68HC0 HD44848 MIX17 M27C5
Product Description
Full Text Search
 

To Download FS20-600-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p o w e r t r a n s f o r m e r p c m o u n t : split pack web: www.triadmagnetics.com phone 951 - 277 - 0757 fax 951 - 277 - 2757 460 harley knox blvd. perris, california 92571 publi sh date: december 4, 2013 fs 20 - 600 description: the fs 20 - 600 is a dual primary and dual secondary, split bobbin design which operates with either a parallel input of 115v or a series input of 230v. the output voltage will be either 20.0 v with a center - tap under a 0.6 a load with t he secondaries wired in series, or 10 v under a 1.2 a load with the secondaries wired in parallel. the split bobbin design eliminates the need for costly electrostatic shielding. electrical specifications (@25c) 1. maximum power: 12.0 va 2. primary: series: 230v ; parallel: 115v 3. secondary: series: 20.0 v ct@ 0.6 a; parallel: 10.0 v @ 1.2 a 4. voltage regulation: 25% typ @ full load to no load 5. temperature rise: 25c typ 6. hipot tested 100% at 2500 vrms construction: three flange bobbin const ruction with pri maries and secondaries wound side by sid e for low capacitive coupling. agency file: ul: file e53148, ul 5085 - 2 ( 506 ) , class b general purpose transformer, c ul: file e53148, ul 5085 - 2 ( 506 ) , class b general purpose transformer, canadian use (csa 22.2, no .66.2 - 06) this model is also available in class 2, ul 5085 - 3 (1585) version as fs20 - 600 - c2 dimensions: units in inches. h w l a b c d e f 1.437 1.562 1.875 0. 3 0 0 0. 4 0 0 1. 41 0 0.041 0.020 0.234 weight: 0.70 lbs schematic : rohs compliance: as of manufacturing date february 2005, all standard products meet the requirements of 2011/65/eu, known as the rohs initiative. as of april 7, 2008, ul standards 506 and 1585 will be migrated to ul 5085 - 2 and 5085 - 3, respectively. * upon printin g, this document is considered uncontrolled . please contact triad magnetics website for the most current versi on. board layout 1 2 3 4 8 7 6 5 115/230v 50/60hz 1 2 3 4 115/230v 50/60hz parallel 1 2 3 4 115/230v 50/60hz series 1 2 3 4 l h w e a b a c 0.06" diameter hole d f 1 5 8 4


▲Up To Search▲   

 
Price & Availability of FS20-600-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X