Part Number Hot Search : 
SM0357 74LV138D 1A66C 2SC33 SKIIP2 A124D S1352 LBN08303
Product Description
Full Text Search
 

To Download FLI7560-AAB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary data ? data brief this is preliminary information on a new product now in deve lopment or undergoing evaluation. details are subject to change without notice.for further information cont act your local stmicroelectronics sales office. august 2012 doc id 023606 rev 1 1/10 10 fli7560 freeman premier 2 ? smart 3dtv soc integrated 120 hz frc + faroudja a/v processing features st231 @ 450 mhz for advanced hd video decoding (h.264/vc-1/mpeg2/?) --> worldwide dtt broadcast video standards dual st231 @ 450 mhz for advanced multi- channel audio decoding (mpeg-1/2, mp3, wma, dolby? digital/dolby digital+, aac/aac+/?) --> worldwide dtt broadcast audio standards dual st40 cpu @ 450 mhz (delivers 1600+ dmips) runs linux and os21 --> one cpu fully dedicated to application and user interface 256 kbyte level 2 cache --> for high performance internet tv applications faroudja? video processing for main video --> vivid picture quality for the consumer full support for hdmi 1.4b mandatory 3dtv input formats horizontal/vertical image flip support all panel types faroudja mcti? frame rate conversion (frc) for 2d and 3d content (film and video) higher performance for smart tv with more responsive navigation 3dtv support 120 hz (line-interleaved) and 60l60r (frame-sequential) integrates auto 2d to 3d video/text conversion and depth control worldwide analog audio demodulator 14-bit advanced color management (3d) and contrast processing --> ultimate video quality for oems and consumers high-quality graphics for rich, easy-to-use gui advanced security supporting embedded ca, ci/ci+ and drm apps; copy protection support including hdcp, aes/des/tdes, rovi tm 48-bit (3 x 16 or 1 x 16 + 1 x 32) ddr2/ddr3 1066 mbps dram i/f --> performance and flexibility with dram ics quad high-speed 10-bit lvds outputs --> convenient connectivity to panel tcon board support package (bsp) api accelerates time to market applications connected, high-performance, and mainstream idtvs with support for 120 hz 3dtvs with mcti multi-region, single footprint for dvb/atsc/dtmb/isdb s/pdif audio: 1xsif 2xadc x6 l/r in x1 sif in ts_in1 ts in/out ci dvb-ci, dvb-ci+ mii/rmii i2s out 3.1 usb 2.0 ulpi hdmi 1 hdmi 2 hdmi 3 hp out aux. compositor st-bus interconnect usb 2.0 phy ethernet 10/100 mac emi nand flash serial flash st40-300 450 mhz linux uarts x3 + spi ssc x3 (i2c) ir rx gp adc x1 gp i/o pwm x4 fdma audio pcm/spdif players/readers ww analog audio demod analog video decoder with 3d comb mpeg-2/h.264/ vc1/divx/avs video decoder transport front-end transport stream demux analog sd video encoder clock generator st40-300 450 mhz os21 hdmi rx w/ hdcp macro block to raster x2 video dacs afe with 21 inputs, x4 video adcs, 3 outputs, main compositor gdp 1 & 2 main video processing ref clock hdmi audio 21 analog video inputs video / gfx lvds out quad wide gamma hdmi 3:1 mux phy 2d gfx blitter aux i2s vcr/aux scaler sd/mmc card reader sd card gdp3 security system usb 2.0 host ctrl y/c + / cvbs analog video out x2 l/r out sharpening filters acm 3d and acc 3 enhancer 3x3 matrix picture blend cluts audio dsp st231 450 mhz audio dsp st231 450 mhz 8 ddr2/3 ctl 16 bit ddr2/3 1066 mbps 512 mb-4 gb 2xddr2/3 1066 mbps 512 mb-4 gb 16 32 video input select mux hdmi video ts_in2 tuner x2 adc, x6 dacs, hp amp 2xddr2/3 ctl 32 bit ddr2/3 ctl 32 bit h/v flip www.st.com
description fli7560 2/10 doc id 023606 rev 1 1 description the fli7560 is a revolutionary new idtv soc that integrates two highly successful, market- proven subsystems: sti710x digital/front-en d processing and multi-format audio/video decoding from the stb market, and faroudja video/back-end processing from the tv market. the fli7560 is a high-performance, state-of-the-art soc that can power dtt/cable/satellite/iptv idtv designs for worldwide deployment. from the software compatibility extending from the mature sti710x stapi layer to the extensive video processing, tuning, and tools from faroudja labs, fli7560 is an ideal solution for addressing the next generation of idtv design requirements. the fli7560 is the latest in a family of scalable performance and software-compatible h.264 socs that address mainstream and performance segments of the idtv market. notably, it is a single-chip, 120 hz tv solution incorporating motion-corrected temporal interpolation (mcti) faroudja technology. it utilizes industry-leading vector estimation to interpolate in- between frames to correct film motion judder and panel motion blurring. combining the artistic elements of film with the linear motion of video, fli7560 provides audiences with a uniquely enjoyable viewing experience. fli7560 implements the latest generation of faroudja video optimized technologies, which allow a high degree of customization for tv oems. key technology improvements in this area include 14-bit color and contrast processing, upgraded sharpness, upgraded temporal noise reduction, and new mpeg noise reduction. furthermore, fli7560 supports all connectivity requirements to 3d sources and all mandatory 3d formats defined in the hdmi 1.4b specification. along with its high performance cpu, the fli7560 is equipped with 256 kbyte of level 2 cache to deliver the smoothest multi-instance connectedtv intuitive user experience. in addition, with its a/v decode, graphics engine, motion judder reduction and motion blur removal features, and extensiv e network interface capability, fli7560 enables 3dtvs to deliver rich applications for convenient access to multimedia content, both from within the home, as well as from the web.
fli7560 main features doc id 023606 rev 1 3/10 2 main features the fli7560 is a new, advanced decoding soc targeted at next generation idtvs (dtt, as well as with combinations of ca ble/satellite/iptv). it integrates in a single ic, multi-stream transport demux, cpu, multi-format audio/video decode, faroudja video processing with mcti technology, graphics and display, advanced security, peripherals, audio/video adcs/dacs, digital a/v inputs/outputs, 3x hdmi switch, usb port, ethernet mac, and glueless sd/mmc card interface. 2.1 audio/video decoding latest generation ?delta? video decoder with st231 programmable cpu core: ? mpeg2, h.264, vc-1, hd or sd ? avs hd decoding ? divx hd mp4p2 (1080p30), xvid, h.263 decoding ? rmvb 720p30 advanced de-blocking and de-ringing of decoded h.264/mpeg2 hd/sd sources based on st's digital source enhancer (dse) technology with 2d analysis window and texture adaptive filter dual st231 @ 450 mhz for advanced multi-channel audio decoding (mpeg-1/2, mp3, wma, dolby digital/dolby digital+, aac/aac+). concurrent audio description decoding. dolby digital+ and aac+ transc oding to dolby digital/dts. in addition, generous headroom remains for oem post-processing algorithm implementation. 2.2 graphics and display stereoscopic graphics with depth control for osd in ?z? dimension main video display pipelines: high-quality h & v reformatting/resizing with sample rate conversion/filtering. motion adaptive spatial and temporal de-interlacing for 480p/576p and 1080p120 progressive output ? 14-bit color/contrast processing ? tnr 3.5 for more flexible tuning of temporal/space noise reduction strength versus ghosting ? dcdi diagonal processing ? 10-bit motion adaptive deinterlacing (madi) ? 10-bit arbitrary scaling, sharpness (linear and non-linear) independent main display compositions (video/graphics mixing) pass-through display for graphics, main video output concurrently with main compositions (vcro) physical graphics planes for main display composition. options include: ? one graphics plane at up to 1280x720p / 32 bpp @ 120 hz ? one graphics plane at up to 1920x1080p / 16 bpp @ 120 hz
main features fli7560 4/10 doc id 023606 rev 1 dedicated graphics plane for sd monitor/tv output link list based 2d graphics blitter. up to 200 mpixels/sec with destination alpha blending. capable of 3d-like user interface effects. hd display capture and down-conversion for concurrent hd and sd output of the main composition 2.3 mcti by faroudja mcti frc processes both 2d and 3d content so urces (for 3d content, the left eye and right eye are processed independently for deinterlacing, noise reduction, and motion compensated frc) vertical resolution enhancement for increased apparent resolution reduces film motion judder associated with 2:2 and 3:2 film sources to produce smooth, linear motion for 60/72/100/120 hz displays removes lcd motion blur for 50/60 hz video sources for 100/120 hz displays mcti film 25 to 100 hz mcti film 24 to 120 hz mcti video 50 to 100 hz mcti video 60 to 120 hz unique occlusion handling capabilities for error-free motion tracking horizontal and vertical search for optimal motion estimation repetitive pattern artifact optimization programmable frc ?strength? 2.4 3dtv 3d video is the ultimate entertainment experience to have at home. bringing 3d to tv is about supporting the proper connectivity to 3d sources and fli7560 supports all the connectivity options that are required. main features include the following: supports 3d mandatory formats defined in hdmi 1.4b specification supports deep color with mandatory 3d timings up to 12 bpc may be used with an enhancement device to support 1080p 240 hz output to boost the quality of 3d playback by increasing the frame rate per eye controls sync of acti ve shutter glasses automatically generates stereoscopic 3d osd using a standard 2d osd
fli7560 main features doc id 023606 rev 1 5/10 2.5 legacy audio/video interfaces 3-inputs of hdmi into a single receiver, with hdcp supporting hd and sd video formats up to 1080p60 (222.75 mhz). the hdmi receiver is compliant to the v1.4b specification and supports deep color fo rmats, enhanced colorimetry (xvycc and gamut metadata reception), and audio reception in hdmi layout 0 and hdmi layout 1 formats. pal/ntsc/secam analog video decoder pal/ntsc/secam digital video encoder two 10-bit dacs for s-video/composite analog video output (sd formats up to 480i/576i) six pairs of l/r audio inputs multiplexed into one pair of 16-bit stereo adc for digitizing two pairs of l/r audio outputs and one pair of l/r headphone outputs generated from three pairs of 24-bit stereo dacs programmable bypass option for any six pairs of l/r audio inputs to any three pairs of l/r audio outputs 3.1-channel audio pcm output interface spdif input and output scart input and output 2.6 transport dual transport stream inputs multi-stream transport stream de-multiplexing, dual-tuner dvr, watch/record capable glueless interface to dvb-ci/dvb-ci+ modules 150 mhz for serial tsin for dvb-s2 table 1. 3d video formats supported input format fli7560 ? output to tcon (optional output to enhancement device for 200/240 hz) 720p @ 50/60 hz (frame packed) 1080p @ 100/120 hz (line interleaved/frame sequential) 1080p @ 24 hz (frame packed or top-bottom half vertical resolution) 720p @ 50/60 hz (side-by-side half horizontal resolution or top-bottom half vertical resolution) 1080i @ 50/60 hz (side-by-side half horizontal resolution) 1080p @ 50/60 hz (side-by-side half horizontal resolution or top-bottom half vertical resolution)
main features fli7560 6/10 doc id 023606 rev 1 2.7 processors and memory high-performance dual st40 cpus for applications and real-time control ? st40@450 mhz, dual-issue, appl ications cpu, 32ki, 32kd caches deliver > 800 dmips 256 kbyte level 2 cache for accelerated performance, especially web applications 48-bit (3x16 or 1x16+1x32) ddr2/ddr3 local memory interface (lmi), up to 1066 mbps support for nand flash and quad speed serial flash dual multi-channel, fl exible dma controllers 2.8 connectivity usb 2.0 host interface, with one phy integrated 10/100 ethernet mac/mii/rmii sd/mmc card interface 2.9 dvr dvr support, with hdd attachment through usb or flash drive encrypted storage support for copy prot ection using aes/des/tdes, anticloning option 2.10 security advanced security support with secure boot and trusted processor capability to protect keys/certificat e through hardware root-of-trust support for removable security modules (ci/ci+ and mscc) and embedded ca schemes hdcp and rovi? copy protection support 2.11 tv soc peripherals three uarts three ssc/i2c gpio banks with alternate functions infrared receiver four pwms hdmi cec low bandwidth adc for chassis control 2.12 package fpbga 35 mm x 35 mm, 956 balls, r34x34, pitch 1.0 mm, ball 0.6 m
fli7560 application overview doc id 023606 rev 1 7/10 3 application overview figure 1. fli7560 ? 100/120 hz frc and 3dtv for eu/us dtt + cable idtv application [ +'0, ,qsxwv <3e3u 0xowlsoh &9%6<& 'xdo6&$57 5*% ,6 $qdorj ,) 76 elw,) /rxgvshdnhu /52xw +hdgskrqhv 2xw 63',),q 1$1' 86%&wuo 3+<hpehgghg [/9'6 &9%6 ''5  0$& 5- )/, $79'79 +6r& 6wdqgdorqh'79 67$[ 'ljlwdo$ps 679[[ $76&'9%7& 4$0 +\eulg 7xqhu 63',)2xw [elwru[[elw frqiljxudwlrqrswlrqvdydlodeoh 8$57/lqnv/%$'& )urqwsdqhovzlwfkhv ([whuqdofrpvlqwhuidfh hjkrwho79v 'hexjfrghxsgdwh
ordering information fli7560 8/10 doc id 023606 rev 1 4 ordering information in order to meet environmental requirements, st offers these devices in different grades of ecopack? packages, depending on their level of environmental compliance. ecopack? specifications, grade definitions and product status are available at: www.st.com . ecopack? is an st trademark. table 2. order codes part number description fli7560-aa fpbga 35 x 35 mm
fli7560 revision history doc id 023606 rev 1 9/10 5 revision history table 3. document revision history date revision changes 29-aug-2012 1 preliminary release.
fli7560 10/10 doc id 023606 rev 1 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2012 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of FLI7560-AAB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X