Part Number Hot Search : 
APM23 SMA59 AN4233 TORX1 LBN06101 AD802705 CY8C20 TZM5265B
Product Description
Full Text Search
 

To Download EV-VN7016AJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  june 2014 docid026607 rev 1 1 / 7 www.st.com ev - vn7016aj vn7016aj evaluation board data brief features max transient supply voltage v cc 40 v operating voltage range v cc 4 to 28 v typ. on - state resistance (per ch) r on 16 m current limitation (typ) i limh 77 a stand - by cur rent (max) i stby 0.5 a ? simple single ic application board dedicated for vn7016aj - e ? provides electrical connectivity and thermal heat - sinking for easy prototyping ? general device features ? single channel smart high - side driver with multisense analog feedback ? very low standby current ? compatible with 3 v and 5 v cmos outputs ? multisense diagnostic functions ? multiplexed analog feedback of: load current with high precision proportional current mirror, v cc supply voltage and t chip device temperature ? overload and short to ground (power limitation) indication ? thermal shutdown indication ? off - state open - load detection ? output short to v cc detection ? sense enable/disable ? protections ? undervoltage shutdown ? overvoltage clamp ? load current limitation ? self limitin g of fast thermal transients ? configurable latch - off on overtemperature or power limitation with dedicated fault reset pin ? loss of ground and loss of v cc ? reverse battery with external components ? electrostatic discharge protection applications typical applications are all types of automotive resistive, inductive and capacitive loads. description this board provides you an easy way to connect stmicroelectronics ? vipower ? m0 - 7 technology into your existing system. table 1: device summary order code reference ev - vn7016aj vn7016aj evalu ation board
ove rview ev - vn7016aj 2 / 7 docid026607 rev 1 1 overview the board comes pre - assembled with vn7016aj - e high - side driver. on board minimum set of electrical components (as for device datasheet recommendation) is enabling the user to directly connect the load, the power supply and the microcontroller without any additional effort in external component design and connection. the vn7016aj - e is a singl e channel high - side driver manufactured using st proprietary vipower ? technology and housed in powersso - 16 package. the device is designed to drive 12 v automotive grounded loads through a 3 v and 5 v cmos - compatible interface, providing protection and dia gnostics. the device integrates advanced protective functions such as load current limitation, overload active management by power limitation and overtemperature shutdown with configurable latch - off. a faultrst pin unlatches the output in case of fault or disables the latch - off functionality. a dedicated multifunction multiplexed analog output pin delivers sophisticated diagnostic functions including high precision proportional load current sense, supply voltage feedback and chip temperature sense, in addi tion to the detection of overload and short circuit to ground, short to v cc and off - state open - load. a sense enable pin allows off - state diagnosis to be disabled during the module low - power mode as well as external sense resistor sharing among similar devi ces. figure 1 : evaluation board schematic
ev - vn7016aj board connections docid026607 rev 1 3 / 7 2 board connections figure 2: "evaluation board connections" shows the placement of the connectors to be used for supplying the evaluation board, connecting the load and controlling the functionality and diagnostic of the device. figure 2 : evaluation board connections table 2: j3 connect or: pin functions connector pin number pin name pin function j3 14 n/a not connected j3 5 in_pullup connection to optional external pull - up resistor for open load detection in off - state. j3 6 +5v 5 v power supply j3 7 faultrst active low compatible with 3 v and 5 v cmos outputs pin; it unlatches the output in case of fault; if kept low, sets the outputs in auto - restart j3 8 multisense multiplexed analog sense output pin; it delivers a current proportional to the selected diagnostic: load current, supply voltage or chip temperature j3 9 s_en active high compatible with 3 v and 5 v cmos outputs pin; it enables the multisense diagnostic pin. j3 10 sel0 active high compatible with 3 v and 5 v cmos outputs pin; together with sel1, it addresses the multisense multiplexer j3 11 sel1 active high compatible with 3 v and 5 v cmos outputs pin; together with sel0, it addresses the multisense multiplexer j3 12 n/a not connected j3 13 in voltage controlled input pin with hysteresis, compatible with 3 v and 5 v cmos outputs. it controls out switch state j3 1418 n/a not connected
board connections ev - vn7016aj 4 / 7 docid026607 rev 1 in case the user wishes to utilize the current sense/multisense function of the device, it is necessary to plug a sense resistor in r sense . the package includes a through - hole resistor, to be mounted on tp1 - tp2 (see figure 4: "mounting through - hole sense resistor" ). different r sense values can be adopted based on user preference. another option is soldering an smd resistor on the dedicated pcb pad, as shown in figure 5: "pads for soldering smd resistor" . figure 3 : no sense resistor figure 4 : mounting through - hole sense resistor figure 5 : pads for soldering smd resistor
ev - vn7016aj thermal data docid026607 rev 1 5 / 7 3 thermal data table 3: thermal data symbol parameter max unit r thj - amb thermal resistance junction - ambient (max) 39 c/w table 4: pcb specifications parameter value board dimensions 25 mm x 41.5 mm number of cu layer 2 layer cu thickness 35 m board finish thickness 1.6 mm +/ - 10% board material fr4 thermal vias separation 1.1 mm thermal vias diameter 0.5 mm
revision history ev - vn7016aj 6 / 7 docid026607 rev 1 4 revision history table 5: revision history date revision changes 26 - jun - 2014 1 initial release.
ev - vn7016aj docid026607 rev 1 7 / 7 please read carefully information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (" st") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. all st products are sold pursuant to sts terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st assumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. if any part o f this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such thir d party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein. unless otherwise set forth in sts terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sa le of st products including without limitation implied warranties of merchantability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right . st products are not designed or authorized for use in: (a) safety critical applications such as life supporting, active implanted devices or systems with product functional safety requirements; (b) aeronautic applications; (c) automotive applications or environments, and/or (d) aerospace applications or environments. where st products are not designed for such use, the purchaser shall use products at purchasers sole risk, even if st has been informed in writing of such usage, unless a product is express ly designated by st as being intended for "automotive, automotive safety or medical" industry domains according to st product design specifications. products formally escc, qml or jan qualified are deemed suitable for use in aerospace by the corresponding governmental agency. resale of st products with provisions different from the statements and/or technical features set forth in this document shal l immediately void any warranty granted by st for the st product or service described herein and shall not cr eate or extend in any manner whatsoever, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2014 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - ch ina - czech republic - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of EV-VN7016AJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X