Part Number Hot Search : 
HSR312L 45TTR 10150 LTC3405A TLE4278G ENA0076 MK53732A 5KP30
Product Description
Full Text Search
 

To Download DTC123JCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  small signal product - built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistor (see equivalent circuit). - the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. - only the on/off conditions need to be set for operation, marking device design easy. - molding compound, ul flammability classification rating 94v-0 - packing code with suffix "g" means green compound (halogen-free) symbol unit jsa p d 300 mw v cc v v in v i o i c(max) t j , t stg c symbol min typ max unit v i(off) 0.5 - - v i(on) --1.1 v o(on) -0.10.3 v i i --3.6 ma i o off) --0.5 a g i 80 - - r 1 1.54 2.2 2.86 k ? r 2 /r 1 17 21 26 f t - 250 - mhz document number: ds_s1410005 version: b14 input voltage power dissipation 200 50 supply voltage jua / jca 150 dtc123je/jua/jca/js a taiwan semiconductor npn small signal transistor features ma 100 output current equivalent circuit je maximum ratings and electrical characteristics (t a =25 unless otherwise noted) parameter value -55 to +150 condition v cc =5v,i o =100 a junction and storage temperature range parameter 100 -5 +12 v i =5v v cc =50v,v i =0 output current input current v v o =0.3v,i o =5ma i o /i i =5ma/0.25ma output voltage input voltage - v o =10v,i o =5ma,f=100mhz transition frequency resistance ratio v o =5v,i o =10ma - input resistance dc current gain
small signal product (t a =25c unless otherwise noted) document number: ds_s1410005 version: b14 dtc123je/jua/jca/js a taiwan semiconductor ratings and characteristics curves 0.1 1.0 10.0 100.0 0.1 1.0 10.0 100.0 input voltage v i(on) (v) output current i o (ma) on characteristics t a =100 o c v o =0.3v t a =25 o c 0.01 0.10 1.00 10.00 0.2 0.4 0.6 0.8 1 output current i o (ma) input voltage v i(off) (v) off characteristics v cc =5v t a =100 o c t a =25 o c 10 100 1000 1 10 100 output voltage v o(on) (v) output current i o (ma) v o(on) ?? i o i o /i i =20 t a =100 o c t a =25 o c 1 10 100 1000 0.1 1 10 100 dc current gain g i output current i o (ma) g i ?? i o v o =5v t a =100 o c t a =25 o c 0 2 4 6 8 10 0481 21 62 0 output capacitance c o (pf) reverse bias voltage v r (v) c o ?? v r f=1mhz t a =25 o c 0 50 100 150 200 250 300 350 400 0 25 50 75 100 125 150 power dissipation p d (mw) ambient temperature t a ( o c) p d ?? t a dtc123jsa dtc123jua/ca/ka dtc123je
small signal product part no. dtc123je dtc123jua DTC123JCA note 1: part no. suffix ?-xx ? would be used for special requirement part no. document number: ds_s1410005 version: b14 description rs dtc123jsa a3 to-92s 3k / box (ammo) g b3 sot-523 sot-323 dtc123je/jua/jca/js a taiwan semiconductor ordering information part no. suffix (note 1) packing code packing code suffix package packing rv ru -xx rs packing code g define manufacture source green compound dtc123je rsg dtc123je rs example preferred part no. part no. suffix g multiple manufacture source green compound pin connenctions and marking dtc123je-m0 rsg dtc123je m0 rs dtc123je dtc123je rs packing code suffix sot-23 3k / 7" reel 3k / 7" reel 3k / 7" reel 10k / box (bulk) multiple manufacture source
small signal product package outline dimension min max min max min max min max a 2.70 3.10 0.106 0.122 a 1.80 2.20 0.071 0.087 b 1.10 1.50 0.043 0.059 b 1.15 1.35 0.045 0.053 c 0.30 0.51 0.012 0.020 c 0.15 0.40 0.006 0.016 d 1.78 2.04 0.070 0.080 d 1.20 1.40 0.047 0.055 e 2.10 2.64 0.083 0.104 e 2.00 2.45 0.079 0.096 f 0.89 1.30 0.035 0.051 f 0.80 1.10 0.031 0.043 g h min max min max a 1.50 1.70 0.059 0.067 b 0.70 0.90 0.028 0.035 c 0.15 0.35 0.006 0.014 d 0.90 1.10 0.035 0.043 e 1.45 1.75 0.057 0.069 f 0.62 0.95 0.024 0.037 document number: ds_s1410005 version: b14 dim. unit (inch) 0.55 ref 0.022 ref unit (mm) dim. unit (mm) unit (inch) sot-323 dtc123je/jua/jca/js a sot-23 sot-523 taiwan semiconductor 0.10 ref 0.004 ref dim. unit (mm) unit (inch)
small signal product min max min max a 3.90 4.10 0.154 0.161 b 3.25 3.05 0.128 0.120 c 2.20 2.80 0.087 0.110 d 1.62 1.42 0.064 0.056 min max min max a 3.90 4.10 0.15 0.16 b 3.05 3.25 0.12 0.13 c 15.10 15.50 0.59 0.61 d 0.35 0.48 0.01 0.02 e 1.42 1.62 0.06 0.06 f 0.66 0.86 0.03 0.03 g 0.36 0.51 0.01 0.02 document number: ds_s1410005 version: b14 unit (inch) dim. unit (mm) unit (inch) to-92s (bulk) dtc123je/jua/jca/js a taiwan semiconductor to-92s (ammo) dim. unit (mm)
small signal product assumes no responsibility or liability for any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_s1410005 version: b14 dtc123je/jua/jca/js a taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of DTC123JCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X