csm_d5b_ds_e_ 3_2 1 mechanical touch switch d5b detects objects in mu ltiple directions with high sensitivit y, ideal for robotics ? slow-action switching mechanism used. ? gold-plated contact with coil spring capable of switching micro current/voltage load while providing high contact reliability. ? inputs directly to microcomputers and programmable controllers. ? three sizes (m10, m8, and m5) and three types of compact actuators. ? easy panel mounting. be sure to read safety precautions on page 4 and safety precautions for all limit switches . model number structure model number legend d5b- @@@ (1) (2) (3) ordering information type m5 m8 m10 actuator cable length (m) model model hemispheric actuator 1 d5b-5011 d5b-8011 D5B-1011 3 d5b-5013 d5b-8013 d5b-1013 5 d5b-5015 d5b-8015 d5b-1015 cone-shaped actuator 1 d5b-5021 d5b-8021 d5b-1021 3 d5b-5023 d5b-8023 d5b-1023 5 d5b-5025 d5b-8025 d5b-1025 wobble stick actuator short spring 1 d5b-5511 d5b-8511 d5b-1511 3 d5b-5513 d5b-8513 d5b-1513 5 d5b-5515 d5b-8515 d5b-1515 long spring 1 --- --- d5b-1531 3 d5b-1533 5 d5b-1535 (1 ) size 5: m5 8: m8 1: m10 (2 ) actuator 01: hemispheric 02: cone-shaped 51: wobble stick (short spring) 53: wobble stick (long spring). only with the m10 type. (3 ) c able length 1: 1 m 3: 3 m 5: 5 m
2 d5b specifications structure and nomenclature structure contact form note: specifications for normally open (n.o.) contacts are not available. dimensions and operat ing characteristics (unit: mm) dimensions m5 type (the square @ in the models represents the cable length. refer to ordering information.) note: 1. unless otherwise specified, a tolerance of 0.4 mm applies to all dimensions. 2. the threads of the case are not standard; 0.5-mm pitch. therefore standard tapping to the case is not possible for mounting. rat i ngs characteristics electrical ratings 1 ma at 5 vdc to 30 ma at 30 vdc (resistive load) degree of protection ip67 durability * 1 mechanical 10,000,000 operations min. electrical 5,000,000 operations min. (at 30 ma 30 vdc resistive load) operating speed 5 to 500 mm/s operating frequency mechanical 120 operations/min. electrical 60 operations/min. insulation resistance 100 m min. at 250 vdc between each terminal and non-current-carrying metal parts contact resistance with 1 m cable:700 m max. (initial value) with 3 m cable:1.9 max. (initial value) with 5 m cable:3.1 max. (initial value) dielectric strength (50/60 hz 1min) between terminals of same polarity 250 vac (at ttp) between each terminal and non-current-carrying metal parts 1,000 vac (600 vac for m5 model) vibration resistance malfunction 10 to 55 hz, 1.5-mm double amplitude * 2 shock resistance mechanical 1,000 m/s 2 max. malfunction 300 m/s 2 max. * 3 ambient operating temperature ? 10 c to +70 c (with no icing) ambient operating humidity 35% to 95%rh actuator strength 14.7 n * 4 weight switch m5: approx. 14 g, m8: approx. 20 g, m10: approx. 21 g cable approx. 10 g/m eng i neer i ng data electrical durability (cos =1) (operating temperature: +5 c to +35 c, operating humidity: 40% to 70%rh.) 3,000 1,000 5,000 300 200 100 700 500 0 10 20 30 4 0 switching current (ma) durability ( 10 4 operations) 30 vdc note: the above figures are initial values. *1. durability values are calculated at an operating temperature of +5 c to +35 c, and an operating humidity of 40% to 70%rh. c ontact your omron sales representative for more detailed information on other operating environments. *2. 16.7 hz, 1-mm double amplitude for wobble stick models. *3. 50 m/s 2 max. for wobble stick models. *4. excluding the wobble stick models. reset spring mounting nut axis cable (v-hkcvv) resin base case (pbt) reset spring actuator (pom) rubber boot (nbr) plunger (pom) brown blue (normally closed contact) 2.5 2.15 (rising part of the ball) clamping nut toothed lock washer s-flex v-hkcvv equal level, 3 dia. 0.08 mm 2 two conductors (see note 2) m5 0.5 (ball 2.15r) 4.3 dia. resin plunger 2.4 5.9 16.2 (24.5) 8 (9.2) * * operating characteristics (x, y) measuring position d5b-501 @ 2.5 1 clamping nut toothed lock washer 0.5r 4.3 dia. resin plunger 5.94.9 16.2 (27) 8 (9.2) * * operating characteristics (x, y) measuring position s-flex v-hkcvv equal level, 3 dia. 0.08 mm 2 two conductors (see note 2) m5 0.5 d5b-502 @ 2.5 5 clamping nut toothed lock washer 4.3 dia. 6 41.9 2 16.2 (64.1) 8 (9.2) * 2.3 dia. 0.4 dia. 6.9 2 2 stainless steel wire * operating characteristics (x, y) measuring position s-flex v-hkcvv equal level, 3 dia. 0.08 mm 2 two conductors (see note 2) m5 0.5 d5b-551 @
3 d5b m8 type m10 type note: 1. unless otherwise specified, a tolerance of 0.4 mm applies to all dimensions. 2. the threads of the case are not standard; 0.5-mm pitch. theref ore standard tapping to the case is not possible for mounting. 13 (15) resin plunger 7 dia. (ball 3.5r) 3.5 (rising part of the ball) 2.5 clamping nut toothed lock washer * 16.7 7.3 4 (28) * operatin g characteristics (x, y) measurin g position (see note 2) m8 0.5 s-flex v-hkcvv equal level, 3 dia. 0.08 mm 2 two conductors d5b-801 @ 13 (15) resin plunger 7 dia. 0.8r 1 2.5 clamping nut toothed lock washer * 16.7 7.3 8.5 (32.5) * operating characteristics (x, y) measuring position (see note 2) m8 0.5 s-flex v-hkcvv equal level, 3 dia. 0.08 mm 2 two conductors d5b-802 @ 13 (15) stainless steel wire 7 dia. 3.9 dia. 5 2.5 clamping nut toothed lock washer * 16.7 7.3 (92.8) 3 0.6 dia. * operating characteristics (x, y) measuring position (see note 2) m8 0.5 68.8 2 11.8 2 s-flex v-hkcvv equal level, 3 dia. 0.08 mm 2 two conductors d5b-851 @ 13 1518 dia. resin plunger 9 dia. ball 4.5r 4.5 (rising part of the ball) 2.5 5.5 7.3 clamping nut toothed lock washer 20.5 (33.3) * * operating characteristics (x, y) measuring position (see note 2) m10 0.5 s-flex v-hkcvv equal level, 3 dia. 0.08 mm 2 two conductor s d5b-101 @ 13 1518 dia. stainless steel wire 9 dia. 4.6 dia. 0.6 dia. 5513.3 2.5 83.3 7.3 clamping nut toothed lock washer 20.5 (111.1) * * operating characteristics (x, y) measuring position (see note 2) m10 0.5 s-flex v-hkcvv equal level, 3 dia. 0.08 mm 2 two conductors d5b-151 @ 13 1518 dia. resin plunger 9 dia. 0.9r 2.5 11.5 7.3 clamping nut toothed lock washer 20.5 (39.3) * 1 * operating characteristics (x, y) measuring position (see note 2) m10 0.5 s-flex v-hkcvv equal level, 3 dia. 0.08 mm 2 two conductor s d5b-102 @ 13 1518 dia. stainless steel wire 9 dia. 4.6 dia. 0.6 dia. 5533.3 2.5 83.3 7.3 clamping nut toothed lock washer 20.5 (111.1) * * operating characteristics (x, y) measuring position (see note 2) m10 0.5 s-flex v-hkcvv equal level, 3 dia. 0.08 mm 2 two conductor s d5b-153 @
4 d5b operating characteristics * reference value safety precautions refer to safety precautions for all limit switches . handling do not impose a load exceeding 29.42 n on the cable, otherwise the cable may break. if the cord is to be bent repeatedly, make sure that the bending radius is at least r20 mm. mounting ? do not tighten the nuts with excess ive torque. refer to the following for the appropriate tightening tor que and mounting dimensions of each nut. ? the base incorporates special thre ads that cannot be mounted to plates with standard tap holes. ? the base may be deformed if it is subjected to an excessive load. be careful when mounting the switch. operation ? do not impose excessive force on the actuator. even though the actuator withstands a maximum force of 14.7 n, if the d5b is repeatedly actuated, make sure that the maximum force imposed on the actuator is 1.96 n. if the ac tuator is, however, a wire spring type, the maximum force imposed must be 0.49 n instead. ? the operating characteristics of the d5b vary with the direction (i.e., x, y, or z) in which force is imposed. refer to above. ? the wobble stick model is actuated when force is imposed on the tip of the wobble stick and the built-in switch unit is closed or opened. this is different from the nl limit touch switch or d5c column touch switch in terms of the main mechanism. the nl or d5c is actuated when the actuator comes into contact with an actuating object. ? the wobble stick model may break if the stroke is excessive. make sure that the total travel (tt) is within the reference value provided in the datasheet. ? attach an appropriate cover for protecting the d5b from direct exposure to sprayed oil or water. no protective cover is, however, provided together with the d5b. ? the d5b may be damaged by ozone and failures may result if the d5b is used outdoors. consult y our omron representative before attempting to use the d5b outdoors. outdoor environmental conditions may have a bad influence on the service life of the d5b. refer to the general precautions of limit switches for details. actuator hemispheric plunger cone-shaped plunger wobble stick operating direction operating characteristics type m5 m8 m10 m5 m8 m10 m5 m8 m10 total travel tt * x, y 1.0 mm 1.2 mm 1.3 mm 2.2 mm 3.0 mm 4.0 mm 22 mm 23 mm 30 mm z 0.8 mm 0.9 mm 1.0 mm 0.8 mm 0.9 mm 1.0 mm --- operating force of (max.) x, y 0.49 n 0.74 n 0.98 n 0.20 n 0.20 n 0.39 n 0.05 n z 0.74 n 0.98 n 1.47 n 0.74 n 0.98 n 1.47 n --- permissive operating force (max.) x, y, z 1.96 n 1.96 n 0.49 n pretravel pt * x, y 0.6 mm 0.6 mm 0.7 mm 0.6 mm 1.4 mm 2.0 mm 11 mm 11 mm 14 mm z 0.3 mm 0.3 mm 0.3 mm 0.3 mm 0.3 mm 0.3 mm --- --- --- precautions for correct use type appropriate tightening torque (max.) m5 0.98 nm m8 2.94 nm m10 3.92 nm size type m5 m8 m10 a (mounting hole size) 5 mm dia. 8 mm dia. 10 mm dia. b (panel thickness) 3 to 7 mm dia. 4 to 6 mm dia. 6 to 10 mm dia. c (toothed lock washer diameter) 9.2 mm dia. 15 mm dia. 18 mm dia. +0.3 0 +0.3 0 +0.3 0
r e a d a n d u n d e r s t a n d t h i s c a t a l o g p l e a s e r e a d a n d u n d e r s t a n d t h i s c a t a l o g b e f o r e p u r c h a s i n g t h e p r o d u c t s . p l e a s e c o n s u l t y o u r o m r o n r e p r e s e n t a t i v e i f y o u h a v e a n y q u e s t i o n s o r c o m m e n t s . w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y w a r r a n t y o m r o n ' s e x c l u s i v e w a r r a n t y i s t h a t t h e p r o d u c t s a r e f r e e f r o m d e f e c t s i n m a t e r i a l s a n d w o r k m a n s h i p f o r a p e r i o d o f o n e y e a r ( o r o t h e r p e r i o d i f s p e c i f i e d ) f r o m d a t e o f s a l e b y o m r o n . o m r o n m a k e s n o w a r r a n t y o r r e p r e s e n t a t i o n , e x p r e s s o r i m p l i e d , r e g a r d i n g n o n - i n f r i n g e m e n t , m e r c h a n t a b i l i t y , o r f i t n e s s f o r p a r t i c u l a r p u r p o s e o f t h e p r o d u c t s . a n y b u y e r o r u s e r a c k n o w l e d g e s t h a t t h e b u y e r o r u s e r a l o n e h a s d e t e r m i n e d t h a t t h e p r o d u c t s w i l l s u i t a b l y m e e t t h e r e q u i r e m e n t s o f t h e i r i n t e n d e d u s e . o m r o n d i s c l a i m s a l l o t h e r w a r r a n t i e s , e x p r e s s o r i m p l i e d . l i m i t a t i o n s o f l i a b i l i t y o m r o n s h a l l n o t b e r e s p o n s i b l e f o r s p e c i a l , i n d i r e c t , o r c o n s e q u e n t i a l d a m a g e s , l o s s o f p r o f i t s o r c o m m e r c i a l l o s s i n a n y w a y c o n n e c t e d w i t h t h e p r o d u c t s , w h e t h e r s u c h c l a i m i s b a s e d o n c o n t r a c t , w a r r a n t y , n e g l i g e n c e , o r s t r i c t l i a b i l i t y . i n n o e v e n t s h a l l t h e r e s p o n s i b i l i t y o f o m r o n f o r a n y a c t e x c e e d t h e i n d i v i d u a l p r i c e o f t h e p r o d u c t o n w h i c h l i a b i l i t y i s a s s e r t e d . i n n o e v e n t s h a l l o m r o n b e r e s p o n s i b l e f o r w a r r a n t y , r e p a i r , o r o t h e r c l a i m s r e g a r d i n g t h e p r o d u c t s u n l e s s o m r o n ' s a n a l y s i s c o n f i r m s t h a t t h e p r o d u c t s w e r e p r o p e r l y h a n d l e d , s t o r e d , i n s t a l l e d , a n d m a i n t a i n e d a n d n o t s u b j e c t t o c o n t a m i n a t i o n , a b u s e , m i s u s e , o r i n a p p r o p r i a t e m o d i f i c a t i o n o r r e p a i r . a p p l i c a t i o n c o n s i d e r a t i o n s s u i t a b i l i t y f o r u s e o m r o n s h a l l n o t b e r e s p o n s i b l e f o r c o n f o r m i t y w i t h a n y s t a n d a r d s , c o d e s , o r r e g u l a t i o n s t h a t a p p l y t o t h e c o m b i n a t i o n o f p r o d u c t s i n t h e c u s t o m e r ' s a p p l i c a t i o n o r u s e o f t h e p r o d u c t s . a t t h e c u s t o m e r ' s r e q u e s t , o m r o n w i l l p r o v i d e a p p l i c a b l e t h i r d p a r t y c e r t i f i c a t i o n d o c u m e n t s i d e n t i f y i n g r a t i n g s a n d l i m i t a t i o n s o f u s e t h a t a p p l y t o t h e p r o d u c t s . t h i s i n f o r m a t i o n b y i t s e l f i s n o t s u f f i c i e n t f o r a c o m p l e t e d e t e r m i n a t i o n o f t h e s u i t a b i l i t y o f t h e p r o d u c t s i n c o m b i n a t i o n w i t h t h e e n d p r o d u c t , m a c h i n e , s y s t e m , o r o t h e r a p p l i c a t i o n o r u s e . t h e f o l l o w i n g a r e s o m e e x a m p l e s o f a p p l i c a t i o n s f o r w h i c h p a r t i c u l a r a t t e n t i o n m u s t b e g i v e n . t h i s i s n o t i n t e n d e d t o b e a n e x h a u s t i v e l i s t o f a l l p o s s i b l e u s e s o f t h e p r o d u c t s , n o r i s i t i n t e n d e d t o i m p l y t h a t t h e u s e s l i s t e d m a y b e s u i t a b l e f o r t h e p r o d u c t s : ? o u t d o o r u s e , u s e s i n v o l v i n g p o t e n t i a l c h e m i c a l c o n t a m i n a t i o n o r e l e c t r i c a l i n t e r f e r e n c e , o r c o n d i t i o n s o r u s e s n o t d e s c r i b e d i n t h i s c a t a l o g . ? n u c l e a r e n e r g y c o n t r o l s y s t e m s , c o m b u s t i o n s y s t e m s , r a i l r o a d s y s t e m s , a v i a t i o n s y s t e m s , m e d i c a l e q u i p m e n t , a m u s e m e n t m a c h i n e s , v e h i c l e s , s a f e t y e q u i p m e n t , a n d i n s t a l l a t i o n s s u b j e c t t o s e p a r a t e i n d u s t r y o r g o v e r n m e n t r e g u l a t i o n s . ? s y s t e m s , m a c h i n e s , a n d e q u i p m e n t t h a t c o u l d p r e s e n t a r i s k t o l i f e o r p r o p e r t y . p l e a s e k n o w a n d o b s e r v e a l l p r o h i b i t i o n s o f u s e a p p l i c a b l e t o t h e p r o d u c t s . n e v e r u s e t h e p r o d u c t s f o r a n a p p l i c a t i o n i n v o l v i n g s e r i o u s r i s k t o l i f e o r p r o p e r t y w i t h o u t e n s u r i n g t h a t t h e s y s t e m a s a w h o l e h a s b e e n d e s i g n e d t o a d d r e s s t h e r i s k s , a n d t h a t t h e o m r o n p r o d u c t s a r e p r o p e r l y r a t e d a n d i n s t a l l e d f o r t h e i n t e n d e d u s e w i t h i n t h e o v e r a l l e q u i p m e n t o r s y s t e m . p r o g r a m m a b l e p r o d u c t s o m r o n s h a l l n o t b e r e s p o n s i b l e f o r t h e u s e r ' s p r o g r a m m i n g o f a p r o g r a m m a b l e p r o d u c t , o r a n y c o n s e q u e n c e t h e r e o f . d i s c l a i m e r s c h a n g e i n s p e c i f i c a t i o n s p r o d u c t s p e c i f i c a t i o n s a n d a c c e s s o r i e s m a y b e c h a n g e d a t a n y t i m e b a s e d o n i m p r o v e m e n t s a n d o t h e r r e a s o n s . i t i s o u r p r a c t i c e t o c h a n g e m o d e l n u m b e r s w h e n p u b l i s h e d r a t i n g s o r f e a t u r e s a r e c h a n g e d , o r w h e n s i g n i f i c a n t c o n s t r u c t i o n c h a n g e s a r e m a d e . h o w e v e r , s o m e s p e c i f i c a t i o n s o f t h e p r o d u c t s m a y b e c h a n g e d w i t h o u t a n y n o t i c e . w h e n i n d o u b t , s p e c i a l m o d e l n u m b e r s m a y b e a s s i g n e d t o f i x o r e s t a b l i s h k e y s p e c i f i c a t i o n s f o r y o u r a p p l i c a t i o n o n y o u r r e q u e s t . p l e a s e c o n s u l t w i t h y o u r o m r o n r e p r e s e n t a t i v e a t a n y t i m e t o c o n f i r m a c t u a l s p e c i f i c a t i o n s o f p u r c h a s e d p r o d u c t s . d i m e n s i o n s a n d w e i g h t s d i m e n s i o n s a n d w e i g h t s a r e n o m i n a l a n d a r e n o t t o b e u s e d f o r m a n u f a c t u r i n g p u r p o s e s , e v e n w h e n t o l e r a n c e s a r e s h o w n . p e r f o r m a n c e d a t a p e r f o r m a n c e d a t a g i v e n i n t h i s c a t a l o g i s p r o v i d e d a s a g u i d e f o r t h e u s e r i n d e t e r m i n i n g s u i t a b i l i t y a n d d o e s n o t c o n s t i t u t e a w a r r a n t y . i t m a y r e p r e s e n t t h e r e s u l t o f o m r o n s t e s t c o n d i t i o n s , a n d t h e u s e r s m u s t c o r r e l a t e i t t o a c t u a l a p p l i c a t i o n r e q u i r e m e n t s . a c t u a l p e r f o r m a n c e i s s u b j e c t t o t h e o m r o n w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y . e r r o r s a n d o m i s s i o n s t h e i n f o r m a t i o n i n t h i s d o c u m e n t h a s b e e n c a r e f u l l y c h e c k e d a n d i s b e l i e v e d t o b e a c c u r a t e ; h o w e v e r , n o r e s p o n s i b i l i t y i s a s s u m e d f o r c l e r i c a l , t y p o g r a p h i c a l , o r p r o o f r e a d i n g e r r o r s , o r o m i s s i o n s . 2 0 1 2 . 8 i n t h e i n t e r e s t o f p r o d u c t i m p r o v e m e n t , s p e c i f i c a t i o n s a r e s u b j e c t t o c h a n g e w i t h o u t n o t i c e . o m r o n c o r p o r a t i o n i n d u s t r i a l a u t o m a t i o n c o m p a n y h t t p : / / w w w . i a . o m r o n . c o m / ( c ) c o p y r i g h t o m r o n c o r p o r a t i o n 2 0 1 2 a l l r i g h t r e s e r v e d .
|