Part Number Hot Search : 
TC1301B M48T5807 KTA1042L 2231I OPA9448M 01010 VCO3077 LF112SI
Product Description
Full Text Search
 

To Download CSFB201-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m d s u p e r f a s t r e c o v e r y r e c t i f i e r s reverse v oltage: 50 to 600 v olts forward current: 2.0 amp rohs device page 1 rev :b features -ideal for surface mount applications. -easy pick and place. -plastic package has underwriters lab. flammability classification 94v -0. -super fast recovery time 35ns. -built-in strain relief. -low forward voltage drop. mechanical data -case: jedec do-214aa, molded plastic. -t erminals: solderable per mil-std-750, method 2026. -polarity: color band denotes cathode end. -approx. weight: 0.093 grams CSFB201-G thru. csfb205-g maximum ratings and electrical characteristics d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) qw -bs002 CSFB201-G no tes : 1. th erm al r esi sta nce fro m jun ctio n t o le ad mo unt ed on p .c. b. wit h 8 .0 8.0 m m cop per pa d a rea . comchip t echnology co., l td. max. repetitive peak reverse voltage max. dc blocking voltage max. rms voltage peak surge forward current, 8.3ms single half sine-wave superimposed on rate load (jedec method) max. average forward current max. instantaneous forward voltage at 2.0a reverse recovery time max. dc reverse current at t a =25 c rated dc blocking voltage t a =125c max. thermal resistance (note 1) max. operating junction temperature storage temperature csfb202-g csfb203-g csfb204-g csfb205-g units symbol parameter v rrm v dc v rms i fsm i o v f t rr i r r jl t j t stg 50 50 35 100 100 70 0.95 200 200 140 50 2.0 35 5.0 350 20 150 -55 to +150 400 400 280 1.25 600 600 420 1.70 v v v a a v ns a c/w c c d o - 2 1 4 a a ( s m b ) 0.155(3.94) 0.130(3.30) 0.083(2.1 1) 0.075(1.91) 0.220(5.59) 0.200(5.08) 0.012(0.31) 0.006(0.15) 0.008(0.20) 0.004(0.10) 0.050(1.27) 0.030(0.76) 0.096(2.44) 0.083(2.13) 0.185(4.70) 0.160(4.06) c o m p a n y r e s e r v e s t h e r i g h t t o i m p r o v e p r o d u c t d e s i g n , f u n c t i o n s a n d r e l i a b i l i t y w i t h o u t n o t i c e .
qw -bs002 ra ting and characteristic cur ves (CSFB201-G thru csfb205-g) percent of rated peak reverse voltage, (%) 140 120 80 60 20 0 fig.1- reverse characteristics 0.1 1 10 100 1000 r e v e r s e c u r r e n t , ( a ) forward voltage, (v) 0.4 fig.2- forward characteristics 0.01 f o r w a r d c u r r e n t , ( a ) 0.1 1 10 100 1.0 reverse voltage, (v) 0.1 fig.3- junction capacitance 0 j u n c t i o n c a p a c i t a n c e , ( p f ) 10 20 50 1 10 1000 number of cycles at 60hz 0 p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 30 40 60 comchip t echnology co., l td. page 2 rev :b 0.8 1.2 1.8 1.6 30 40 1 10 100 10 50 fig.5- t est circuit diagram and reverse recovery time characteristics 50 noninductive 10 noninductive (+) 25vdc (approx.) (-) d.u.t . 1 non- inductive oscillliscope (note 1) pulse genera tor (note 2) (+) (-) notes: 1. rise time=7ns max., input impedance=1 m , 22pf . 2. rise time=10ns max., input impedance=50 . trr set time base for 50 / 10ns / cm 1cm -1.0a -0.25a 0 +0.5a fig.6- current derating curve ambient temperature, ( c ) a v e r a g e f o r w a r d c u r r e n t , ( a ) 0 50 25 75 100 150 125 175 0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 single phase half wave 60hz s m d s u p e r f a s t r e c o v e r y r e c t i f i e r s 40 100 o t j =125 c o t j =75 c o t j =25 c CSFB201-G~csfb203-g csfb204-g csfb205-g o t j =25 c pulse width 300 s 4% duty cycle 0.6 1.4 20 o t j =25 c 8.3ms single half sine wave, jedec method 100 o t j =25 c f=1mhz vsig=50mvp-p fig.4 - no n-rep etitiv e for ward s urge curr ent c o m p a n y r e s e r v e s t h e r i g h t t o i m p r o v e p r o d u c t d e s i g n , f u n c t i o n s a n d r e l i a b i l i t y w i t h o u t n o t i c e .
s m d s u p e r f a s t r e c o v e r y r e c t i f i e r s qw -bs002 comchip t echnology co., l td. page 3 rev :b t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed b c d d d 2 d 1 s y m b o l a ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 8 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 d i a 5 0 . 0 m i n . 1 3 . 5 0 1 . 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 1 2 . 0 0 . 3 0 1 8 . 4 m a x . 3 3 0 2 . 0 0 0 . 0 5 9 0 . 0 0 4 d i a 1 2 . 9 9 0 . 0 7 9 0 . 5 3 1 0 . 0 3 9 s y m b o l ( m m ) ( i n c h ) 0 . 3 1 5 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 7 2 4 m a x e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 9 0 . 0 0 4 5 . 5 0 0 . 0 5 0 . 2 1 7 0 . 0 0 2 d o - 2 1 4 a a ( s m b ) 4 . 0 0 m a x . 0 . 1 5 7 m a x . 5 . 9 0 m a x . 0 . 2 3 2 m a x . 3 . 0 0 m a x . 0 . 1 1 8 m a x . 0 . 6 0 m a x 0 . 2 3 6 0 . 0 0 4 t 0 . 4 7 2 0 . 0 1 2 d o - 2 1 4 a a ( s m b ) reel t aping specification i n d e x h o l e d e f b w p p 0 p 1 a o 1 2 0 c o m p a n y r e s e r v e s t h e r i g h t t o i m p r o v e p r o d u c t d e s i g n , f u n c t i o n s a n d r e l i a b i l i t y w i t h o u t n o t i c e .
standard packaging case t ype qty per reel (pcs) 3,000 do-214aa( smb) reel size (inch) 13 suggested p ad layout size (inch) 0.169 (mm) 4.30 2.50 2.30 0.098 0.091 smb 6.80 0.268 e 1.80 0.071 a b c d a c b e d part number CSFB201-G marking code marking code csfb202-g csfb203-g csfb204-g csfb205-g 201 202 203 204 205 qw -bs002 comchip t echnology co., l td. page 4 rev :b s m d s u p e r f a s t r e c o v e r y r e c t i f i e r s comchip a b c product type marking code package: x xxx x s special code : c csfx special code sma smb smc p ak c o m p a n y r e s e r v e s t h e r i g h t t o i m p r o v e p r o d u c t d e s i g n , f u n c t i o n s a n d r e l i a b i l i t y w i t h o u t n o t i c e .


▲Up To Search▲   

 
Price & Availability of CSFB201-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X