Part Number Hot Search : 
AN15851B N4749 EL1517IL SMF13A CGH27060 MICAL10 EP120665 D882S
Product Description
Full Text Search
 

To Download AZV331KSTR-G64 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  azv331 document number: ds36529 rev. 2 - 0 1 of 15 www.diodes.com september 2013 ? diodes incorporated a zv331 a product line o f diodes incorporated single general purpose low voltage comparator description the azv331 is a low voltage 2.5v to 5.5v, single comparator, which has a very low supply current of 60a, making the part an excellent choice for portable electronic syst ems. the device is pin-for-pin compatible replacement of the lmv331. the azv331 is built with bicmos process with bipolar input and output stages for improved noise performance. it is a cost-effective solution for portable consumer pr oducts where space, low voltage, low power and price are the primary specification in circuit design. the azv331 is available in space saving sc-70-5 and sot-23-5 packages, the sc-70-5 is approximat ely half the size of the sot-23- 5. features ? guaranteed 2.5v to 5.5v performance ? industrial temperature range: -40oc to 85oc ? low supply current: 60a typical ? input common mode voltage range includes ground ? low output saturation voltage 200mv typical ? open collector output for maxima flexibility ? space saving sc-70-5 and sot-23-5 packages pin assignments ks/k package (sc-70-5/sot-23-5) applications ? notebook and pda ? low power, low voltage applications ? general purpose portable devices ? mobile communication ? battery-powered systems typical applications circuit basic comparator driving cmos/ttl 1 2 3 4 5 in+ v ee in- v cc output +v in +v ref azv331 v cc 3k v o + - 100k +5.0v + - 1/4 mm54cxx azv331
azv331 document number: ds36529 rev. 2 - 0 2 of 15 www.diodes.com september 2013 ? diodes incorporated a zv331 a product line o f diodes incorporated typical applications circuit (cont.) one shot multivibrator squarewave oscillator functional block diagram 1m in914 in914 1m 1m v cc v o 10k - + +v in 100pf 0.001 ? f azv331 75pf 100k v cc 4.3k v o 100k 100k - + v in azv331
azv331 document number: ds36529 rev. 2 - 0 3 of 15 www.diodes.com september 2013 ? diodes incorporated a zv331 a product line o f diodes incorporated absolute maximum ratings (note 1) symbol parameter rating unit v cc power supply voltage 6 v t j operation junction temperature 150 oc t stg storage temperature range -65 to 150 oc t lead lead temperature (soldering, 10 seconds) 260 oc esd (machine model) 300 v esd (human body model) 4000 v note 1: stresses greater than those listed under ?absolute maximu m ratings? may cause permanent dam age to the device. these are stress ratings only, and functional operation of the device at these or any other conditi ons beyond those indicated under ?recommended operating conditions? is not implied. exposure to ?absolute maximum ratings? for extended pe riods may affect device reliability. recommended operating conditions symbol parameter min max unit v cc supply voltage 2.5 5.5 v t a ambient operating temperature range -40 85 oc
azv331 document number: ds36529 rev. 2 - 0 4 of 15 www.diodes.com september 2013 ? diodes incorporated a zv331 a product line o f diodes incorporated electrical characteristics azv331-2.7v dc electrical characteristics (limits in standard typeface are guaranteed for t a =25oc, v cc =2.7v, v ee =0v, r l =5.1k ? connected to v cc and v cm =0, bold typeface applies over full temperatur e ranges, unless otherwise specified.) symbol parameter conditions min typ max unit v os input offset voltage 1.7 7 mv 9 tcv os input offset vo ltage average drift 5 v/oc i b input bias current i in + or i in - with output in linear range, v cm =0v 10 250 na 400 i io input offset current i in + - i in -, v cm =0v 5 50 na 150 v sat saturation voltage i sink 1ma 200 mv 500 i sink output sink current v o 1.5v 5 23 ma v cm input common-mode voltage range -0.1 2 v i cc supply current 40 100 a 150 i leakage output leakage current 0.003 a azv331-2.7v ac electrical characteristics (all limits are guaranteed for t a =25oc, v cc =2.7v, v ee =0v, r l =5.1k ? connected to v cc and v cm =0, unless otherwise specified.) symbol parameter conditions min typ max unit t phl propagation delay (high to low) input overdrive=10mv 1000 ns input overdrive=100mv 350 t plh propagation delay (low to high) input overdrive=10mv 500 ns input overdrive=100mv 400
azv331 document number: ds36529 rev. 2 - 0 5 of 15 www.diodes.com september 2013 ? diodes incorporated a zv331 a product line o f diodes incorporated electrical characteristics (cont.) azv331-5v dc electrical characteristics (limits in standard typeface are guaranteed for t a =25oc, v cc =5v, v ee =0v, r l =5.1k ? connected to v cc and v cm =0, bold typeface applies over full temperatur e ranges, unless otherwise specified.) symbol parameter conditions min typ max unit v os input offset voltage 1.7 7 mv 9 tcv os input offset vo ltage average drift 5 v/oc i b input bias current i in + or i in - with output in linear range, v cm =0v 25 250 na 400 i io input offset current i in + - i in -, v cm =0v 2 50 na 150 v sat saturation voltage i sink 4ma 200 400 mv 500 i sink output sink current v o 1.5v 10 84 ma v cm input common-mode voltage range -0.1 4.2 v a v voltage gain 20 50 v/mv i cc supply current 60 120 a 150 i leakage output leakage current 0.003 a azv331-5v ac electri cal characteristics (all limits are guaranteed for t a =25oc, v cc =5v, v ee =0v, r l =5.1k ? connected to v cc and v cm =0, unless otherwise specified.) symbol parameter conditions min typ max unit t phl propagation delay (high to low) input overdrive=10mv 600 ns input overdrive=100mv 200 t plh propagation delay (low to high) input overdrive=10mv 450 ns input overdrive=100mv 300
azv331 document number: ds36529 rev. 2 - 0 6 of 15 www.diodes.com september 2013 ? diodes incorporated a zv331 a product line o f diodes incorporated performance characteristics (@t a =25oc, unless otherwise specified.) supply current vs. supply voltage supply current vs . supply voltage supply current vs. temperature supply current vs. temperature output voltage vs. output sink current output voltage vs. output sink current 12345678 0 5 10 15 20 25 30 35 40 45 50 55 60 supply current ( ? a) supply voltage (v) t c =-40 o c t c =25 o c t c =85 o c output high 12345678 0 10 20 30 40 50 60 70 80 90 100 supply current ( ? a) supply voltage (v) t c =-40 o c t c =25 o c t c =85 o c output low -40-20 0 20406080100120 35 40 45 50 55 60 65 70 75 80 output high output low v cc =5v, v ee =0v supply current ( ? a) temperature ( o c) -40 -20 0 20 40 60 80 100 120 35 40 45 50 55 60 65 70 75 output high output low v cc =2.7v, v ee =0v supply current ( ? a) temperature ( o c) 0 102030405060708090100 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 ouput voltage (v) output sink current (ma) v cc =5v, v ee =0v 0 5 10 15 20 25 30 35 40 45 50 55 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.75 output voltage (v) output sink current (ma) v cc =2.7v, v ee =0
azv331 document number: ds36529 rev. 2 - 0 7 of 15 www.diodes.com september 2013 ? diodes incorporated a zv331 a product line o f diodes incorporated performance characteristics (cont. @t a =25oc, unless otherwise specified.) propagation delay vs. temperature propagation delay vs. input overdrive voltage propagation delay vs. load capacitors saturation voltage vs. case temperature response time for positive transition response time for negative transition 0 20 40 60 80 100 120 140 0 100 200 300 400 500 600 700 800 900 1000 t plh to 50% v cc =5v, v ee =0v input overdrive voltage=100mv r l =5.1k ? propagation delay (ns) load capacitor (pf) t phl to 50% -40-20 0 20406080100120 100 120 140 160 180 200 220 240 260 280 saturation voltage (mv) case temperature ( 0 c) v cc =5v, i sink =4ma v cc =2.7v, i sink =1ma -40 -20 0 20 40 60 80 100 120 150 160 170 180 190 200 210 220 230 240 250 260 270 280 290 300 310 320 330 340 350 t phl to 50% t plh to 50% propagation delay (ns) case temperature ( o c) v cc =5v, v ee =0v input overdrive voltage=100mv r l =5.1k ? 0 20 40 60 80 100 120 140 160 180 200 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 t phl to 50% t plh to 50% v cc =5v, v ee =0v r l =5.1k ? propagation delay ( ? s) input overdrive voltage (mv)
azv331 document number: ds36529 rev. 2 - 0 8 of 15 www.diodes.com september 2013 ? diodes incorporated a zv331 a product line o f diodes incorporated performance characteristics (cont. @t a =25oc, unless otherwise specified.) response time for negative transition response time for positive transition response time for positive transition response time for negative transition 100khz response 100khz response
azv331 document number: ds36529 rev. 2 - 0 9 of 15 www.diodes.com september 2013 ? diodes incorporated a zv331 a product line o f diodes incorporated performance characteristics (cont. @t a =25oc, unless otherwise specified.) 500khz response
azv331 document number: ds36529 rev. 2 - 0 10 of 15 www.diodes.com september 2013 ? diodes incorporated a zv331 a product line o f diodes incorporated ordering information azv331 - circuit type package temperature range part number marking id packing type lead free green lead free green sc-70-5 -40 to 85 ? c azv331kstr-e1 azv331kstr-g1 22 b2 tape & reel sot-23-5 azv331ktr-e1 azv331ktr-g1 e6s g6s tape & reel bcd semiconductor's pb-free produc ts, as designated with "e1" suffix in the part number, are rohs compliant. products with "g1" suffix are available in green packages. e1: lead free g1: green package ks: sc-70-5 k: sot-23-5 tr: tape and reel
azv331 document number: ds36529 rev. 2 - 0 11 of 15 www.diodes.com september 2013 ? diodes incorporated a zv331 a product line o f diodes incorporated package outline dimensions (all dimensions in mm(inch).) sc-70-5 2.000(0. 079) 2.200(0.087) 0.650(0.026)typ 1.200(0. 047) 1.400(0. 055) 0.150(0. 006) 0.350(0.014) 0.525(0. 021) ref 0.080(0. 003) 0.150(0.006) 0 8 0.200(0. 008) 0.260(0. 010) 0.460(0. 018) 0.000(0. 000) 0.100(0. 004) 0.900(0.035) 1.000(0.039) 0.900(0. 035) 1.100(0. 043)
azv331 document number: ds36529 rev. 2 - 0 12 of 15 www.diodes.com september 2013 ? diodes incorporated a zv331 a product line o f diodes incorporated package outline dimensions (cont. all dimensions in mm(inch).) sot-23-5 2.820(0.111) 2 . 6 5 0 ( 0 . 1 0 4 ) 1 . 5 0 0 ( 0 . 0 5 9 ) 0 . 0 0 0 ( 0 . 0 0 0 ) 0.300(0.012) 0.950(0.037) 0 . 9 0 0 ( 0 . 0 3 5 ) 0.100(0.004) 0.200(0.008) 0 . 3 0 0 ( 0 . 0 1 2 ) 8 0 3.100(0.122) 1 . 7 0 0 ( 0 . 0 6 7 ) 3 . 0 0 0 ( 0 . 1 1 8 ) 0.500(0.020) 0 . 1 5 0 ( 0 . 0 0 6 ) 1 . 3 0 0 ( 0 . 0 5 1 ) 0.200(0.008) 0 . 6 0 0 ( 0 . 0 2 4 ) 1.800(0.071) 2.000(0.079) 0 . 7 0 0 ( 0 . 0 2 8 ) r e f t y p 1 . 4 5 0 ( 0 . 0 5 7 ) m a x
azv331 document number: ds36529 rev. 2 - 0 13 of 15 www.diodes.com september 2013 ? diodes incorporated a zv331 a product line o f diodes incorporated suggested pad layout sc-70-5 y x e g e1 z dimensions z (mm)/(inch) g (mm)/(inch) x (mm)/(inch) y (mm)/(inch) e (mm)/(inch) e1 (mm)/(inch) value 2.740/0.108 1.140/0.045 0.400/0. 016 0.800/0.031 1.300/0.051 0.650/0.026
azv331 document number: ds36529 rev. 2 - 0 14 of 15 www.diodes.com september 2013 ? diodes incorporated a zv331 a product line o f diodes incorporated suggested pad layout (cont.) sot-23-5 e2 e1 y x g z dimensions z (mm)/(inch) g (mm)/(inch) x (mm)/(inch) y (mm)/(inch) e1 (mm)/(inch) e2 (mm)/(inch) value 3.600/0.142 1.600/0.063 0.700/0.028 1.000/0.039 0.950/0.037 1.900/0.075
azv331 document number: ds36529 rev. 2 - 0 15 of 15 www.diodes.com september 2013 ? diodes incorporated a zv331 a product line o f diodes incorporated important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of AZV331KSTR-G64

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X