Part Number Hot Search : 
MAX7360 24S15 RF9540N A1343 5X5R1 DFC20 77M035A SPD5418S
Product Description
Full Text Search
 

To Download APT30GP60BDF1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  050-7401 rev e 8-2004 typical performance curves APT30GP60BDF1 a new generation of high voltage power igbts. using punch-through technology and a proprietary metal gate, this igbt has been optimized for very fast switching, making it ideal for high frequency, high voltage switch-mode power supplies and tail current sensitive applications. in many cases, the power mos 7 ? igbt provides a lower cost alternative to a power mosfet. ? low conduction loss ? 100 khz operation @ 400v, 37a ? low gate charge ? 200 khz operation @ 400v, 24a ? ultrafast tail current shutoff ? ssoa rated maximum ratings all ratings: t c = 25c unless otherwise specified. caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. apt website - http://www.advancedpower.com static electrical characteristics min typ max 600 3 4.5 6 2.2 2.7 2.1 500 3000 100 characteristic / test conditions collector-emitter breakdown voltage (v ge = 0v, i c = 500a) gate threshold voltage (v ce = v ge , i c = 1ma, t j = 25c) collector-emitter on voltage (v ge = 15v, i c = 30a, t j = 25c) collector-emitter on voltage (v ge = 15v, i c = 30a, t j = 125c) collector cut-off current (v ce = 600v, v ge = 0v, t j = 25c) 2 collector cut-off current (v ce = 600v, v ge = 0v, t j = 125c) 2 gate-emitter leakage current (v ge = 20v) symbol bv ces v ge(th) v ce(on) i ces i ges unit volts a na symbol v ces v ge v gem i c1 i c2 i cm ssoa p d t j ,t stg t l APT30GP60BDF1 600 20 30 100 49 120 120a @ 600v 463 -55 to 150 300 unit volts amps watts c parameter collector-emitter voltage gate-emitter voltage gate-emitter voltage transient continuous collector current @ t c = 25c continuous collector current @ t c = 110c pulsed collector current 1 @ t c = 150c switching safe operating area @ t j = 150c total power dissipation operating and storage junction temperature range max. lead temp. for soldering: 0.063" from case for 10 sec. power mos 7 ? igbt g c e to-247 g c e APT30GP60BDF1 600v
050-7401 rev e 8-2004 APT30GP60BDF1 dynamic characteristics symbol c ies c oes c res v gep q g q ge q gc ssoa t d(on) t r t d(off) t f e on1 e on2 e off t d(on) t r t d(off) t f e on1 e on2 e off test conditions capacitance v ge = 0v, v ce = 25v f = 1 mhz gate charge v ge = 15v v ce = 300v i c = 30a t j = 150c, r g = 5 ?, v ge = 15v, l = 100h,v ce = 600v inductive switching (25c) v cc (peak) = 400v v ge = 15v i c = 30a r g = 5 ? t j = +25c inductive switching (125c) v cc (peak) = 400v v ge = 15v i c = 30a r g = 5 ? t j = +125c characteristic input capacitance output capacitance reverse transfer capacitance gate-to-emitter plateau voltage total gate charge 3 gate-emitter charge gate-collector ("miller ") charge switching safe operating area turn-on delay time current rise time turn-off delay time current fall time turn-on switching energy 4 turn-on switching energy (diode) 5 turn-off switching energy 6 turn-on delay time current rise time turn-off delay time current fall time turn-on switching energy 4 turn-on switching energy (diode) 5 turn-off switching energy 6 min typ max 3200 295 20 7.5 90 20 30 120 13 18 55 46 260 335 250 330 13 18 85 80 260 510 520 750 unit pf v nc a ns j ns j unit c/w gm min typ max .27 1.35 5.90 characteristic junction to case (igbt) junction to case (diode) package weight symbol r jc r jc w t thermal and mechanical characteristics 1 repetitive rating: pulse width limited by maximum junction temperature. 2 for combi devices, i ces includes both igbt and fred leakages 3 see mil-std-750 method 3471. 4e on1 is the clamped inductive turn-on-energy of the igbt only, without the effect of a commutating diode reverse recovery current adding to the igbt turn-on loss. (see figure 24.) 5e on2 is the clamped inductive turn-on energy that includes a commutating diode reverse recovery current in the igbt turn-on switchi ng loss. (see figures 21, 22.) 6e off is the clamped inductive turn-off energy measured in accordance with jedec standard jesd24-1. (see figures 21, 23.) apt reserves the right to change, without notice, the specifications and information contained herein.
050-7401 rev e 8-2004 typical performance curves APT30GP60BDF1 t j = 25c. 250s pulse test <0.5 % duty cycle t c =-55c t c =125c t c =25c v ce =480v v ce =300v v ce =120v v ge = 10v. 250s pulse test <0.5 % duty cycle v ge = 15v. 250s pulse test <0.5 % duty cycle v ge = 15v. 250s pulse test <0.5 % duty cycle t j = 25c t j = -55c t j = 125c t c =-55c t c =25c t c =125c 250s pulse test <0.5 % duty cycle i c = 30a t j = 25c bv ces , collector-to-emitter breakdown v ce , collector-to-emitter voltage (v) i c , collector current (a) i c , collector current (a) voltage (normalized) i c, dc collector current(a) v ce , collector-to-emitter voltage (v) v ge , gate-to-emitter voltage (v) i c , collector current (a) v ce , collecter-to-emitter voltage (v) v ce , collecter-to-emitter voltage (v) figure 1, output characteristics(v ge = 15v) figure 2, output characteristics (v ge = 10v) v ge , gate-to-emitter voltage (v) gate charge (nc) figure 3, transfer characteristics figure 4, gate charge v ge , gate-to-emitter voltage (v) t j , junction trmperature (c) figure 5, on state voltage vs gate-to- emitter voltage figure 6, on state voltage vs junction temperature t j , junction temperature (c) t c , case temperature (c) figure 7, breakdown voltage vs. junction temperature figure 8, dc collector current vs case temperature 60 50 40 30 20 10 0 16 14 12 10 8 6 4 2 0 3.5 3 2.5 2 1.5 1 0.5 0 140 120 100 80 60 40 20 0 i c = 60a i c = 30a i c = 15a i c = 60a i c = 30a i c = 15a 0 0.5 1 1.5 2 2.5 3 0 0.5 1 1.5 2 2.5 3 0 2 4 6 8 10 12 0 10 20 30 40 50 60 70 80 90 100 6 8 10 12 14 16 -50 -25 0 25 50 75 100 125 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 60 50 40 30 20 10 0 200 180 160 140 120 100 80 60 40 20 0 4 3.5 3 2.5 2 1.5 1 0.5 0 1.2 1.15 1.10 1.05 1.0 0.95 0.90 0.85 0.8
050-7401 rev e 8-2004 APT30GP60BDF1 t j = 125c, v ge = 10v or 15v v ce = 400v r g = 5 ? l = 100 h v ge = 15v v ge = 10v v ge =15v,t j =125c v ce = 400v t j = 25c, t j =125c r g = 5 ? l = 100 h r g = 5 ? , l = 100 h, v ce = 400v r g = 5 ? , l = 100 h, v ce = 400v i ce , collector to emitter current (a) i ce , collector to emitter current (a) figure 9, turn-on delay time vs collector current figure 10, turn-off delay time vs collector current i ce , collector to emitter current (a) i ce , collector to emitter current (a) figure 11, current rise time vs collector current figure 12, current fall time vs collector current i ce , collector to emitter current (a) i ce , collector to emitter current (a) figure 13, turn-on energy loss vs collector current figure 14, turn off energy loss vs collector current r g , gate resistance (ohms) t j , junction temperature (c) figure 15, switching energy losses vs. gate resistance figure 16, switching energy losses vs junction temperature switching energy losses (j) e on2 , turn on energy loss (j) t r, rise time (ns) t d(on) , turn-on delay time (ns) switching energy losses (j) e off , turn off energy loss (j) t f, fall time (ns) t d (off) , turn-off delay time (ns) 0 10 20 30 40 50 60 70 0 10 20 30 40 50 60 70 0 10 20 30 40 50 60 70 0 10 20 30 40 50 60 70 0 10 20 30 40 50 60 70 0 10 20 30 40 50 60 0 102030405060 0 25 50 75 100 125 v ge =10v,t j =125c v ge =15v,t j =25c v ge =10v,t j =25c t j = 25c, v ge = 10v or 15v 100 90 80 70 60 50 40 30 20 10 0 100 80 60 40 20 0 1400 1200 1000 800 600 400 200 0 1600 1200 800 400 0 t j = 125c, v ge = 10v or 15v v ce = 400v v ge = +15v r g = 5 ? v ce = 400v v ge = +15v r g = 5 ? v ce = 400v v ge = +15v r g = 5 ? e on2, 60a e off, 60a e on2, 30a e off, 30a e on2, 15a e off, 15a e on2, 60a e off, 60a e on2, 30a e off, 30a e on2, 15a e off, 15a v ce = 400v v ge = +15v t j = 125 c t j = 125c,v ge = 10v t j = 125c,v ge = 15v t j = 25c,v ge = 10v t j = 25c, v ge = 10v or 15v t j = 25c,v ge = 15v 25 20 15 10 5 0 50 40 30 20 10 0 1400 1200 1000 800 600 400 200 0 2500 2000 1500 1000 500 0 t j = 25 or 125c,v ge = 15v t j = 25 or 125c,v ge = 10v
050-7401 rev e 8-2004 typical performance curves APT30GP60BDF1 140 120 100 80 60 40 20 0 c, capacitance ( p f) i c , collector current (a) v ce , collector-to-emitter voltage (volts) v ce , collector to emitter voltage figure 17, capacitance vs collector-to-emitter voltage figure 18, minimim switching safe operating area c res c ies c oes 10,000 5,000 1,000 500 100 50 10 5 0 0 10 20 30 40 50 0 100 200 300 400 500 600 700 300 100 50 10 0102030405060 f max , operating frequency (khz) i c , collector current (a) figure 20, operating frequency vs collector current t j = 125 c t c = 75 c d = 50 % v ce = 400v r g = 5 ? max max1 max 2 max 1 d(on)rd(off)f diss cond max 2 on 2 off jc diss jc fmin(f,f) 0.05 f ttt t pp f ee tt p r = = ++ + ? = + ? = 0.30 0.25 0.20 0.15 0.10 0.05 0 z jc , thermal impedance (c/w) 0.3 0.9 0.7 0.1 0.05 0.5 single pulse rectangular pulse duration (seconds) figure 19a, maximum effective transient thermal impedance, junction-to-case vs pulse duration 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 figure 19b, transient thermal impedance model note: duty factor d = t 1 / t 2 peak t j = p dm x z jc + t c t 1 t 2 p dm 0.0196 0.107 0.144 0.00500f 0.0132f 0.135f power (watts) junction temp. ( ?c) rc model case temperature
050-7401 rev e 8-2004 APT30GP60BDF1 figure 22, turn-on switching waveforms and definitions 10 % 5 % 10% t d(on) t r 90% 5 % gate voltage collector voltage collector current switching energy t j = 125 c figure 23, turn-off switching waveforms and definitions t j = 125 c collector current collector voltage gate voltage 90% 90% t f t d(off) 0 10% switching energy i c a d.u.t. apt15df60 v ce figure 21, inductive switching test circuit v cc *driver same type as d.u.t. i c v clamp 100uh v test a a b d.u.t. driver* v ce figure 24, e on1 test circuit
050-7401 rev e 8-2004 typical performance curves APT30GP60BDF1 characteristic / test conditions maximum average forward current (t c = 98c, duty cycle = 0.5) rms forward current (square wave, 50% duty) non-repetitive forward surge current (t j = 45c, 8.3ms) symbol i f (av) i f (rms) i fsm symbol v f characteristic / test conditions i f = 30a forward voltage i f = 60a i f = 30a, t j = 125c static electrical characteristics unit amps unit volts min typ max 2.19 3.48 1.64 APT30GP60BDF1 15 24 110 dynamic characteristics maximum ratings all ratings: t c = 25c unless otherwise specified. ultrafast soft recovery anti-parallel diode min typ max - 21 -60 -65 -3- - 115 - 410 -7- -49 - 705 -22 unit ns nc amps ns nc amps ns nc amps characteristic reverse recovery time reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current symbol t rr t rr q rr i rrm t rr q rr i rrm t rr q rr i rrm test conditions i f = 15a, di f /dt = -200a/ s v r = 400v, t c = 25 c i f = 15a, di f /dt = -200a/ s v r = 400v, t c = 125 c i f = 15a, di f /dt = -1000a/ s v r = 400v, t c = 125 c i f = 1a, di f /dt = -100a/ s, v r = 30v, t j = 25 c z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 rectangular pulse duration (seconds) figure 25a. maximum effective transient thermal impedance, junction-to-case vs. pulse duration 1.40 1.20 1.0 0.80 0.60 0.40 0.20 0 note: duty factor d = t 1 / t 2 peak t j = p dm x z jc + t c t 1 t 2 p dm 0.5 single pulse 0.1 0.3 0.7 0.9 0.05 figure 25b, transient thermal impedance model 0.725 c/w 0.455 c/w 0.172 c/w 0.00166 j/ c 0.0381 j/ c 0.645 j/ c power (watts) junction temp ( c) rc model case temperature ( c)
050-7401 rev e 8-2004 APT30GP60BDF1 t j = 125 c v r = 400v 7.5a 15a 30a t rr q rr q rr t rr i rrm q rr , reverse recovery charge i f , forward current (nc) (a) i rrm , reverse recovery current t rr , reverse recovery time (a) (ns) t j = -55 c t j = 25 c t j = 125 c t j = 150 c duty cycle = 0.5 t j = 150 c t j = 125 c v r = 400v 30 25 20 15 10 5 0 c j , junction capacitance k f , dynamic parameters (pf) (normalized to 1000a/ s) i f(av) (a) 7.5a 0 1 2 3 4 5 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 100 90 80 70 60 50 40 30 20 10 0 600 500 400 300 200 100 0 15a 30a 15a 7.5a 30a t j = 125 c v r = 400v 140 120 100 80 60 40 20 0 18 16 14 12 10 8 6 4 2 0 v f , anode-to-cathode voltage (v) -di f /dt, current rate of change(a/ s) figure 26. forward current vs. forward voltage figure 27. reverse recovery time vs. current rate of change -di f /dt, current rate of change (a/ s) -di f /dt, current rate of change (a/ s) figure 28. reverse recovery charge vs. current rate of change figure 29. reverse recovery current vs. current rate of change t j , junction temperature ( c) case temperature ( c) figure 30. dynamic parameters vs. junction temperature figure 31. maximum average forward current vs. casetemperature v r , reverse voltage (v) figure 32. junction capacitance vs. reverse voltage 0 25 50 75 100 125 150 25 50 75 100 125 150 1 10 100 200 1.2 1.0 0.8 0.6 0.4 0.2 0.0 120 100 80 60 40 20 0
050-7401 rev e 8-2004 typical performance curves APT30GP60BDF1 t0-247 package outline 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 5.45 (.215) bsc 3.55 (.138) 3.81 (.150) 2.87 (.113) 3.12 (.123) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) dimensions in millimeters and (inches) 2-plcs. collector (cathode) emitter (anode) gate collector (cathode) apt?s products are covered by one or more of u.s.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. us and foreign pat ents pending. all rights reserved. 4 3 1 2 5 5 zero 1 2 3 4 di f /dt - rate of diode current change through zero crossing. i f - forward conduction current i rrm - maximum reverse recovery current. t rr - reverse r ecovery time, measured from zero crossing where diode q rr - area under the curve defined by i rrm and t rr . current goes from positive to negative, to the point at which the straight line through i rrm and 0.25 i rrm passes through zero. figure 33. diode test circuit figure 34, diode reverse recovery waveform and definitions 0.25 i rrm pearson 2878 current transformer di f /dt adjust 30 h d.u.t. +18v 0v v r t rr / q rr waveform apt6017lll


▲Up To Search▲   

 
Price & Availability of APT30GP60BDF1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X