Part Number Hot Search : 
EN0676 LB201 HCPL06 SKDH100 KB826AC 50000 L6756 SM15T33A
Product Description
Full Text Search
 

To Download AOD4120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.4 193 18 symbol v ds v gs i dm i ar e ar t j , t stg symbol typ ma x 17 25 40 50 r jc 3.6 4.5 w maximum junction-to-case b steady-state c/w thermal characteristics parameter units maximum junction-to-ambient a t 10s r ja c/w maximum junction-to-ambient a steady-state c/w absolute maximum ratings t a =25c unless otherwise noted v v 16 gate-source voltage drain-source voltage 20 maximum units parameter pulsed drain current c power dissipation b t c =25c continuous drain current t c =25c g t c =100c repetitive avalanche energy l=0.3mh c i d 25 19 75 junction and storage temperature range a p d c 33 16.7 -55 to 175 t c =100c avalanche current c 13 25 a mj w t a =70c 1.7 power dissipation a t a =25c p dsm 2.5 AOD4120 n-channel enhancement mode field effect transistor features v ds (v) = 20v i d = 25a (v gs = 10v) r ds(on) <18 m (v gs = 10v) r ds(on) <25 m (v gs = 4.5v) r ds(on) <75 m (v gs = 2.5v) 100% uis tested! 100% rg tested! general description the AOD4120 uses advanced trench technology and design to provide excellent r ds(on) with low gate charge. this device is suitable for use in pwm, load switching and general purpose applications. -rohs compliant -halogen free* g d s g t o-252 d-pak t op view s bottom view d g s alpha & omega semiconductor, ltd. www.aosmd.com
AOD4120 symbol min typ max units bv dss 20 v 1 t j =55c 5 i gss 100 na v gs(th) 0.6 1.26 2 v i d(on) 75 a 14 18 t j =125c 21 20 25 57 75 g fs 19 s v sd 0.77 1 v i s 30 a c iss 900 pf c oss 162 pf c rss 105 pf r g 0.9 1.35 q g (10v) 15 18 nc q g (4.5v) 7.2 9 nc q gs 1.8 nc q gd 2.8 nc t d(on) 4.5 ns t r 9.2 ns t d(off) 18.7 ns t f 3.3 ns t rr 18 ns q rr 9.5 nc 0 this product has been designed and qualified for the consumer market. applications or uses as critical components in life support devices or systems are not authorized. aos does not assume any liability arising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. body diode reverse recovery charge i f =20a, di/dt=100a/ s maximum body-diode continuous current g input capacitance output capacitance turn-on delaytime dynamic parameters turn-on rise time turn-off delaytime v gs =10v, v ds =10v, r l =0.5 , r gen =3 v gs =0v, v ds =0v, f=1mhz turn-off fall time total gate charge v gs =10v, v ds =10v, i d =20a gate source charge gate drain charge total gate charge m forward transconductance diode forward voltage i s =1a, v gs =0v v ds =5v, i d =20a v gs =2.5v, i d =2a v gs =4.5v, i d =10a i f =20a, di/dt=100a/ s v gs =0v, v ds =10v, f=1mhz switching parameters electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions i dss ua gate threshold voltage i d =250ua, v gs =0v v gs =10v, v ds =5v v gs =10v, i d =20a reverse transfer capacitance v ds =v gs , i d =250 a v ds =16v, v gs =0v v ds =0v, v gs =16v zero gate voltage drain current gate-body leakage current r ds(on) static drain-source on-resistance body diode reverse recovery time drain-source breakdown voltage on state drain current gate resistance a: the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the power dissipation p dsm is based on r ja and the maximum allowed junction temperature of 150c. the value in any given application depends on the user's specific board design, and the maximum temperature of 175c may be used if the pcb allows it. b. the power dissipation p d is based on t j(max) =175c, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation limit for cases where additional heatsinking is used. c: repetitive rating, pulse width limited by junction temperature t j(max) =175c. d. the r ja is the sum of the thermal impedence from junction to case r jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsi nk, assuming a maximum junction temperature of t j(max) =175c. g. the maximum current rating is limited by bond-wires. h. these tests are performed with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the soa curve provides a single pulse rating. *this device is guaranteed green after data code 8x11 (sep 1 st 2008). rev4: nov 2008 alpha & omega semiconductor, ltd. www.aosmd.com
AOD4120 typical electrical and thermal characteristics 1.4 494 593 692 830 193 18 59 142 0 5 10 15 20 25 30 12345 v gs (volts) figure 2: transfer characteristics i d (a) 0 10 20 30 40 50 60 70 80 0 5 10 15 20 25 30 i d (a) figure 3: on-resistance vs. drain current and gate voltage r ds(on) (m ) 0.00001 0.0001 0.001 0.01 0.1 1 10 100 0.0 0.2 0.4 0.6 0.8 1.0 1.2 v sd (volts) figure 6: body-diode characteristics i s (a) 25c 125c -40c 0.60 0.80 1.00 1.20 1.40 1.60 -50 -25 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature normalized on-resistance v gs =10v, 20a v gs =4.5v, 10a v gs =2.5v, 4a 10 15 20 25 30 35 345678910 v gs (volts) figure 5: on-resistance vs. gate-source voltage r ds(on) (m ) 25c 125c v ds =5v v gs =10v i d =20a 25c 125c 0 20 40 60 80 100 012345 v ds (volts) fig 1: on-region characteristics i d (a) v gs =3v 4.5v 10v 8v 6v 3.5v v gs =4.5v -40c v gs =2.5v alpha & omega semiconductor, ltd. www.aosmd.com
AOD4120 typical electrical and thermal characteristics 1.4 494 593 692 830 193 18 59 142 0 2 4 6 8 10 03691215 q g (nc) figure 7: gate-charge characteristics v gs (volts) 0 200 400 600 800 1000 1200 1400 0 5 10 15 20 v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss 0 40 80 120 160 200 0.0001 0.001 0.01 0.1 1 10 pulse width (s) figure 10: single pulse power rating junction-to- case (note f) power (w) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 pulse width (s) figure 11: normalized maximum transient thermal impedance (note f) z jc normalized transient thermal resistance c oss c r ss v ds =12.5v i d =20a single pulse d=t on /t t j,pk =t c +p dm .z jc .r jc r jc =4.5c/w t o n t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =175c t c =25c 0.1 1 10 100 0.1 1 10 100 v ds (volts) i d (amps) figure 9: maximum forward biased safe operating area (note f) 10 s 100 s 1ms dc r ds(on) limited t j(max) =175c, t c =25c alpha & omega semiconductor, ltd. www.aosmd.com
AOD4120 typical electrical and thermal characteristics 1.4 494 593 692 830 193 18 59 142 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 16: normalized maximum transient thermal impedance (note h) z ja normalized transient thermal resistance single pulse d=t on /t t j,pk =t a +p dm .z ja .r ja r ja =50c/w t o n t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse 10 15 20 25 30 35 0.000001 0.00001 0.0001 0.001 time in avalanche, t a (s) figure 12: single pulse avalanche capability i d (a), peak avalanche current 0 5 10 15 20 25 30 35 40 0 25 50 75 100 125 150 175 t case (c) figure 13: power de-rating (note b) power dissipation (w) 0 5 10 15 20 25 30 0 25 50 75 100 125 150 175 t case (c) figure 14: current de-rating (note b) current rating i d (a) t a =25c 0 10 20 30 40 50 0.01 0.1 1 10 100 1000 pulse width (s) figure 15: single pulse power rating junction-to- ambient (note h) power (w) t a =25c dd d a v bv i l t ? ? = alpha & omega semiconductor, ltd. www.aosmd.com
AOD4120 - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform ig vgs - + vdc dut l vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f di/dt i rm rr vdd vdd q = - idt t rr - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms tt r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms vds ar dss 2 e = 1/2 li ar ar alpha & omega semiconductor, ltd. www.aosmd.com


▲Up To Search▲   

 
Price & Availability of AOD4120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X