Part Number Hot Search : 
KA7918 SPV1040 VR12A BUJ106AX A4255CLN M51320P SMBJ54 MAB03066
Product Description
Full Text Search
 

To Download 74AUP2G04FW3-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74aup2g04 document number: ds35509 rev. 2 - 2 1 of 11 www.diodes.com december 2013 ? diodes incorporated 74aup2g04 new product dual inverters description the advanced ultra low power (aup ) cmos logic family is designed for low power and extended battery life in portable applications. the 74aup2g04 is composed of two inverters with standard push- pull outputs designed for operation over a power supply range of 0.8v to 3.6v. the device is fully s pecified for partial power down applications using i off . the i off circuitry disables the output preventing damaging current backflow when the device is powered down. the gates perform the positive boolean function: a y = features ? advanced ultra low power (aup) cmos ? supply voltage range from 0.8v to 3.6v ? 4ma output drive at 3.0v ? low static power consumption ? i cc < 0.9a ? low dynamic power consumption ? c pd = 4pf typical at 3.6v ? schmitt trigger action at all input s make the circuit tolerant for slower input rise and fall time. the hysteresis is typically 250mv at v cc = 3.0v ? i off supports partial-power-down mode operation ? esd protection per jesd 22 ? exceeds 200-v machine model (a115) ? exceeds 2000-v human body model (a114) ? exceeds 1000-v charged device model (c101) ? latch-up exceeds 100 ma per jesd 78, class i ? leadless packages per jesd30e ? dfn1410 denoted as x2-dfn1410-6 ? dfn1010 denoted as x2-dfn1010-6 ? dfn0910 denoted as x2-dfn0910-6 ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) pin assignments applications ? suited for battery and low power needs ? wide array of products such as: ? pcs, networking, notebooks, netbooks, pdas ? tablet computers, e-readers ? computer peripherals, hard drives, cd/dvd rom ? tv, dvd, dvr, set top box ? cell phones, personal navigation / gps ? mp3 players ,cameras, video recorders notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. click here for ordering information, located at the end of datasheet
74aup2g04 document number: ds35509 rev. 2 - 2 2 of 11 www.diodes.com december 2013 ? diodes incorporated 74aup2g04 new product pin descriptions pin name pin no function 1a 1 data input gnd 2 ground 2a 3 data input 2y 4 data output v cc 5 supply voltage 1y 6 data output function table inputs output na ny h l l h logic diagram 1 6 1y 1a 3 4 2y 2a absolute maximum ratings (note 4) (@t a = +25c, unless otherwise specified.) symbol description rating unit esd hbm human body model esd protection 2 kv esd cdm charged device model esd protection 1 kv esd mm machine model esd protection 200 v v cc supply voltage range -0.5 to +4.6 v v i input voltage range -0.5 to +4.6 v v o voltage applied to output in high or low state -0.5 to v cc +0.5 v i ik input clamp current v i <0 50 ma i ok output clamp current (v o < 0 ) -50 ma i o continuous output current (v o = 0 to v cc ) 20 ma i cc continuous current through v cc 50 ma i gnd continuous current through gnd -50 ma t j operating junction temperature -40 to +150 c t stg storage temperature -65 to +150 c note: 4. stresses beyond the absolute maximum may result in immediate failure or reduced re liability. these are stress valu es and device operation should be within recommend values.
74aup2g04 document number: ds35509 rev. 2 - 2 3 of 11 www.diodes.com december 2013 ? diodes incorporated 74aup2g04 new product recommended operating conditions (note 5) (@t a = +25c, unless otherwise specified.) symbol parameter min max unit v cc operating voltage 0.8 3.6 v v i input voltage 0 3.6 v v o output voltage 0 v cc v i oh high-level output current v cc = 0.8v -20 a v cc = 1.1v -1.1 ma v cc = 1.4v -1.7 v cc = 1.65v -1.9 v cc = 2.3v -3.1 v cc = 3.0v -4 i ol low-level output current v cc = 0.8v 20 a v cc = 1.1v 1.1 ma v cc = 1.4v 1.7 v cc = 1.65v 1.9 v cc = 2.3v 3.1 v cc = 3.0v 4 ? t/ ? v input transition rise or fall rate v cc = 0.8v to 3.6v 200 ns/v t a operating free-air temperature -40 125 c note: 5. unused inputs should be held at v cc or ground.
74aup2g04 document number: ds35509 rev. 2 - 2 4 of 11 www.diodes.com december 2013 ? diodes incorporated 74aup2g04 new product electrical characteristics (@t a = +25c, unless otherwise specified.) symbol parameter test conditions v cc t a = +25c t a = -40c to +85c unit min max min max v ih high-level input voltage 0.8v to 1.65v 0.80 x v cc 0.80 x v cc v 1.65v to 1.95v 0.65 x v cc 0.65 x v cc 2.3v to 2.7v 1.6 1.6 3.0v to 3.6v 2.0 2.0 v il low-level input voltage 0.8v to 1.65v 0.30 x v cc 0.30 x v cc v 1.65v to 1.95v 0.35 x v cc 0.35 x v cc 2.3v to 2.7v 0.7 0.7 3.0v to 3.6v 0.9 0.9 v oh high-level output voltage i oh = -20 a 0.8v to 3.6v v cc ? 0.1 v cc ? 0.1 v i oh = -1.1ma 1.1v 0.75 x v cc 0.7 x v cc i oh = -1.7ma 1.4v 1.11 1.03 i oh = -1.9ma 1.65v 1.32 1.3 i oh = -2.3ma 2.3v 2.05 1.97 i oh = -3.1ma 1.9 1.85 i oh = -2.7ma 3v 2.72 2.67 i oh = -4ma 2.6 2.55 v ol low-level output voltage i ol = 20 a 0.8v to 3.6v 0.1 0.1 v i ol = 1.1ma 1.1v 0.3 x v cc 0.3 x v cc i ol = 1.7ma 1.4v 0.31 0.37 i ol = 1.9ma 1.65v 0.31 0.35 i ol = 2.3ma 2.3v 0.31 0.33 i ol = 3.1ma 0.44 0.45 i ol = 2.7ma 3v 0.31 0.33 i ol = 4ma 0.44 0.45 i i input current a or b input v i = gnd to 3.6v 0v to 3.6v 0.1 0.5 a i off power down leakage current v i or v o = 0v to 3.6v 0v 0.2 0.6 a ? i off delta power down leakage current v i or v o = 0v to 3.6v 0v to 0.2v 0.2 0.6 a i cc supply current v i = gnd or v cc, i o = 0 0.8v to 3.6v 0.5 0.9 a ? i cc additional supply current one input at v cc -0.6v other input at v cc or gnd 3.3v 40 50 a
74aup2g04 document number: ds35509 rev. 2 - 2 5 of 11 www.diodes.com december 2013 ? diodes incorporated 74aup2g04 new product electrical characteristics (cont.) (@t a = +25c, unless otherwise specified.) symbol parameter test conditions v cc t a = -40c to +125 c unit min max v ih high-level input voltage 0.8v to 1.65v 0.80 x v cc v 1.65v to 1.95v 0.70 x v cc 2.3v to 2.7v 1.6 3.0v to 3.6v 2.0 v il low-level input voltage 0.8v to 1.65v 0.25 x v cc v 1.65v to 1.95v 0.30 x v cc 2.3v to 2.7v 0.7 3.0v to 3.6v 0.9 v oh high-level output voltage i oh = -20 a 0.8v to 3.6v v cc ? 0.11 v i oh = -1.1ma 1.1v 0.6 x v cc i oh = -1.7ma 1.4v 0.93 i oh = -1.9ma 1.65v 1.17 i oh = -2.3ma 2.3v 1.77 i oh = -3.1ma 1.67 i oh = -2.7ma 3v 2.40 i oh = -4ma 2.30 v ol low-level output voltage i ol = 20 a 0.8v to 3.6v 0.11 v i ol = 1.1ma 1.1v 0.33 x v cc i ol = 1.7ma 1.4v 0.41 i ol = 1.9ma 1.65v 0.39 i ol = 2.3ma 2.3v 0.36 i ol = 3.1ma 0.50 i ol = 2.7ma 3v 0.36 i ol = 4ma 0.50 i i input current a or b input, v i = gnd to 3.6v 0v to 3.6v 0.75 a i off power down leakage current v i or v o = 0v to 3.6v 0v 1.0 a ? i off delta power down leakage current v i or v o = 0v to 3.6v 0v to 0.2v 2.5 a i cc supply current v i = gnd or v cc , i o = 0 0.8v to 3.6v 1.4 a ? i cc additional supply current input at v cc -0.6v other input at v cc or gnd 3.3v 75 a operating and package characteristics (@t a = +25c, unless otherwise specified.) parameter test conditions v cc typ unit c pd power dissipation capacitance f = 1mhz no load 0.8v 5.1 pf 1.2v 0.1v 5.2 1.5v 0.1v 5.2 1.8v 0.15v 5.5 2.5v 0.2v 5.7 3.3v 0.3v 6.0 c i input capacitance v i = v cc or gnd 0v or 3.3v 2.0 pf c o output capacitance v o = v cc or gnd 0v 3.5 pf
74aup2g04 document number: ds35509 rev. 2 - 2 6 of 11 www.diodes.com december 2013 ? diodes incorporated 74aup2g04 new product switching characteristics c l = 5pf see figure 1 parameter from input to output v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max t pd a y 0.8v 19.2 ns 1.2v 0.1v 2.6 5.5 11.3 2.3 12.5 2.3 13.9 1.5v 0.1v 1.8 3.6 6.4 1.6 7.4 1.6 8.2 1.8v 0.15v 1.5 2.9 5.0 1.4 5.9 1.4 6.5 2.5v 0.2v 1.2 2.4 3.9 1.1 4.5 1.1 5.0 3.3v 0.3v 0.9 1.9 3.2 0.8 3.9 0.8 4.3 c l = 10pf see figure 1 parameter from input to output v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max t pd a y 0.8v 23.8 ns 1.2v 0.1v 3.1 6.5 13.4 2.9 15.1 2.9 16.6 1.5v 0.1v 2.3 4.2 7.5 2.1 8.7 2.1 9.6 1.8v 0.15v 2.0 3.5 5.9 1.8 7.0 1.8 7.7 2.5v 0.2v 1.6 2.9 4.6 1.5 5.4 1.5 6.0 3.3v 0.3v 1.2 2.4 3.8 1.1 4.5 1.1 5.0 c l = 15pf see figure 1 parameter from input to output v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max t pd a y 0.8v 28.0 ns 1.2v 0.1v 3.5 7.4 14.3 3.3 17.4 3.3 19.1 1.5v 0.1v 2.6 4.7 8.6 2.4 10.0 2.4 11.0 1.8v 0.15v 2.3 4.0 6.7 2.1 8.0 2.1 8.8 2.5v 0.2v 2.1 3.3 5.1 1.8 6.1 1.8 6.8 3.3v 0.3v 1.6 2.8 4.2 1.4 5.0 1.4 5.5 c l = 30pf see figure 1 parameter from input to output v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max t pd a y 0.8v 40.3 ns 1.2v 0.1v 4.8 9.8 17.6 4.4 20.9 4.4 23.0 1.5v 0.1v 3.6 6.3 10.8 3.2 12.9 3.2 14.2 1.8v 0.15v 3.2 5.3 9.0 2.9 10.5 2.9 11.6 2.5v 0.2v 2.4 4.5 6.5 2.6 7.6 2.6 8.4 3.3v 0.3v 1.8 3.8 5.4 2.1 6.2 2.1 6.9
74aup2g04 document number: ds35509 rev. 2 - 2 7 of 11 www.diodes.com december 2013 ? diodes incorporated 74aup2g04 new product parameter measurement information v cc inputs v m c l v i t r /t f 0.8v v cc 3 ns v cc /2 5, 10, 15, 30pf 1.2v 0.1v v cc 3 ns v cc /2 5, 10, 15, 30pf 1.5v 0.1v v cc 3 ns v cc /2 5, 10, 15, 30pf 1.8v 0.15v v cc 3 ns v cc /2 5, 10, 15, 30pf 2.5v 0.2v v cc 3 ns v cc /2 5, 10, 15, 30pf 3.3v 0.3v v cc 3 ns v cc /2 5, 10, 15, 30pf voltage waveform pulse duration voltage waveform propagation delay times inverting and non inverting outputs figure 1. load circuit and voltage waveforms notes: a. includes test lead and test apparatus capacitance. b. all pulses are supplied at pulse repetition rate 10mhz. c. inputs are measured separatel y one transition per measurement. d. t plh and t phl are the same as t pd.
74aup2g04 document number: ds35509 rev. 2 - 2 8 of 11 www.diodes.com december 2013 ? diodes incorporated 74aup2g04 new product ordering information device package code packaging 7? tape and reel (note 6) quantity part number suffix 74aup2g04fz4-7 fz4 x2-dfn1410-6 5000/tape & reel -7 74aup2g04fw4-7 fw4 x2-dfn1010-6 5000/tape & reel -7 74AUP2G04FW3-7 fw3 x2-dfn0910-6 5000/tape & reel -7 note: 6. the taping orientation is located on our website at http://www.d iodes.com/datash eets/ap02007.pdf marking information (1) x2-dfn1410-6, x2-dfn1010-6, x2-dfn0910-6 part number package identification code 74aup2g04fz4 x2-dfn1410-6 rm 74aup2g04fw4 x2-dfn1010-6 sm 74aup2g04fw3 x2-dfn0910-6 mm
74aup2g04 document number: ds35509 rev. 2 - 2 9 of 11 www.diodes.com december 2013 ? diodes incorporated 74aup2g04 new product package outline dimensions (all dimensions in mm.) please see ap02002 at http://www.diodes.com/ datasheets/ap02002.pdf for latest version. (1) package type x2-dfn1410-6 (2) package type: x2-dfn1010-6 x2-dfn1410-6 dim min max typ a ?? 0.40 0.39 a1 0.00 0.05 0.02 a3 ?? ?? 0.13 b 0.15 0.25 0.20 d 1.35 1.45 1.40 e 0.95 1.05 1.00 e ?? ?? 0.50 l 0.25 0.35 0.30 z ?? ?? 0.10 z1 0.045 0.105 0.075 all dimensions in mm x2-dfn1010-6 dim min max typ a ?? 0.40 0.39 a1 0.00 0.05 0.02 a3 ?? ?? 0.13 b 0.14 0.20 0.17 b1 0.05 0.15 0.10 d 0.95 1.05 1.00 e 0.95 1.05 1.00 e ?? ?? 0.35 l 0.35 0.45 0.40 k 0.15 ?? ?? z ?? ?? 0.065 all dimensions in mm d e e l(6x) a a3 (pin #1 id) seating plane z(4x) a1 b(6x) z1(4x) a a1 a3 d e z(4x) b(6x) e l(6x) k (pin #1 id) b1
74aup2g04 document number: ds35509 rev. 2 - 2 10 of 11 www.diodes.com december 2013 ? diodes incorporated 74aup2g04 new product package outline dimensions (cont.) (all dimensions in mm.) please see ap02002 at http://www.diodes.com/ datasheets/ap02002.pdf for latest version. (3) package type: x2-dfn0910-6 suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. (1) package type x2-dfn1410-6 (2) package type: x2-dfn1010-6 x2-dfn0910-6 dim min max typ a - 0.35 0.30 a1 0 0.03 0.02 b 0.10 0.20 0.15 d 0.85 0.95 0.90 e 0.95 1.05 1.00 e - - 0.30 k 0.20 - - k1 0.25 - - l 0.25 0.35 0.30 l1 0.30 0.40 0.35 z - - 0.075 z1 - - 0.075 all dimensions in mm dimensions value (in mm) c 0.500 g 0.250 x 0.250 x1 1.250 y 0.525 y1 1.250 dimensions value (in mm) c 0.350 g 0.150 x 0.200 x1 0.900 y 0.550 y1 1.250 $ $  seating plane ' ( e !  [ " h / !  [ " . (pin #1 id) c0.5x45 .  /  = !  ; " =  !  ; " 1 y1 x1 x(6x) y (6x) g(4x) c 1 x1 y1 y(6x) x(6x) g(4x) c
74aup2g04 document number: ds35509 rev. 2 - 2 11 of 11 www.diodes.com december 2013 ? diodes incorporated 74aup2g04 new product suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. (3) package type: x2-dfn0910-6 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product described herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes inco rporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose pr oducts are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability what soever in respect of any pr oducts purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or u nauthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, ex penses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into mu ltiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical comp onents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when pro perly used in accordance with in structions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for a ll legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arising out of the use of diodes incorporated products in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com dimensions value (in mm) g 0.100 g1 0.050 g2 0.150 x 0.150 x1 0.750 y 0.525 y1 0.475 y2 1.150 3 l q  ;  <  < <  *  ; *  *


▲Up To Search▲   

 
Price & Availability of 74AUP2G04FW3-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X