Part Number Hot Search : 
LBT20006 KD1061 2SD1222 LT176 1024C LBT20006 MC44C401 LA6518M
Product Description
Full Text Search
 

To Download 74AUP2G02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74AUP2G02 document number: ds36140 rev. 1 - 2 1 of 9 www.diodes.com january 2015 ? diodes incorporated new product 74AUP2G02 dual nor gate notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- an d antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. description the advanced ultra low power (aup ) cmos logic family is designed for low power and extended battery life in portable applications. the 74AUP2G02 is a dual two-input nor gate. both gates have push-pull outputs designed for operation over a power supply range of 0.8 v to 3.6 v. the device is fu lly specified for partial power down applications using i off . the i off circuitry dis ables the output preventing damaging current backflow when the device is powered down. each gate performs the positive boolean function: b a y + = or b a y ? = features ? advanced ultra low power (aup) cmos ? supply voltage range from 0.8v to 3.6v ? 4ma output drive at 3.0v ? low static power consumption i cc < 0.9a ? low dynamic power consumption c pd = 6 pf (typical at 3.6v) ? schmitt trigger action at all i nputs makes the circuit tolerant for slower input rise and fall time . the hysteresis is typically 250 mv at v cc = 3.0v ? i off supports partial-power-down mode operation ? esd protection exceeds jesd 22 2000-v human body model (a114) exceeds 1000-v charged device model (c101) ? latch-up exceeds 100ma per jesd 78, class i ? leadless packages named per jesd30e ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) pin assignments (top view) x2-dfn1210-8 applications ? suited for battery and low power needs ? wide array of products such as: ? tablets, e-readers ? cell phones, personal navigation / gps ? mp3 players, cameras, video recorders ? pcs, ultrabooks, notebooks, netbooks ? computer peripherals, hard drives, ssd, cd/dvd rom ? tv, dvd, dvr, set-top box
74AUP2G02 document number: ds36140 rev. 1 - 2 2 of 9 www.diodes.com january 2015 ? diodes incorporated new product 74AUP2G02 ordering information 74aup2g 02 xxx -7 logic device function package packing 74 : logic prefix 02 : 2-input ra3 : x2-dfn1210-8 -7 : 7? tape & reel aup : 0.8 to 3.6 v nor gates logic family 2g : dual gate device package code package (notes 4 & 5) package size 7? tape and reel quantity part number suffix 74AUP2G02ra3-7 ra3 x2-dfn1210-8 1.2mm x 1.0mm x 0.35mm 0.3 mm lead pitch 5,000/tape & reel -7 notes: 4. pad layout as shown on di odes inc. suggested pad layout document ap 02001, which can be found on our website at http://www.di odes.com/datas heets/ap02001.pdf. 5. the taping orientation is located on our website at http://www.di odes.com/datas heets/ap02007.pdf. pin descriptions pin name pin no. function 1a 1 data input 1b 2 data input 2y 3 data output gnd 4 ground 2a 5 data input 2b 6 data input 1y 7 data output v cc 8 supply voltage logic diagram function table inputs output a b y l l h l h l h l l h h l
74AUP2G02 document number: ds36140 rev. 1 - 2 3 of 9 www.diodes.com january 2015 ? diodes incorporated new product 74AUP2G02 absolute maximum ratings (notes 6 & 7) symbol description rating unit esd hbm human body model esd protection 2 kv esd cdm charged device model esd protection 1 kv esd mm machine model esd protection 200 v v cc supply voltage range -0.5 to +4.6 v v i input voltage range -0.5 to +4.6 v v o voltage applied to output in high or low state -0.5 to v cc +0.5 v i ik input clamp current v i <0 50 ma i ok output clamp current (v o < 0 ) 50 ma i o continuous output current (v o = 0 to v cc ) 20 ma i cc continuous current through v cc 50 ma i gnd continuous current through gnd -50 ma t j operating junction temperature -40 to +150 c t stg storage temperature -65 to +150 c notes: 6. stresses beyond the absolute maximum may result in immediate failure or reduced reliability. these are stress val ues and device operation should be within recommend values. 7. forcing the maximum allowed voltage could cause a condition ex ceeding the maximum current or conversely forcing the maximum current could cause a condition exceeding the maximum voltage. the ratings of both current and voltage must be maintained within the con trolled range. recommended operating conditions (note 8) symbol parameter min max unit v cc operating voltage ? 0.8 3.6 v v i input voltage 0 3.6 v v o output voltage 0 v cc v i oh high-level output current v cc = 0.8v ? -20 a v cc = 1.1v ? -1.1 ma v cc = 1.4v ? -1.7 v cc = 1.65v ? -1.9 v cc = 2.3v ? -3.1 v cc = 3.0v ? -4 i ol low-level output current v cc = 0.8v ? 20 a v cc = 1.1v ? 1.1 ma v cc = 1.4v ? 1.7 v cc = 1.65v ? 1.9 v cc = 2.3v ? 3.1 v cc = 3.0v ? 4 ? t/ ? v input transition rise or fall rate v cc = 0.8v to 3.6v ? 200 ns/v t a operating free-air temperature ? -40 +125 c note: 8. unused inputs should be held at v cc or ground.
74AUP2G02 document number: ds36140 rev. 1 - 2 4 of 9 www.diodes.com january 2015 ? diodes incorporated new product 74AUP2G02 electrical characteristics symbol parameter test conditions v cc t a = +25c t a = -40c to +85c unit min max min max v ih high-level input voltage ? 0.8v to 1.65v 0.80 x v cc ? 0.80 x v cc ? v ? 1.65v to 1.95v 0.65 x v cc ? 0.65 x v cc ? ? 2.3v to 2.7v 1.6 ? 1.6 ? ? 3.0v to 3.6v 2.0 ? 2.0 ? v il low-level input voltage ? 0.8v to 1.65v ? 0.30 x v cc ? 0.30 x v cc v ? 1.65v to 1.95v ? 0.35 x v cc ? 0.35 x v cc ? 2.3v to 2.7v ? 0.7 ? 0.7 ? 3.0v to 3.6v ? 0.9 ? 0.9 v oh high-level output voltage i oh = -20 a 0.8v to 3.6v v cc ? 0.1 ? v cc ? 0.1 ? v i oh = -1.1ma 1.1v 0.75 x v cc ? 0.7 x v cc ? i oh = -1.7ma 1.4v 1.11 ? 1.03 ? i oh = -1.9ma 1.65v 1.32 ? 1.3 ? i oh = -2.3ma 2.3v 2.05 ? 1.97 ? i oh = -3.1ma 1.9 ? 1.85 ? i oh = -2.7ma 3v 2.72 ? 2.67 ? i oh = -4ma 2.6 ? 2.55 ? v ol low-level input voltage i ol = 20 a 0.8v to 3.6v ? 0.1 ? 0.1 v i ol = 1.1ma 1.1v ? 0.3 x v cc ? 0.3 x v cc i ol = 1.7ma 1.4v ? 0.31 ? 0.37 i ol = 1.9ma 1.65v ? 0.31 ? 0.35 i ol = 2.3ma 2.3v ? 0.31 ? 0.33 i ol = 3.1ma ? 0.44 ? 0.45 i ol = 2.7ma 3v ? 0.31 ? 0.33 i ol = 4ma ? 0.44 ? 0.45 i i input current a or b input v i = gnd to 3.6v 0v to 3.6v ? 0.1 ? 0.5 a i off power down leakage current v i or v o = 0v to 3.6v 0v ? 0.2 ? 0.6 a ? i off delta power down leakage current v i or v o = 0v to 3.6v 0v to 0.2v ? 0.2 ? 0.6 a i cc supply current v i = gnd or v cc , i o = 0 0.8v to 3.6v ? 0.5 ? 0.9 a ? i cc additional supply current one input at v cc ?0.6v other inputs at v cc or gnd 3.3v ? 40 ? 50 a
74AUP2G02 document number: ds36140 rev. 1 - 2 5 of 9 www.diodes.com january 2015 ? diodes incorporated new product 74AUP2G02 electrical characteristics (continued) symbol parameter test conditions v cc t a = -40c to +125c unit min max v ih high-level input voltage ? 0.8v to 1.65v 0.80 x v cc ? v ? 1.65v to 1.95v 0.70 x v cc ? ? 2.3v to 2.7v 1.6 ? ? 3.0v to 3.6v 2.0 ? v il low-level input voltage ? 0.8v to 1.65v ? 0.25 x v cc v ? 1.65v to 1.95v ? 0.30 x v cc ? 2.3v to 2.7v ? 0.7 ? 3.0v to 3.6v ? 0.9 v oh high-level output voltage i oh = -20 a 0.8v to 3.6v v cc ? 0.11 ? v i oh = -1.1ma 1.1v 0.6 x v cc ? i oh = -1.7ma 1.4v 0.93 ? i oh = -1.9ma 1.65v 1.17 ? i oh = -2.3ma 2.3v 1.77 ? i oh = -3.1ma 1.67 ? i oh = -2.7ma 3v 2.40 ? i oh = -4ma 2.30 ? v ol low-level input voltage i ol = 20 a 0.8v to 3.6v ? 0.11 v i ol = 1.1ma 1.1v ? 0.33 x v cc i ol = 1.7ma 1.4v ? 0.41 i ol = 1.9ma 1.65v ? 0.39 i ol = 2.3ma 2.3v ? 0.36 i ol = 3.1ma ? 0.50 i ol = 2.7ma 3v ? 0.36 i ol = 4ma ? 0.50 i i input current a or b input, v i = gnd to 3.6v 0v to 3.6v ? 0.75 a i off power down leakage current v i or v o = 0v to 3.6v 0v ? 1.0 a ? i off delta power down leakage current v i or v o = 0v to 3.6v 0v to 0.2v ? 2.5 a i cc supply current v i = gnd or v cc , i o = 0 0.8v to 3.6v ? 3.0 a ? i cc additional supply current input at v cc ?0.6v other inputs at v cc or gnd 3.3v ? 75 a operating and package characteristics (@t a = +25c, unless otherwise specified.) parameter test conditions v cc typ unit c pd power dissipation capacitance f = 1mhz no load 0.8v 5.1 pf 1.2v 0.1v 5.2 1.5v 0.1v 5.2 1.8v 0.15v 5.5 2.5v 0.2v 5.7 3.3v 0.3v 6.0 c i input capacitance v i = v cc or gnd 0v or 3.3v 2.0 pf ja thermal resistance junction-to-ambient x2-dfn1210-8 (note 9) ? +395 c/w jc thermal resistance junction-to-case x2-dfn1210-8 (note 9) ? +236 c/w note: 9. test condition, x2-dfn1210-8 devic e mounted on fr-4 substrate pc board, 2oz copper, with minimum recommended pad layou t.
74AUP2G02 document number: ds36140 rev. 1 - 2 6 of 9 www.diodes.com january 2015 ? diodes incorporated new product 74AUP2G02 switching characteristics c l = 5pf, see figure 1 parameter from input to output v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max t pd a or b y 0.8v ? 19.6 ? ? ? ? ? ns 1.2v 0.1v 2.5 5.1 11.9 2.1 13.3 2.1 14.7 1.5v 0.1v 1.6 3.7 6.7 1.4 7.8 1.4 8.6 1.8v 0.15v 1.3 3.0 5.3 1.1 6.2 1.1 6.9 2.5v 0.2v 1.0 2.4 3.9 0.9 4.6 0.9 5.1 3.3v 0.3v 1.0 2.2 3.4 0.8 4.0 0.8 4.4 c l = 10pf, see figure 1 parameter from input to output v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max t pd a or b y 0.8v ? 23.5 ? ? ? ? ? ns 1.2v 0.1v 2.4 6.0 14.1 2.2 15.7 2.2 17.4 1.5v 0.1v 1.9 4.3 7.9 1.7 9.2 1.7 10.2 1.8v 0.15v 1.6 3.6 6.2 1.5 7.3 1.5 8.1 2.5v 0.2v 1.4 3.0 4.7 1.2 5.6 1.2 6.2 3.3v 0.3v 1.3 2.7 4.2 1.2 5.0 1.2 5.5 c l = 15pf, see figure 1 parameter from input to output v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max t pd a or b y 0.8v ? 27.5 ? ? ? ? ? ns 1.2v 0.1v 3.4 6.8 16.1 3.1 20.2 3.1 20.4 1.5v 0.1v 2.3 4.8 8.9 2.0 10.4 2.0 11.5 1.8v 0.15v 1.9 4.0 7.0 1.7 8.3 1.7 9.2 2.5v 0.2v 1.7 3.4 5.4 1.5 6.3 1.5 7.0 3.3v 0.3v 1.4 3.2 4.8 1.3 5.7 1.3 6.3 c l = 30pf, see figure 1 parameter from input to output v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max t pd a or b y 0.8v ? 39.3 ? ? ? ? ? ns 1.2v 0.1v 4.6 9.0 21.9 4.1 27.6 4.1 27.8 1.5v 0.1v 3.4 6.4 11.8 2.9 13.9 2.9 15.3 1.8v 0.15v 2.6 5.3 9.3 2.3 11.1 2.3 12.3 2.5v 0.2v 2.4 4.5 7.1 2.1 8.5 2.1 9.4 3.3v 0.3v 2.0 4.2 6.4 1.8 7.7 1.8 8.5
74AUP2G02 document number: ds36140 rev. 1 - 2 7 of 9 www.diodes.com january 2015 ? diodes incorporated new product 74AUP2G02 parameter measurement information r l c l (see note a) from output under test =1m ? v cc inputs v m c l v i t r /t f 0.8v v cc 3ns v cc /2 5, 10, 15, 30pf 1.2v 0.1v v cc 3ns v cc /2 5, 10, 15, 30pf 1.5v 0.1v v cc 3ns v cc /2 5, 10, 15, 30pf 1.8v 0.15v v cc 3ns v cc /2 5, 10, 15, 30pf 2.5v 0.2v v cc 3ns v cc /2 5, 10, 15, 30pf 3.3v 0.3v v cc 3ns v cc /2 5, 10, 15, 30pf voltage waveform pulse duration voltage waveform propagation delay times inverting and non inverting outputs figure 1 load circuit and voltage waveforms notes: a. includes test lead and test apparatus capacitance. b. all pulses are supplied at pulse repetition rate 10 mhz. c. inputs are measur ed separately one transition per measurement. d. t plh and t phl are the same as t pd .
74AUP2G02 document number: ds36140 rev. 1 - 2 8 of 9 www.diodes.com january 2015 ? diodes incorporated new product 74AUP2G02 marking information x2-dfn1210-8 xx : identification code y : year : 0~9 w : week : a~z : 1~26 week a~z: 27-52 week z represents 52 and 53 week x : week : a~z : internal code ( top view ) yw xx x part number package identification code 74AUP2G02ra3-7 x2-dfn1210-8 bt x2-dfn1210-8 package outline dimensions and suggested pad layout please see ap02002 at http://www.diodes.com/ datasheets/ap02002.pdf for the latest version. e k 1 l 7 x d e z 4 x k l 1 z 1 4 x b (pin #1 id) c0.5x45 seating plane a a 1 x2-dfn1210-8 dim min max typ a - 0.35 0.30 a1 0 0.03 0.02 b 0.10 0.20 0.15 d 1.15 1.25 1.20 e 0.95 1.05 1.00 e - - 0.30 k - - 0.25 k1 - - 0.20 l 0.25 0.35 0.30 l1 0.30 0.40 0.35 z 0.050 0.100 0.075 z1 0.050 0.100 0.075 all dimensions in mm x 1 y 1 c x y g dimensions value (in mm) c 0.300 g 0.150 x 0.150 x1 1.050 y 0.500 y1 1.150
74AUP2G02 document number: ds36140 rev. 1 - 2 9 of 9 www.diodes.com january 2015 ? diodes incorporated new product 74AUP2G02 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described her ein; neither does diodes incor porated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes in corporated and all the companies w hose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability what soever in respect of any pr oducts purchased through unauthoriz ed sales channel. should customers purchase or use diodes in corporated products for any unintended or unauthorized application, customers shall i ndemnify and hold diodes incorporated and its representatives harmless agai nst all claims, damages, expenses , and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or mo re united states, international or foreign trademarks. this document is written in english but may be translated into mu ltiple languages for reference. only the english version of t his document is the final and determinative format re leased by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical co mponents in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling c an be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expected to cause the failure of the life s upport device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support dev ices or systems, and acknowledge and agree that they are solely responsible fo r all legal, regulatory and safety -related requirements concerning their products and any use of diodes incorporated products in such safety-cri tical, life support devices or systems, notwithstanding any devic es- or systems- related information or support that may be provided by diodes inco rporated. further, customers must fully indemnify diodes inc orporated and its representatives against any damages aris ing out of the use of diodes incorporated products in such safety-critical, life su pport devices or systems. copyright ? 2015, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of 74AUP2G02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X