Part Number Hot Search : 
2SC4480 BU2508 B1488 PAM2421 3120C GRM32 063EC 1N5400
Product Description
Full Text Search
 

To Download 74ALVC541BQ-Q100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74alvc541-q100 is an octal non-inverting buffer/line driver with 3-state bus compatible outputs. the output enable inputs oe 0 and oe 1, control the 3-state outputs. a high on oe n causes the outputs to assume a high-impedance off-state. this product has been qualified to the automotive electronics council (aec) standard q100 (grade 3) and is suitable for use in automotive applications. 2. features and benefits ? automotive product qualif ication in accordance with aec-q100 (grade 3) ? specified from ? 40 ? c to +85 ? c ? wide supply voltage range from 1.65 v to 3.6 v ? 3.6 v tolerant inputs/outputs ? cmos low power consumption ? direct interface with ttl levels (2.7 v to 3.6 v) ? power-down mode ? latch-up performance exceeds 250 ma ? complies with jedec standard: ? jesd8-7 (1.65 v to 1.95 v) ? jesd8-5 (2.3 v to 2.5 v) ? jesd8b/jesd36 (2.7 v to 3.6 v) ? esd protection: ? mil-std-883, method 3015 exceeds 2000 v ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115-a exceeds 200 v (c = 200 pf, r = 0 ? ) 74alvc541-q100 octal buffer/line driver; 3-state rev. 1 ? 19 may 2014 product data sheet
74alvc541-q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rig hts reserved. product data sheet rev. 1 ? 19 may 2014 2 of 16 nxp semiconductors 74alvc541-q100 octal buffer/line driver; 3-state 3. ordering information 4. functional diagram table 1. ordering information type number package temperature range name description version 74alvc541d-q100 ? 40 ? cto+85? c so20 plastic small outline package; 20 leads; body width 7.5 mm sot163-1 74alvc541pw-q100 ? 40 ? cto+85? c tssop20 plastic thin shrink small outline package; 20 leads; body width 4.4 mm sot360-1 74ALVC541BQ-Q100 ? 40 ? cto+85? c dhvqfn20 plastic dual-in-line compatible thermal enhanced very thin quad flat package no leads; 20 terminals; body 2.5 ? 4.5 ? 0.85 mm sot764-1 fig 1. logic symbol fig 2. iec logic symbol                   $ $ $ $ $ $ $ $ < < < < < < < < 2( 2( pqd pqd                   (1
74alvc541-q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rig hts reserved. product data sheet rev. 1 ? 19 may 2014 3 of 16 nxp semiconductors 74alvc541-q100 octal buffer/line driver; 3-state 5. pinning information 5.1 pinning 5.2 pin description (1) this is not a supply pin. the substrate is attached to this pad using conductive die atta ch material. there is no electrical or mechanical requi rement to solder this pad. however, if it is soldered, the solder land should remain floating or be connected to gnd. fig 3. pin configuration so20, tssop20 fig 4. pin configuration dhvqfn20 $/9&4 2( 9 && $  2( $  < $  < $  < $  < $  < $  < $  < *1' < ddd                     ddd  $/9&4 7udqvsduhqwwrsylhz < $ $ < $ < $ < $ < *1'  $ < $ < $ 2( *1' < 2( 9 &&                     whuplqdo lqgh[duhd table 2. pin description symbol pin description oe 0 1 output enable input (active low) a[0:7] 2, 3, 4, 5, 6, 7, 8, 9 data input gnd 10 ground (0 v) y[0:7] 18, 17, 16, 15, 14 , 13, 12, 11 data output oe 1 19 output enable input (active low) v cc 20 supply voltage
74alvc541-q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rig hts reserved. product data sheet rev. 1 ? 19 may 2014 4 of 16 nxp semiconductors 74alvc541-q100 octal buffer/line driver; 3-state 6. functional description [1] h = high voltage level; l = low voltage level; x = don?t care; z = high-impedance off-state. 7. limiting values [1] the minimum input voltage ratings may be excee ded if the input current ratings are observed. [2] the output voltage ratings may be exceeded if the output current ratings are observed. [3] when v cc = 0 v (power-down mode), the output voltage can be 3.6 v in normal operation. [4] p tot derates linearly with 8 mw/k above 70 ? c. [5] p tot derates linearly with 5.5 mw/k above 60 ? c. [6] p tot derates linearly with 4.5 mw/k above 60 ? c. table 3. functional table [1] control input output oe 0 oe 1 an yn ll l l ll h h xh x z hx x z table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +4.6 v v i input voltage ? 0.5 +4.6 v i ik input clamping current v i < ? v [1] ? 50 - ma i ok output clamping current v o >v cc or v o <0v - ? 50 ma v o output voltage output high or low state [2] ? 0.5 v cc + 0.5 v output 3-state [2] ? 0.5 +4.6 v power-down mode, v cc = 0 v [3] ? 0.5 +4.6 v i o output current v o = 0 v to v cc - ? 50 ma i cc supply current - 100 ma i gnd ground current ? 100 - ma t stg storage temperature ? 65 +150 ?c p tot total power dissipation t amb = ? 40 ? c to +85 ?c so20 package [4] - 500 mw tssop20 package [5] - 500 mw dhvqfn20 package [6] - 500 mw
74alvc541-q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rig hts reserved. product data sheet rev. 1 ? 19 may 2014 5 of 16 nxp semiconductors 74alvc541-q100 octal buffer/line driver; 3-state 8. recommended operating conditions 9. static characteristics table 5. recommended operating conditions symbol parameter conditions min max unit v cc supply voltage 1.65 3.6 v v i input voltage 0 3.6 v v o output voltage output high or low state 0 v cc v output 3-state 0 3.6 v power-down mode, v cc = 0 v 0 3.6 v t amb ambient temperature ? 40 +85 ?c ? t/ ? v input transition rise and fall rate v cc = 1.65 v to 2.7 v - 20 ns/v v cc = 2.7 v to 3.6 v - 10 ns/v table 6. static characteristics at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions t amb = ? 40 ? c to +85 ?c unit min typ [1] max v ih high-level input voltage v cc = 1.65 v to 1.95 v 0.65 ? v cc --v v cc = 2.3 v to 2.7 v 1.7 - - v v cc = 2.7 v to 3.6 v 2.0 - - v v il low-level input voltage v cc = 1.65 v to 1.95 v - - 0.35 ? v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 2.7 v to 3.6 v - - 0.8 v v oh high-level output voltage v i = v ih or v il i o = 100 ? a; v cc = 1.65 v to 3.6 v ???? 0.2 - - v i o = 6 ma; v cc = 1.65 v 1.25 - - v i o = 12 ma; v cc = 2.3 v 1.8 - - v i o = 18 ma; v cc = 2.3 v 1.7 - - v i o = 12 ma; v cc = 2.7 v 2.2 - - v i o = 18 ma; v cc = 3.0 v 2.4 - - v i o = 24 ma; v cc = 3.0 v 2.2 - - v v ol low-level output voltage v i = v ih or v il i o = ? 100 ? a; v cc = 1.65 v to 3.6 v - - 0.2 v i o = ? 6 ma; v cc =1.65 v - - 0.3 v i o = ? 12 ma; v cc = 2.3 v - - 0.4 v i o = ? 18 ma; v cc = 2.3 v - - 0.6 v i o = ? 12 ma; v cc = 2.7 v - - 0.4 v i o = ? 18 ma; v cc = 3.0 v - - 0.4 v i o = ? 24 ma; v cc = 3.0 v - - 0.55 v i oz off-state output current v i =v ih or v il ; v o =v cc or gnd; v cc =3.6v - ? 0.1 ? 10.0 ? a
74alvc541-q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rig hts reserved. product data sheet rev. 1 ? 19 may 2014 6 of 16 nxp semiconductors 74alvc541-q100 octal buffer/line driver; 3-state [1] all typical values are measured at v cc = 3.3 v and t amb = 25 ? c. 10. dynamic characteristics i i input leakage current v i =v cc or gnd; v cc = 3.6 v - ? 0.1 ? 5.0 ? a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - ? 0.1 ? 10.0 ? a i cc supply current v i =v cc or gnd; i o = 0 a; v cc =3.6v - 0.2 10 ? a ? i cc additional supply current per input pin; v cc = 3.0 v to 3.6 v; v i =v cc ? 0.6 v; i o = 0 a; -5750 ? a c i input capacitance - 3.5 - pf table 6. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions t amb = ? 40 ? c to +85 ?c unit min typ [1] max table 7. dynamic characteristics voltages are referenced to gnd (ground = 0 v); for test circuit, see figure 7 . symbol parameter conditions t amb = ? 40 ? c to +85 ?c unit min typ [1] max t pd propagation delay an to yn; see figure 5 [2] v cc = 1.65 v to 1.95 v 1.0 3.0 4.6 ns v cc = 2.3 v to 2.7 v 1.0 2.2 3.3 ns v cc = 27 v 1.0 2.5 3.3 ns v cc = 3.0 v to 3.6 v 1.0 2.3 3.0 ns t en enable time oe ntoyn; see figure 6 [2] v cc = 1.65 v to 1.95 v 1.0 4.2 7.5 ns v cc = 2.3 v to 2.7 v 1.0 3.3 5.4 ns v cc = 27 v 1.0 3.7 5.8 ns v cc = 3.0 v to 3.6 v 1.0 3.3 4.9 ns t dis disable time oe ntoyn; see figure 6 [2] v cc = 1.65 v to 1.95 v 1.0 4.8 7.5 ns v cc = 2.3 v to 2.7 v 1.0 3.1 4.5 ns v cc = 27 v 1.0 3.1 4.8 ns v cc = 3.0 v to 3.6 v 1.0 2.9 4.6 ns
74alvc541-q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rig hts reserved. product data sheet rev. 1 ? 19 may 2014 7 of 16 nxp semiconductors 74alvc541-q100 octal buffer/line driver; 3-state [1] all typical values are measured at t amb = 25 ? c and v cc = 1.8 v, 2.5 v, 2.7 v and 3.3 v. [2] t pd is the same as t plh and t phl . t en is the same as t pzl and t pzh . t dis is the same as t plz and t phz . [3] c pd is used to determine the dynamic power dissipation (p d in ? w). p d =c pd ? v cc 2 ? f i ? n+ ? (c l ? v cc 2 ? f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l ? v cc 2 ? f o ) = sum of the outputs. 11. waveforms c pd power dissipation capacitance per buffer; v i =gndtov cc ; v cc = 3.3 v [3] outputs enabled - 25 - pf outputs disabled - 0 - pf table 7. dynamic characteristics ?continued voltages are referenced to gnd (ground = 0 v); for test circuit, see figure 7 . symbol parameter conditions t amb = ? 40 ? c to +85 ?c unit min typ [1] max measurement points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 5. propagation delay input (an) to output (yn) pqd $qlqsxw  <qrxwsxw  w 3+/ w 3/+ *1' 9 , 9 0 9 0 9 2+ 9 2/
74alvc541-q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rig hts reserved. product data sheet rev. 1 ? 19 may 2014 8 of 16 nxp semiconductors 74alvc541-q100 octal buffer/line driver; 3-state measurement points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 6. enable and disable times pqd w 3/= w 3+= rxwsxwv glvdeohg rxwsxwv hqdeohg 9 < 9 ; rxwsxwv hqdeohg rxwsxw /2:wr2)) 2))wr/2: rxwsxw +,*+wr2)) 2))wr+,*+ 2(qlqsxw 9 2/ 9 2+ 9 && 9 , 9 0 *1' *1' w 3=/ w 3=+ 9 0 9 0 table 8. measurement points supply voltage input output v cc v i v m v m v x v y 1.65 v to 1.65 v v cc 0.5 ? v cc 0.5 ? v cc v ol + 0.15 v v oh ? 0.15 v 2.3 v to 2.7 v v cc 0.5 ? v cc 0.5 ? v cc v ol + 0.15 v v oh ? 0.15 v 2.7 v 2.7 v 1.5 v 1.5 v v ol + 0.3 v v oh ? 0.3 v 3.0 v to 3.6 v 2.7 v 1.5 v 1.5 v v ol + 0.3 v v oh ? 0.3 v
74alvc541-q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rig hts reserved. product data sheet rev. 1 ? 19 may 2014 9 of 16 nxp semiconductors 74alvc541-q100 octal buffer/line driver; 3-state test data is given in table 9 . definitions test circuit: r t = termination resistance should be equal to output impedance z o of the pulse generator c l = load capacitance including jig and probe capacitance r l = load resistor fig 7. test circuit for measuring switching times 9 0 9 0 w : w :   9 9 , 9 , qhjdwlyh sxovh srvlwlyh sxovh 9 9 0 9 0   w i w u w u w i ddh 9 (;7 9 && 9 , 9 2 '87 & / 5 7 5 / 5 / * table 9. test data supply voltage input load v ext v cc v i t r , t f c l r l t plh , t phl t plz , t pzl t phz , t pzh 1.65 v to 1.95 v v cc ? 2.0 ns 30 pf 1 k ? open 2 ? v cc gnd 2.3 v to 2.7 v v cc ? 2.0 ns 30 pf 500 ? open 2 ? v cc gnd 2.7 v 2.7 v ? 2.5 ns 50 pf 500 ? open 6 gnd 3.0 v to 3.6 v 2.7 v ? 2.5 ns 50 pf 500 ? open 6 gnd
74alvc541-q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rig hts reserved. product data sheet rev. 1 ? 19 may 2014 10 of 16 nxp semiconductors 74alvc541-q100 octal buffer/line driver; 3-state 12. package outline fig 8. package outline sot163-1 (so20) 81,7 $ pd[ $  $  $  e s f '   (     h + ( / / s 4 = \ z y  5()(5(1&(6 287/,1( 9(56,21 (8523($1 352-(&7,21 ,668('$7( ,(& -('(& -(,7$ pp lqfkhv                       r r   ',0(16,216 lqfkglphqvlrqvduhghulyhgiurpwkhruljlqdoppgl phqvlrqv  1rwh 3odvwlfruphwdosurwuxvlrqvripp lqfk pd[lpxp shuvlghduhqrwlqfoxghg   627   z 0 e s ghwdlo; = h   ' \  ( 06 slqlqgh[                                pp vfdoh ;  $ $  $  + ( / s 4 ( f / y 0 $ $   $ 62sodvwlfvpdoorxwolqhsdfndjhohdgverg\zlgwkp p 627  
74alvc541-q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rig hts reserved. product data sheet rev. 1 ? 19 may 2014 11 of 16 nxp semiconductors 74alvc541-q100 octal buffer/line driver; 3-state fig 9. package outline sot360-1 (tssop20) 81,7 $  $  $  e s f '   (     h + ( / / s 4 = \ z y  5()(5(1&(6 287/,1( 9(56,21 (8523($1 352-(&7,21 ,668('$7( ,(& -('(& -(,7$ pp                      r r     ',0(16,216 ppduhwkhruljlqdoglphqvlrqv  1rwhv 3odvwlfruphwdosurwuxvlrqvripppd[lpxpshuvlghduh qrwlqfoxghg 3odvwlflqwhuohdgsurwuxvlrqvripppd[lpxpshuvlghdu hqrwlqfoxghg   627 02   z 0 e s ' = h      slqlqgh[  $ $  $  / s 4 ghwdlo; / $   + ( ( f y 0 $ ; $ \   pp vfdoh 76623sodvwlfwklqvkulqnvpdoorxwolqhsdfndjhohdgve rg\zlgwkpp 627 $ pd[ 
74alvc541-q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rig hts reserved. product data sheet rev. 1 ? 19 may 2014 12 of 16 nxp semiconductors 74alvc541-q100 octal buffer/line driver; 3-state fig 10. package outline sot764-1 (dhvqfn20) whuplqdo lqgh[duhd   $  ( k e 81,7 \ h  f 5()(5(1&(6 287/,1( 9(56,21 (8523($1 352-(&7,21 ,668('$7( ,(& -('(& -(,7$ pp   ' k   \      h         ',0(16,216 ppduhwkhruljlqdoglphqvlrqv  627 02     /  y  z   pp vfdoh 627 '+94)1sodvwlfgxdolqolqhfr psdwleohwkhupdohqkdqfhgyhu\ wklqtxdgiodwsdfndjhqrohdgv whuplqdoverg\[[pp $   pd[ $ $  f ghwdlo; \ \  & h / ( k ' k h h  e         ; ' ( & % $ whuplqdo lqgh[duhd $ & & % y 0 z 0 (   1rwh 3odvwlfruphwdosurwuxvlrqvripppd[lpxpshuvlghdu hqrwlqfoxghg '     
74alvc541-q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rig hts reserved. product data sheet rev. 1 ? 19 may 2014 13 of 16 nxp semiconductors 74alvc541-q100 octal buffer/line driver; 3-state 13. abbreviations 14. revision history table 10. abbreviations acronym description cdm charged device model dut device under test esd electrostatic discharge hbm human body model mil military mm machine model ttl transistor-transistor logic table 11. revision history document id release date data sheet status change notice supersedes 74alvc541_q100 v.1 20140519 product data sheet - -
74alvc541-q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rig hts reserved. product data sheet rev. 1 ? 19 may 2014 14 of 16 nxp semiconductors 74alvc541-q100 octal buffer/line driver; 3-state 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qualified for use in automotive applications. unless otherwise agreed in writing, the product is not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74alvc541-q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rig hts reserved. product data sheet rev. 1 ? 19 may 2014 15 of 16 nxp semiconductors 74alvc541-q100 octal buffer/line driver; 3-state no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any licens e under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74alvc541-q100 octal buffer/line driver; 3-state ? nxp semiconductors n.v. 2014. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 19 may 2014 document identifier: 74alvc541-q100 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 functional description . . . . . . . . . . . . . . . . . . . 4 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 8 recommended operating conditions. . . . . . . . 5 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 5 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 6 11 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . 10 13 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 13 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 13 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 14 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 14 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 15 16 contact information. . . . . . . . . . . . . . . . . . . . . 15 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16


▲Up To Search▲   

 
Price & Availability of 74ALVC541BQ-Q100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X