Part Number Hot Search : 
JRC0168 HT82V KSC1070 V585ME42 Z1175 ST62P10C BUF672 SRF04
Product Description
Full Text Search
 

To Download 2SB1022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon pnp power transistors 2SB1022 description ? with to-220fa package ?high dc current gain ? low saturation voltage ? complement to type 2sd1417 applications ? high power switching applications ? hammer drive,pulse motor drive applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -60 v v ceo collector -emitter voltage open base -60 v v ebo emitter-base voltage open collector -5 v i c collector current -7 a i b base current -0.2 a t a =25 ?? 2.0 p c collector power dissipation t c =25 ?? 30 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220fa) and symbol
inchange semiconductor product specification 2 silicon pnp power transistors 2SB1022 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-50ma; i b =0 -60 v v cesat-1 collector-emitter saturation voltage i c =-3a ;i b =-6ma -1.5 v v cesat-2 collector-emitter saturation voltage i c =-7a ;i b =-14ma -2.0 v v besat base-emitter saturation voltage i c =-3a ;i b =-6ma -2.5 v i cbo collector cut-off current v cb =-60v; i e =0 -100 | a i ebo emitter cut-off current v eb =-5v; i c =0 -4.0 ma h fe-1 dc current gain i c =-3a ; v ce =-3v 2000 15000 h fe-2 dc current gain i c =-7a ; v ce =-3v 1000
inchange semiconductor product specification 3 silicon pnp power transistors 2SB1022 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.15 mm)


▲Up To Search▲   

 
Price & Availability of 2SB1022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X