Part Number Hot Search : 
5257B STK479 CX24109 MAX19401 XP04216 6CUT04 PT2X1 8N50E
Product Description
Full Text Search
 

To Download VEC100M1CTR-0405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd aluminum electrolytic capacitors all product specifications in the catalog are subject to change without notice. (cat. 2014e1) 77 vec series features ? 4 ~ 6.3 , 85 , 2,000 hours assured ? vertical chip type miniaturized for 5.5mm, high capacitors ? low leakage current lead free reflow soldering is available ? designed for surface mounting on high density pc board ? rohs compliance marking color: black specifications items performance category temperature range -40 ~ +85 capacitance tolerance 20% (at 120hz, 20 ) leakage current (at 20 ) i = 0.002cv or 0.5 ( a) whichever is greater (after 2 minutes) where, c = rated capacitance in f v = rated dc working voltage in v ta n (at 120hz, 20 ) rated voltage 6.3 10 16 25 35 50 ta n (max) 0.28 0.24 0.20 0.14 0.12 0.10 impedance ratio shall not exceed the values given in the table below. low temperature rated voltage 6.3 10 16 25 35 50 characteristics (at 120hz) impedance ratio z(-25 )/z(+20 ) 3 3 2 2 2 2 z(-40 )/z(+20 ) 8 5 4 3 3 3 test time 2,000 hrs capacitance change within 20% of initial value endurance tan less than 200% of specified value leakage current within specified value * the above specifications shall be satisfie d when the capacitors are restored to 20 after the rated voltage applied for 2,000 hours at 85 . test time 1,000 hrs capacitance change within 20% of initial value shelf life test tan less than 200% of specified value leakage current within specified value * the above specifications shall be satisfie d when the capacitors are restored to 20 after exposing them for 1,000 hours at 85 without voltage applied. ripple current & frequency (hz) 50 120 1k 10k up frequency multipliers mult iplier 0.7 1.0 1.3 1.4 diagram of dimensions marking lead spacing and diameter unit: mm d l a b c w p 0.2 4 5.3 0.2 4.3 4.3 5.1 0.5 ~ 0.8 1.0 5 5.3 0.2 5.3 5.3 5.9 0.5 ~ 0.8 1.5 6.3 5.3 0.2 6.6 6.6 7.2 0.5 ~ 0.8 2.0 dimension: d l(mm) dimension & permissible ripple current ripple current: ma/rms at 120 hz, 85 v. dc 6.3v (0j) 10v (1a) 16v (1c) 25v (1e) 35v (1v) 50v (1h) f contents dl ma dl ma dl ma dl ma dl ma dl ma 1 010 45.3 10 2.2 2r2 45.3 15 3.3 3r3 45.3 19 4.7 4r7 45.3 19 45.3 20 55.3 26 10 100 45.3 23 45.3 26 55.3 32 55.3 34 6.35.3 44 22 220 45.3 31 55.3 39 55.3 44 6.35.3 55 6.35.3 59 33 330 55.3 44 55.3 48 6.35.3 63 6.35.3 67 47 470 55.3 52 6.35.3 67 6.35.3 75 100 101 6.35.3 89 6.35.3 98 part numbering system vec series 10 f 20% 16v carrier tape 4 5.3l pb-free and pet coating case v ec 100 m 1c tr - 0405 series name capacitance capacitance tolerance rated voltage package type terminal type case size lead wire and coating type note: for more details, please refer to ?part numbering system (smd type)? on page 12. date code rated cap. rated voltage & series code negative polarity a2 10 16c v ec b 0.2 p d 0.5 l 0.3 max a 0.2 w c 0.2 0.4 max


▲Up To Search▲   

 
Price & Availability of VEC100M1CTR-0405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X