Part Number Hot Search : 
PLA150S MDA2062 DM74S04M NTE1838 FR370 1N3328RB AD883B 2SC3296
Product Description
Full Text Search
 

To Download TAEW-3D11005H6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  output power model number output current output voltage taew-3s11005h6 taew-3s11012h6 taew-3s11015h6 TAEW-3D11005H6 taew-3d11012h6 taew-3d11015h6 taew-3s2405h6 taew-3s2412h6 taew-3s2415h6 taew-3d2405h6 taew-3d2412h6 taew-3d2415h6 taew-3s4805h6 taew-3s4812h6 taew-3s4815h6 taew-3d4805h6 taew-3d4812h6 taew-3d4815h6 9-40 vdc in 18-80 vdc in 36-160 vdc in 3w 3w 3w 3w 3w 3w 600 ma 250 ma 200 ma 300 ma 125 ma 100 ma 5 vdc 12 vdc 15 vdc 5 vdc 12 vdc 15 vdc #taewh6-2012-0722 tumbler technologies+trumpower ? santa clara, ca ? 408-988-6616 ? sales@trumpower.com ? www.trumpower.com taew-h6 series 4:1 input, 6kv isolated, 3w trumpower dc/dc converters t electrical specifications all specifications typical @+25c, nominal line, and full load unless otherwise noted. input specifications input voltage....................................................see table nominal input........................................24, 48, 110 vdc input filter........................................................pi network output specifications voltage accuracy.............................................1%, max. voltage balance, balance load......................2%, max. line regulation.............................................0.5%, max. load regulation, 10%fl-fl...........................1%, max. minimum load...................................15%, each output ripple and noise, 20mhz bw................75 mvp-p, max. short circuit protection...........continuous, auto-restart temperature coefficient..........................0.02%/c, max. general specifications efficiency........................................................79-83% isolation voltage, input to output.............6,000 vdc, min. isolation resistance................................10 9 ohms, min. isolation capacitance...................................13pf, max. switching frequency................................130 khz, typ. operating temperature, no derating.........-25c to +75c storage temperature range.................-40c to +125c cooling............................................free air convection mtbf per mil-hdbk-217f @25c...................1m hours safety standards....designed to meet ul 60950, en60950 conducted emi........................meets en55022 class a weight.............................................0.47 oz. (14 grams) case material..................black plastic, ul 94v-0 rated pin 1 11 12 13 15 23,24 single pin connections dual +v input common no pin -v output +v output -v input +v input no pin -v output +v output no pin -v input 0.15 (3.9) 0.80 (20.3) 0.60 (15.2) 15 13 11 12 bottom view 0.10 (2.5) 1.25 (31.8) pin size: 0.02 (0.5) dia. all dimensions in inches (mm) 1 24 23 0.41 (10.4) other input/output combinations available upon request. 0.08 (2.0)


▲Up To Search▲   

 
Price & Availability of TAEW-3D11005H6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X