Part Number Hot Search : 
TIP12 SMC200C WP57EYW EPS13D2 2N688A GSIB840 CR1500SB TIP12
Product Description
Full Text Search
 

To Download RS1002FL-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd rs1002fl diode www.unisonic.com.tw 1 of 3 copyright ? 2014 unisonic technologies co., ltd qw-r601-212.b surface mount fast diode ? description the utc rs1002fl is a surface mount fast diode, it uses utc?s advanced technology to provide customers with fast switching and low reverse leakage, etc. the utc rs1002fl is suitable for surface mounted applications. ? features * fast switching * low profile package * low reverse leakage ? symbol sod-123f ? ordering information ordering number package pin assignment packing 1 2 rs1002flg-ca2f-r sod-123f k a tape reel note: pin assignment: a: anode k: cathode ? marking r2fg
rs1002fl diode unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r601-212.b ? absolute maximum ratings ratings at 25c ambient temperatur e unless otherwise specified. single phase half-wave 60hz, resistive or inductive load, for capacitive load current derate by 20%. parameter symbol ratings unit repetitive peak reverse voltage v rrm 200 v rms voltage v rms 140 v dc blocking voltage v dc 200 v average forward rectified current derate above t c =110c i o 1.0 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 a junction temperature t j -55~+150 c storage temperature t stg -55~+150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal data parameter symbol ratings unit junction to ambient ja 200 c/w ? electrical characteristics ratings at 25c ambient temperatur e unless otherwise specified. single phase half-wave 60hz, resistive or inductive load, for capacitive load current derate by 20%. parameter symbol test conditions min typ max unit instantaneous forward voltage v f i f =0.7a 1.15 v i f =1.0a 1.3 v dc reverse current at rated dc blocking voltage i r t j =25c 1.0 a t j =125c 50 a reverse recovery time t r r i f =0.5a, i r =1a, i r r =0.25a 150 ns junction capacitance c j v r =4v, f=1mhz 9 pf
rs1002fl diode unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r601-212.b ? typical characteristics average forward rectified current, i f (a) junction capacitance, c j (pf) average forward, i f (a) forward surge current, amperes pk (half-sing wave) utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of RS1002FL-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X