Part Number Hot Search : 
DM74ALS OV511 SLK2511B NXXXX LVG9353 2MRS22B1 19KFKE 25LC64
Product Description
Full Text Search
 

To Download PLED120W-024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  constant current versions - product specifcations model number output current (ma 5%) output voltage range (vdc) max output power (w) typical effciency pled120w-343-c0350- xx 350 114-343 120 92% pled120w-266-c0450- xx 450 89-266 120 92% pled120w-171-c0700- xx 700 57-171 120 91% pled120w-114-c1050- xx 1050 38-114 120 91% pled120w-086-c1400- xx 1400 29-86 120 91% pled120w-068-c1750- xx 1750 23-68 120 91% pled120w-057-c2100- xx 2100 19-57 120 90% pled120w-049-c2450- xx 2450 17-49 120 90% pled120w-043-c2800- xx 2800 15-43 120 90% pled120w-038-c3150- xx 3150 13-38 120 90% pled120w-034-c3500- xx 3500 12-34 120 89% pled120w-028-c4200- xx 4200 10-28 120 89% PLED120W-024-c5000- xx 5000 8-24 120 89% constant voltage versions - product specifcations model number output voltage (vdc 5%) output current range (ma) max output power (w) typical effciency PLED120W-024 ? 24 1250-5000 120 89% pled120w-028 28 1050-4200 120 89% pled120w-034 34 875-3500 120 89% pled120w-038 38 788-3150 120 90% pled120w-043 43 700-2800 120 90% pled120w-049 49 613-2450 120 90% pled120w-057 57 525-2100 120 90% pled120w-068 68 438-1750 120 91% pled120w-086 86 350-1400 120 91% pled120w-114 114 263-1050 120 91% pled120w-171 171 175-700 120 91% pled120w-266 266 113-450 120 92% pled120w-343 343 88-350 120 92% -xx indicates dimming options are available. see options at left. blank = fxed current output electrical specifcations input voltage range: 100-277 vac nom. (90-305 v min/max) input over-voltage: can endure 320vac for 48 hrs, 350vac for 2 hrs frequency: 50/60 hz nom. (47-63 hz min/max) power factor: >0.90 @ > 70% load, 120-277v inrush current: 60.0 amps max @ 277 vac, cold start, full load input current: 0.60 amps max @ 230 vac, 1.20 a max @ 120 vac maximum power: 120w current accuracy: 3% load regulation: 4% thd: <_ 20% @ > 70% load, 120-277v ripple & noise: (vpk-pk) 5% vo max @ 20 mhz bw, full load output in parallel with 0.1 f ceramic & 10 f electrolytic ripple: (ipk-pk) 5% io max @ 20 mhz bw, full load output in parallel with 0.1 f ceramic & 10 felectrolytic. 120 hz component (flicker free) start-up time: 150ms typical @ full load, 120vac/60hz (1000ms max) leakage current: 0.68 ma max @ 120vac, 0.75 ma max @ 277vac hold up time: 30ms typical @ full load, 277vac output protection: over-voltage, over-current, and short circuit (auto-recovery) environmental specifcations minimum starting temp: -30oc maximum case temp. 90c storage temperature: -40oc to +85oc humidity: 5% to 95% cooling: convection vibration frequency: 5-55 hz/2g, 30 minutes mtbf: 280,000 hours at full load and 40oc ambient conditions per mil-217f notice 2 emc: fcc 47cfr part 15 class b compliant impact resistance: 1g/s weight: 24.4 oz (690 grams) pled120w seriesC fixed output & dimmable flicker-free led drivers constant current & constant voltage with isolation black magic thermal advantage? aluminum housing ? total power: 120 watts ? input voltage: 100-277 vac nom. ? ul dry & damp location rated ? ip66 & nema6 ? ul type hl rated for hazardous locations ? ul sign components manual (s.a.m. models) rev 9-11-15 ordering options: -d: 0-10v & resistance dimmable models dim 100-10%. two extra wires on the output side (+purple/-gray). compatible with most quality 0-10v wall dimmers. see page 3. -d3: 3-wire dimmable models dim 100-10%. three extra wires on the output side (yellow/purple/gray). compatible with potentiometer dimming. see page 3. -pd: pwm dimmable models. two extra wires on the output side(+purple/-gray). dims via positive 10% to 100% duty cycle, 200hz to 1khz, 0-10v pulse. see page 4. e332160 sign components manual ? indicates s.a.m. specifcations subject to change without notice. note: led drivers are designed and intended to operate led loads only. non-led loading may be outside the specifed design limits of our led drivers, and therefore cannot be covered by any warranty. if you desire to use our led drivers to operate non-led loads please contact us to discuss compatibility. thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com
pg 2 of 4 dimensions - in [mm] ul conditions of acceptability see website for additional information 1.34 [ 34 ] 0.236 [ 6 ] 0.71 [ 18 ] 1.165 [ 29.6 ] 0.236 [ 6 ] 7.20.047 [ 1831.2 ] 7.6 [ 193 ] 6.8 [ 173 ] 2.7 [ 68.6 ] 0.16 [ 4 ] 12.0 min [ 305 min ] 12.0 min [ 305 min ] 2.33 [ 59.2 ] 0.31 [ 8 ] 1.47 [ 37.3 ] 0.390.04 [ 101 ] 0.390.04 [ 101 ] tc = 90c max input black (l) white (n) green/yellow (g) dimming purple (dim+) gray (dim-) ouput red (v+) blue (v-) 2.240.12 [ 57.03 ] 2.240.12 [ 57.03 ] wire specs: input leads: 18 awg, rated 600 v, 105c, min. output leads: 18 awg, rated 300 v, 105c, min. dimming leads: 22 awg, rated 300 v, 105c. all wires are stranded with solder dipped ends. 40% load pf power factor / load 60% 80% 100% 40% load thd thd / load 60% 80% 100% 1 20v a c 230vac 277vac 1 20v a c 230vac 277vac 0.800 0.825 0.900 0.875 0.850 0.925 0.975 0.950 1.000 0% 15% 10% 5% 25% 20% 30% typical efficiency / load 75% 70% 80% 85% 90% 100% 95% normalized output voltage efficiency 40% 60% 80% 100% 1 20v a c 230vac 2 77v a c 50 case hotspot temperature (c) lifetime (khrs) lifetime / case temperature full load @ 120vac 55 60 65 70 75 80 85 90 0 80 120 130 100 20 40 60 70 110 90 10 30 50 140 safety and emc compliance ul/cul ul8750 & can/csa-22.2 no. 250.13-12, ul1012/csa-c22.2 no.107.1 ce en 61347-1, en61347-2-13 fcc, 47cfr part 15 class b en 55015 limits and methods of measurement of radio disturbance characteristics of electrical lighting and similar equipment. en 61000-3-2 part 3-2: limits for harmonic current emissions class c, >80% rated power en 61000-3-3 part 3-3: limitation of voltage changes, voltage fuctuations and ficker . en 61000-4-5 part 4-5: surge immunity test, 2 kv l-n, 4 kv l-g & n-g pled120w series note: life calculations are based on reliability with confdence using a 90% confdence level and <5% failure rate. at a confdence level of 90% it is expected that <5% of the parts will fail at the rated life provided. (failure is defned as a driver drifting outside specifcation, rather than fail to operate) thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?
pg 3 of 4 notes: 1. 0-10v dimmable version comes with an extra two wires +purple/-gray on the output side. 2. compatible with most 0-10v wall slide dimmers and direct 0-10v analog signal. recommended dimmer is leviton ip710 or equivalent 3. 0-10v dimmable version is not intended to dim to zero (off). will be iout <10% @ vdim <1.0v 4. 0-10v dimmable version output will be 100% with purple/gray open and minimum with purple/gray shorted. 0v 1v 2v 3v 4v 5v 6v 7v 8v 9v 10v d i mmi n g i n p u t ( v dc) o u t put c u rre n t / 0 - 1 0 v dc d i mmi ng i nput 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 100 outpu t cu rr ent % "-d" and "-d3" options: 0-10vdc and resistance dimming dim (+) purple ip710 wall dimmer pled120w-xxx-cxxxx-d dim (-) gray 3-wire dimming typical circuit pled120w-xxx-cxxxx-d3 20k potentiometer 10v output (yellow) 0-10v input (purple) return (gray) (dimmer must be current-sink type control) typical dimming circuit parameters minimum typical maximum 10v output, yellow wire 9.2v 10.0v 10.8v 10 output source current, yellow wire 0ma 10ma absolute voltage range on 0-10v (+) purple wire -2.0v +15v source current out of 0-10v purple wire 0ma 2ma pled120w series thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?
pg 4 of 4 pwm in pwm positive dimming typical circuit pled120w-xxx-cxxxx-pd pwm (+) purple pwm (-) gray parameters minimum typical maximum absolute maximum voltage range on pwm input (purple wire) -2.0v 10v +15v input low level voltage range (purple wire) -2.0v 0v +5.5v input high level voltage range (purple wire) +9.0v 10v +15v current into pwm input (purple wire) 0ma 1.2ma source current out of pwm input (purple wire) 0ma 2ma pwm input signal frequency 500hz 1500hz pwm input signal positive duty cycle 0% 10-90% 100% notes: 1. pwm dimmable version comes with an extra 2 wires +purple/-gray on the output side. 2. below 10% duty cycle proper dimming operation is not assured. unit is not intended to turn off at <10% duty cycle. 3. pwm dimmable version output will be 100% with purple/gray open and minimum with purple/gray shorted. 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% positive duty cycle o u t put c u rre n t / 1.0 khz positive duty cycle 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 100 outpu t cu rr ent % "-pd" option: pwm dimming pled120w series thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?


▲Up To Search▲   

 
Price & Availability of PLED120W-024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X