Part Number Hot Search : 
CEPC105 EP1576 F0918 TG9025 1117G A5800410 16N50 CXP5084
Product Description
Full Text Search
 

To Download OMNIVS1000-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  omnivs 120v 1000va 500w line-interactive ups, tower, usb port model number: omnivs1000 description tripp lite's omnivs1000 line interactive ups system offers voltage regulation, surge suppression and long lasting battery support for personal computers, internetworking equipment and other sensitive electronics. internal ups circuits support entry level pc systems for up to 60 minutes during power failures so that connected equipment can be shut down without data loss. automatic voltage regulation (avr) circuits regulate brownouts as low as 89 volts back to usable levels without using battery power. offers complete desktop power protection in an attractive black tower configuration. includes 6 battery supported outlets for computer, monitor and one vital system peripheral, plus 2 additional surge suppression-only outlets for printers and other system accessories not requiring battery support. usb port enables optional unattended system shutdown without data loss in the case of extended power failure, usb cable included. poweralert software available via free download from www.tripplite.com. built-in rj45 tel/ethernet suppression jacks protect modem, fax machine, cordless phone or other peripheral with a standard single-line tel/dsl or data line connection. built-in audible alarm and 4 front panel leds indicate line power status, battery power status, battery low/replace status and overload. 1000va/500 watt power handling ability supports entry-level pcs, network workstations, point-of-sale equipment, small business phone systems, audio/video equipment and home theater systems. offers 3.5 minutes battery runtime with a full load of 1000va/500 watts and 14 minutes with a half load of 500va/250 watts. supports battery replacement via built-in access panel. $200,000 ultimate lifetime insurance (u.s., canada, and puerto rico only). features omnivs1000 uninterruptible power supply offers voltage regulation, surge suppression and long lasting battery support supports entry level pcs up to 60 minutes during blackouts to enable shutdown without data loss regulates brownouts as low as 89 volts back to usable levels without using battery power 6 ups battery supported outlets, plus 2 additional surge suppression-only outlets usb port and cable enables unattended shutdown in the case of extended power failure poweralert software available via free download from www.tripplite.com hid-compliant usb port also enables integration with built-in power management and auto shutdown features of windows and mac os x built-in rj45 tel/ethernet suppression jacks protect modem, fax machine, cordless phone or other peripheral with a standard single-line tel/dsl or data line connection audible alarm and 4 front panel leds offer complete ups and line power status information 1000va/500 watt power handling ability supports a variety of sensitive electronic equipment highlights 1000va / 1kva tower 120v line interactive ups corrects brownouts as low as 89v without using battery power 6 ups battery supported outlets, 2 surge-only outlets usb port, tel/dsl/ethernet protection nema 5-15p input plug and 8 nema 5-15r outlets this product is energy star qualified for its ability to save customers money while helping to protect the environment package includes omnivs1000 line interactive ups usb and telephone cable user manual with warranty information 1 / 5
1000va/500 watt power handling ability supports a variety of sensitive electronic equipment 3.5 minutes full load runtime (1000va/500 watts), 14 minutes half load runtime (500va/250 watts) supports battery replacement via built-in access panel optional pdub15 bypass pdu enables hot-swappable ups replacement with no disruption to connected equipment short circuit protection in ac and battery mode $200,000 ultimate lifetime insurance (u.s., canada, and puerto rico only) this product is energy star qualified for its ability to save customers money while helping to protect the environment specifications output output volt amp capacity (va) 1000 output watt capacity (watts) 500 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (battery mode) 115v (+/- 5%) output receptacles (8) 5-15r ups output receptacles (surge suppression only) 6 ups outlets, 2 surge-only outlets hot-swap pdu options pdub15 (2u / 8 5-15r outlets) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 12a nominal input voltage(s) supported 120v ac ups input connection type 5-15p ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v input phase single-phase battery full load runtime (min.) 3.5 min. (500w) half load runtime (min.) 14 min. (250w) dc system voltage (vdc) 12 2 / 5
battery recharge rate (included batteries) less than 4.5 hours from 10% to 90% internal ups replacement battery cartridge rbc51 battery access battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with input voltage as low as 89 undervoltage correction input voltages between 89 and 105 are boosted by 14% user interface, alerts & controls switches 2 switches control off/on power status and alarm-cancel/self-test operation alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status audible alarm audible alarm indicates power-failure and low-battery conditions led indicators 4 leds indicate line power, battery power, overload and battery low/replace status surge / noise suppression ups ac suppression joule rating 510 ups ac suppression response time instantaneous ups dataline suppression 1 line tel/dsl (1 in / 1 out); 10/100base t ethernet emi / rfi ac noise suppression yes physical installation form factors supported with included accessories tower installation form factors supported with optional accessories wallmount (upswm - tower mounting kit) primary form factor tower ups power module dimensions (hwd, in.) 10.8 x 5.2 x 7.5 ups power module dimensions (hwd, cm) 27.3 x 13.3 x 19 ups power module weight (lbs.) 18.4 ups power module weight (kg) 8.4 ups shipping dimensions (hwd / in.) 14 x 8.5 x 11 ups shipping dimensions (hwd / cm) 35.6 x 21.6 x 27.9 shipping weight (lbs.) 19.9 3 / 5
shipping weight (kg) 9 ups housing material pvc environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 70.8 battery mode btu / hr. (full load) 694.4 ac mode efficiency rating (100% load) 96% communications communications interface usb (hid enabled) poweralert software free download from www.tripplite.com communications cable usb interface cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications network ups tools compatibility nut compatible. see the full list of tripp lite nut compatible ups systems at http://www.networkupstools.org/stable-hcl.html?manufacturer=tripp lite line / battery transfer transfer time 4 milliseconds low voltage transfer to battery power (setpoint) 89 high voltage transfer to battery power (setpoint) 139 special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries green energy-saving features greater than 95% efficiency - green ups certifications ups certifications meets fcc part 15 category b (emi); taa compliant; tested to csa (canada); tested to nom (mexico); tested to ul1778 (usa) warranty product warranty period (u.s. & canada) 3-year limited warranty 4 / 5
product warranty period (latin america) 3-year limited warranty product warranty period (international) 2-year limited warranty product warranty period (mexico) 3-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $200,000 ultimate lifetime insurance ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5


▲Up To Search▲   

 
Price & Availability of OMNIVS1000-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X