Part Number Hot Search : 
SP1648 4745A SP1648 2501N UDZS7V5B EA40QC09 74HC08D CONN005
Product Description
Full Text Search
 

To Download MMBD7000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ty switching diode array smbd7000/MMBD7000... ? for high-speed switching applications ? pb-free (rohs compliant) package 1) ? qualified according aec q101 smbd7000/MMBD7000        type package configuration marking smbd7000/MMBD7000 sot23 series s5c maximum ratings at t a = 25c, unless otherwise specified parameter symbol value unit diode reverse voltage v r 100 v peak reverse voltage v rm 100 forward current i f 200 ma non-repetitive peak surge forward current t = 1 s t = 1 s i fsm 4.5 0.5 a total power dissipation t s 28c p tot 330 mw junction temperature t j 150 c storage temperature t stg -65 ... 150 thermal resistance parameter symbol value unit junction - soldering point 2) smbd7000/MMBD7000 r thjs 360 k/w 1 pb-containing package may be available upon special request 2 for calculation of r thja please refer to application note thermal resistance product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics breakdown voltage i (br) = 100 a v (br) 100 - - v reverse current v r = 50 v v r = 100 v v r = 50 v, t a = 150 c i r - - - - - - 0.3 0.5 100 a forward voltage i f = 1 ma i f = 10 ma i f = 50 ma i f = 100 ma i f = 150 ma v f 550 670 - 750 - - - - - - 700 820 1000 1100 1250 mv ac characteristics diode capacitance v r = 0 v, f = 1 mhz c t - - 2 pf reverse recovery time i f = 10 ma, i r = 10 ma, measured at i r = 1ma, r l = 100 ? t rr - - 4 ns test circuit for reverse recovery time ehn00019 f d.u.t. oscillograph pulse generator: t p = 100ns, d = 0.05, t r = 0.6ns, r i = 50 ? oscillograph: r = 50 ? , t r = 0.35ns, c 1pf smbd7000/MMBD7000... product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of MMBD7000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X