Part Number Hot Search : 
11SRW 77M035A MR851G 24121 060NTR H8S2320 HA456 EL5281
Product Description
Full Text Search
 

To Download MIOS-5250NS6-D0A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mios-5250 new ? intel ? atom? n2600 1.6 ghz/d2550 1.86 ghz fanless embedded box pc, ddr3 memory supports up to 4 gb ? rich i/o expansion possibilities through modularized design ? various extension modules for selection: multiple serial-port / gbe, can bus, poe ? optimized thermal design to maximize heat dissipation ? fast customization for module, i/o bracket, color and logo ? 12~24v / 12v only dc power input for choice ? wire clip design to prevent adapter cable losing ? supports imanager, susiaccess and embedded software apis intel ? atom? n2600/d2550 fanless embedded box pc with multiple i/o extension module listed e180881 c ? u l us rohs compliant 2002/95/ec specifcations processor system cpu intel atom dual core n2600 1.6 ghz/d2550 1.86 ghz max. speed dual core 1.6 ghz/1.86 ghz l2 cache 1 mb system chipset intel atom n2600/d2550 + intel nm10 bios ami efi 16mbit memory technology ddr3 1066 mhz (d2550), ddr3 800 mhz (n2600) max. capacity 4 gb socket 1 x 204-pin so-dimm graphics chipset intel atom n2600/d2550 graphic engine directx 9 and opengl3.0 support hardware decode h/w acceleration: mpeg2 h/w decode/acceleration: h.264/vc1/wmv9 vga up to 1920 x 1200 hdmi supports 1920 x 1200, max data rate: up to 1.65 gb/s, supports hdmi v1.3 up to 1080p support dual display yes, vga + hdmi ethernet gbe1 10/100/1000 mbps intel 82583v ethernet controller, support wake on lan gbe2 10/100/1000 mbps intel 82583v ethernet controller, support wake on lan audio interface realtek alc892, high defnition audio. line-out,mic-in,line-in io interface serial ports 4 x rs-232 ports with esd protection : air gap 15kv, contact 8kv usb interface 6 x usb ports, usb 2.0 compliant other digital io 8-bits watchdog timer 255 levels timer interval, setup by software internal expansion mini pcie 1 x full size mini pcie with sim holder storage hdd supports one drive bay for sata 2.5" hdd (compatible with 9mm height hdd) msata 1 (support either msata or full size minipcie, selected by bios, default support minipcie) supported extension modules mioe-210 4 x rs232/422/485, 2 x rs422/485 mioe-220 3 x intel gigabit ethernet mioe-3674 4 x gigiabit ethernet with poe ports mioe-3680 2 x can bus power requirements power type at/atx power input votage 24 v dc (phoenix plug in rear side) / 12 v dc (dc jack in front side) minimum power input 12 v ~ 24 v, 3.0 a ~ 1.5 a power consumption typical 15 watt (with intel atom d2550 at 1.8 ghz) max. 18 watt (with intel atom d2550 at 1.8 ghz) mechanical construction plastic part: pc+abs (lg5001rfp) chassis: secc bottom cover: aluminum heatsink: aluminum 6063-t5 metal parts: secc mounting din-rail mounting, desk/wall-mounting, vesa mounting dimensions (w x h x d) 284.6 x 151.6 x 74.5 mm (11.2" x 5.96" x 2.9") weight 2.3 kg (5.07 lb), with hdd, mioe-210 and wif module inside) environment operating temperature 0 ~ 45 c (32 ~ 113 f) with 0.7m/s air fow storage temperature - 40 ~ 85 c ( -40 ~ 185 f) relative humidity 95% @ 40 c (non-condensing) vibration during operation with ssd: 3 grms, iec 60068-2-64, random, 5 ~ 500 hz, 1 hr/axis. shock during operation with ssd: 10 g, iec 60068-2-27, half sine, 11 ms duration emc ce/fcc class a, ccc safety certifcations ul, ccc, cb all product specifications are subject to change without notice last updated : 14-aug-2014 mi/o extension sbcs, modules and chassis features
mios-5250 packing list part number description - 1 x mios-5250 unit - 1 x start-up manual - 1 x china rohs - wrench, screws, thermal pads and stud pack embedded os/api embedded os/api part no. description windows embedded standard 7 2070011953 wes7e mio-5250 v5.1.4 eng/ger/jpn/tc 2070011955 wes7p mio-5250 v5.1.3 en/tc/sc/ru/fr/de/ es/it/jp/kr windows embedded standard wes2009 (graphic driver support by case) windows embedded compact 7 2070012241 wec7 mio-5250 v1.0 eng vxworks 6.9.2 linux ubuntu 12.04 (graphic driver support by case) software api imanager 2.0 optional items part number description 1757003659 ac-to-dc adapter, dc19 v/3.42 a 65 w, with phoenix power plug, 0 ~ 40 c for home and offce use 1757003995 ac-to-dc adapter, dc 12v/5a 60w, 0 ~ 40 c for home and offce use 1757003996 ac-to-dc adapter, dc 12v/5a 60w, phoenix power plug, 0 ~ 40 c for home and offce use 1702002600-01 power cable 3-pin 183 cm, usa type 1700018704 power cable 3-pin 180 cm, uk type 1700018705 power cable 3-pin 183 cm, europe type 1700000237-01 power cable 3-pin 183 cm, pse type 1700001947 power cable 2-pin 180 cm, usa type (for adapter 1757003659) 1700001948 power cable 2-pin 180 cm, europe type (for adapter 1757003659) 1700001949 power cable 2-pin 180 cm, uk type (for adapter 1757003659) 1700002141 power cable 2-pin 180 cm, pse type (for adapter 1757003659) - din-rail mounting kit mioe-210-d6a1e mi/o extension module, 4 x rs232/422/485, 2 x rs422/485 mioe-220-b3a1e mi/o extension module, 3 x intelr gigabit ethernet with pcie switch mioe-3680-ae mi/o extension module, 2-port can-bus mioe module with isolation protection mioe-3674-ae mi/o extension module, 4-port poe ports mioe module mioe-pwr1-00a1e mi/o extension module, 12-24v dc to dc power module front panel external i/o mechanical layout/drawing rear panel external i/o mechanical layout/drawing usb-3 usb-4 usb-1 usb-2 hdmi vga lan-1 pwr-led lan-2 hdd-led dc-in-12v on/off i/o varies with the selected mioe module dimensions unit: mm mioe-210 mioe-220 mioe-3674 mioe-3680 supported extension modules 151.62 270 73 75 7.20 r3.60 284.64 138.40 22.20 detail a detail a ant 2 ant 1 dc in 12v-24v (optional) com 1 com 2 com 3 com 4 dio line-in line-out usb-1 usb-2 mic ordering information part number cpu memory vga&hdmi gbe audio rs-232 rs-232/422/485 usb 2.0 sata ii minipcie power connector power supply voltage operational temp. MIOS-5250NS6-D0A1E intel atom n2600 1.6g so-dimm yes 2 yes 2 2 6 1 1 dc jack 12v 0 ~ 45 c mios-5250ds8-c0a1e intel atom d2550 1.86g so-dimm yes 2 yes 2 2 6 1 1 phoenix type 12v 0 ~ 45 c mios-5250ds8-p0a1e intel atom d2550 1.86g so-dimm yes 2 yes 2 2 6 1 1 phoenix type 12v ~ 24v 0 ~ 45 c note: rs-232/422/485 port is default rs-232 www.advantech.com/products online download


▲Up To Search▲   

 
Price & Availability of MIOS-5250NS6-D0A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X