Part Number Hot Search : 
N3811 4HC25 MC14077 4HC25 2SJ50 AS22CH 2N2769 RO2122A
Product Description
Full Text Search
 

To Download LU1T125H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?lan -mate ? series single rj45 connector module with integrated 10/100 base - tx magnetics p/n: LU1T125H page : 1 /2 feature l rj -45 connector integrated with transformer/impedance resistor/high voltage capacitor. l size same as rj -45 connector to save pcb board space. l reduced emi radiat ion to improve emi performance. l design for 10/100 base transmission over utp -5 cable. l operating temperature range: 0 j to +70j . l storage temperature range: -25j to +125j. electrical specifications @ 25c turns ratio (5%) insertion loss (db max) part number tx rx ocl (uh min) @ 100khz/0.1v with 8ma dc bias 0.3 -100mhz hi -pot (vrms) LU1T125H 1.25ct:1ct 1ct:1ct 350 -1.15 1500 continue return loss (db min) cross talk (db min) cmr (db min) tx/rx part number 30mhz 40mhz 50mhz 60mhz 80mhz 0.3 -30mhz 30-60mhz 60-100mhz 1-30mhz 30-60mhz 60-125mhz LU1T125H -16 -14 -13.5 -13 -10 -40 -35 -30 -30 -25 -20 schematic bothhandusa.com
?lan -mate ? series single rj45 connector module with integrated 10/100 base - tx magnetics p/n: LU1T125H page : 2 /2 mechanical 1. plastic material : thermopla stic (ul 94v -0), black housing 2. metal shield : brass, 20u" inches thick nickel 3. spring wire : phosphor bronze with selective gold plating 4. solder pin : 0.4x0.4mm, phosphor bronze with solder plated 5. durability : 750 mating cycles min. pcb layout mounting hole(top view) bothhandusa.com


▲Up To Search▲   

 
Price & Availability of LU1T125H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X