line conditioner / avr system - automatic voltage regulator / ac surge suppressor model number: LS606M description 600 watt automatic voltage regulation (avr) system/protects sensitive electronics, computer accessories and home theater equipment from power-related damage and performance problems/extends the useful life of connected equipment by providing optimum voltage conditions for enhanced efficiency and cooler internal operating temperatures/reliable transformer-based voltage correction circuits maintain 120v nominal output during voltage fluctuations between 85 and 147v/two levels of voltage stabilization offer targeted response for overvoltages and brownouts/prevents equipment damage and power related performance problems for computer accessories, printers, home theater equipment, a/v components and other sensitive electronic devices/ac surge and emi/rfi noise suppression/supports loads up to 600 watts, 5a/6 ac outlets/6 ft ac line cord/3 diagnostic leds display boost, trim and normal operation/$10,000 connected equipment insurance (usa and canada only) features maintains usable 120v (+10%/-16%) nominal output over an input range of 85 to 147v protects sensitive electronics, computer accessories and home theater equipment from power-related damage and performance problems extends the useful life of connected equipment by providing optimum voltage conditions for enhanced efficiency and cooler internal operating temperatures two levels of voltage stabilization offers response to overvoltages and brownouts input voltages over 130v are reduced by 10.4% (+/- 3v) input voltages below 102v are boosted by 13.4% (+/- 3v) 600 watts output power rating supports 120v loads up to 5 amps 720 joules ac surge suppression emi/rfi noise filtering prevents equipment interaction, system interference, lockups and other power-related audio and video artifacts 3 diagnostic leds indicate boost, trim and normal avr operation 6 protected nema5-15r outlets 6 foot ac power cord with nema5-15p input plug $10,000 ultimate lifetime connected equipment insurance (usa and canada only) highlights automatic voltage regulation (avr) and ac surge suppression maintains regulated 120v nominal output over an input range of 85 to 147v 600 watt / 5 amp capacity 6 nema 5-15r outlets, 6 foot ac cord leds display boost, trim and normal operation $10,000 ultimate lifetime insurance (usa, puerto rico & canada only) applications maintains regulated output voltage during severe brownouts and overvoltages for computer accessories, printers, home theater equipment, a/v components, point-of-sale equipment, and other applications requiring clean, regulated ac power package includes LS606M line conditioner warranty information instruction manual 1 / 3
$10,000 ultimate lifetime connected equipment insurance (usa and canada only) specifications output output va 600 output watts 600 output nominal voltage 120v / 60hz outlet quantity / type 6 nema 5-15r input input cord length (ft.) 6 input cord length (m) 1.83 leds alarms & switches front panel leds 3 leds indicate voltage boost, trim and normal operation surge / noise suppression ups ac suppression joule rating 720 joules, conforms to ieee 587 / ansi c62.41 specifications emi / rfi ac noise suppression 20 db physical shipping weight (lbs) 4.80 shipping weight (kg) 2.18 unit dimensions (hwd/in) 5.5 x 4.75 x 4.75 unit dimensions (hwd/cm) 13.5 x 12.1 x 12.1 material of construction abs form factors supported small tower certifications certifications tested to ul1012 (usa), cul (canada), nom (mexico) warranty product warranty period (worldwide) 2-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $10,000 ultimate lifetime insurance ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. 2 / 3
specifications are subject to change without notice. photos may differ slightly from final products. 3 / 3
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? LS606M
|