Part Number Hot Search : 
BA7605N FZT649TC T32AP E000464 MMBT3906 SOT23 SCA31X0 M27C32
Product Description
Full Text Search
 

To Download FDA4100LV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. for furt her information contact your local stmicroelectronics sales office. september 2013 docid025019 rev 2 1/9 FDA4100LV 4 x 135 w / 2 x 270 w pwm di gital input power amplifier with i 2 c diagnostics, step-up driver and low voltage operation data brief - production data features ? integrated 108 db d/a conversion ? i 2 s and tdm digital input (3.3/1.8 v) ? input sampling frequency: 44.1khz, 48 khz, 96 khz, 192 khz ? mosfet power outputs ? step-up driver included ? emi control for fm/am compatibility ? emi compliance at the cei en 55025 (2009- 10) ? dithering possibility ? very low component count ? output lowpass filter included in the feedback ? low radiation function (lrf) ? high output power capability ?4 x 85 w/4 ? @ 25 v, 1 khz, 10 % thd ? 2 x 150 w/2 ? @ 25 v, 1 khz, 10 % thd ? max. output power ? 4 x 135 w/4 ? @ 25 v, 1 khz ? 2 x 270 w/2 ? @ 25 v, 1 khz ? full i 2 c bus driving (3.3/1.8 v): ? independent front/rear soft play/ mute ?i 2 c diagnostics (dc and ac load detection, internal test signal generated) ? very flexible fault detection though integrated diagnostic ? offset detector (p lay or mute mode) ? four independent short circuit protection ? clipping detector ? c-mos compatible enable pin (3.3/5 v) ? esd protection ? 6 v operation (?start - stop?) description the FDA4100LV is a new bcd- soi (silicon on insulation) technology quad bridge class d amplifier, specially intended for car radio applications. thanks to the technology used, it is possible to integrate a high performance d/a converter together with powerful mosfet outputs in class d, to get an outstanding efficiency compared with to the standard class ab. the integrated d/a converter allows to reach outstanding performances (110 db s/n ratio with 108 db of dynamic range). the feedback loop is including the output l-c low-pass filter, allowing superior frequen cy response linea rity and lower distortion independently of the inductor and capacitor quality. FDA4100LV is fully c onfigurable through i 2 c bus interface and integrates a full diagnostics array specially intended for au tomotive applications (with the status of each single speaker). thanks to the solutions implemented to solve the emi problems, the device is conceived to be used in the standard single din car-radio box together with the tuner. the possibility to paralleliz e the outputs allows to drive both 2 ? and 1 ? speakers. a built-in step-up driver allows to provide high output power even using the standard 14 v supply voltage. moreover FDA4100LV is able to work down to 6 v supply, thus supporting the most recent low voltage ('start-stop') ca r-makers specification. hiquad-92 (slug-up) '!0'03  table 1. device summary order code package packing FDA4100LV hiquad92 tray www.st.com
contents FDA4100LV 2/9 docid025019 rev 2 contents 1 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 pins description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 3 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 4 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
docid025019 rev 2 3/9 FDA4100LV block diagram 9 1 block diagram figure 1. block diagram )3 interface     )3 $ata )3 $ata )3 3inc )3 #,+ 0,, 0,,?&ilter  3tep5p  35 'nd  'ate $rive  6  #omp  )  ) )#     %nable %nable #$$)!' )# $ata )# #lock  -ute  %xt4her  )set0rot  ! 'nd  !n 0  !n .  ! 6cc  362  $ 'nd  $ig .  $ig 0  $ 6cc  4! " )nterpolator  .oise3haper 3crambler ch #urrent 'enerators !rray 3crambler ch 3crambler ch 3crambler ch #urrent 'enerators !rray #urrent 'enerators !rray #urrent 'enerators !rray 07- 4r a n s r e r is t a n c e 0o wer!mplifier 07- 4r a n s r e r is t a n c e 0o wer!mplifier 07- 4r a n s r e r is t a n c e 0o wer!mplifier 07- 4r a n s r e r is t a n c e 0o wer!mplifier   /ut /ut   &eedback  &eedback   &eedback  &eedback  /ut /ut    &eedback  &eedback  /ut /ut     &eedback  &eedback  /ut /ut       6dd 'nd 6dd 'nd   6dd 'nd   6dd 'nd   %nable   '!0'03
pins description FDA4100LV 4/9 docid025019 rev 2 2 pins description figure 2. pins connec tion diagram (top view) table 2. pins list description pin # (hiquad-92) pin name function 1 n.c. not connected 2 n.c. not connected 3 gnd2- channel 2, half bridge power ground - 4 feedback2- channel 2 half bridge feedback - 5 out2- channel 2 half bridge output - 6 out2- channel 2 half bridge output -                                        /ut /ut &eedback .# .# 'nd &eedback /ut /ut 6dd 6dd -ute $ 'nd $ig 0 $ig . )set0rot %xt4her 362 !n . !n 0 ! 'nd $ 6dd .# .# .# .# .# .# .# .# .# .# .# /ut 6dd 6dd /ut &eedback /ut .# .# 'nd /ut &eedback  .#  .#  .#  .#  4! " )# $ata #$$)!' %nable %nable 0,,?&ilter           'nd 'nd /ut /ut &eedback      /ut /ut &eedback 'nd 'nd     /ut /ut 6dd 6dd      6bat 'ate $rive 35 'nd &eedback 'nd     6dd /ut /ut 6dd &eedback 'nd )3 #,+ )3 3inc .#       ! 6dd %nable .# .#       ) #omp i    )3 $ata )3 $ata )# #lock      '!0'03
docid025019 rev 2 5/9 FDA4100LV pins description 9 7 vdd2- channel 2 half bridge power supply - 8 vdd2+ channel 2 half bridge power supply + 9 out2+ channel 2 half bridge output + 10 out2+ channel 2 half bridge output + 11 feedback2+ channel 2 half bridge feedback + 12 gnd2+ channel 2, half bridge power ground + 13 gnd1- channel 1, half bridge power ground - 14 feedback1- channel 1 half bridge feedback - 15 out1- channel 1 half bridge output - 16 out1- channel 1 half bridge output - 17 vdd1- channel 1 half bridge power supply - 18 vdd1+ channel 1 half bridge power supply + 19 out1+ channel 1 half bridge output + 20 out1+ channel 1 half bridge output + 21 feedback1+ channel 1 half bridge feedback + 22 gnd1+ channel 1, half bridge power ground + 23 su-gnd step-up power ground 24 gate-drive external powermos gate drive output 25 vbat power supply (battery) 26 comp step-up compensation input 27 i1 step-up current limiting input 28 i2 step-up current limiting reference 29 enable3 chip enable 3 30 a-vdd analog power supply 31 d-vdd digital power supply 32 a-gnd analog ground 33 an-p positive analog supply v(svr)+1.65 (internally generated) 34 an-n negative analog supply v( svr)-1.65 (interna lly generated) 35 svr supply voltage ripple rejection capacitor 36 isetprot current protection resistor setting 37 extther external thermal protection input 38 dig-n negative digital supply v(svr )-1.65 (internally generated) 39 dig-p positive digital supply v(svr)+1.65 (internally generated) 40 d-gnd digital ground 41 mute mute input (10 a source current) table 2. pins list description (continued) pin # (hiquad-92) pin name function
pins description FDA4100LV 6/9 docid025019 rev 2 42 pll_filter pll filter network 43 enable 1 chip enable 1 44 enable 2 chip enable 2 45 cd/diag clip detector and diagnostic output: overcurrent protection, thermal warning, offset detection 46 i2c-data i2c data input 47 i2c-clock i2c data clock 48 i2s-data1 i2s/tdm data 1 input 49 i2s-data2 i2s/tdm data 2 input 50 i2s-sinc i2s/tdm sinc input draft 51 i2s-clk i2s/tdm clock input 52 n.c. not connected 53 gnd4+ channel 4, half bridge power ground + 54 feedback4+ channel 4 half bridge feedback + 55 out4+ channel 4 half bridge output + 56 out4+ channel 4 half bridge output + 57 vdd4+ channel 4 half bridge power supply + 58 vdd4- channel 4 half bridge power supply - 59 out4- channel 4 half bridge output - 60 out4- channel 4 half bridge output - 61 feedback4- channel 4 half bridge feedback - 62 gnd4- channel 4, half bridge power ground - 63 gnd3+ channel 3, half bridge power ground + 64 feedback3+ channel 3 half bridge feedback + 65 out3+ channel 3 half bridge output + 66 out3+ channel 3 half bridge output + 67 vdd3+ channel 3 half bridge power supply + 68 vdd3- channel 3 half bridge power supply - 69 out3- channel 3 half bridge output - 70 out3- channel 3 half bridge output - 71 feedback3- channel 3 half bridge feedback - 72 gnd3- channel 3, half bridge power ground - 73, 74 n.c. not connected 75 tab - 76-92 n.c. not connected table 2. pins list description (continued) pin # (hiquad-92) pin name function
docid025019 rev 2 7/9 FDA4100LV package information 9 3 package information in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions a nd product status are available at: www.st.com . ecopack ? is an st trademark. figure 3. hiquad-92 (slug-up) mechan ical data and package dimensions /54,).%!.$ -%#(!.)#!,$!4!  $and%donotincludemoldflashorprotrusions -old flash orprot rusions shallnot ex ceed mm inc perside  2e sinblee dsflashesorex posedc oppero nslugs urfacemay extendalongperimeterformmwidthmax $)- mm inch -). 490 -!8 -). 490 -!8 !   !     !     b     c     $     $        %     %        %   %     %     e   &   '   ,     . ? ? s ? ? ? ? t ? ? t ? ? (i15!$ slug up xmm # '!0'03
revision history FDA4100LV 8/9 docid025019 rev 2 4 revision history table 3. document revision history date revision changes 19-jul-2013 1 initial release. 18-sep-2013 2 updated disclaimer.
docid025019 rev 2 9/9 FDA4100LV 9 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a particul ar purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. st products are not designed or authorized for use in: (a) safety critical applications such as life supporting, active implanted devices or systems with product functional safety requirements; (b) aeronautic applications; (c) automotive applications or environments, and/or (d) aerospace applications or environments. where st products are not designed for such use, the purchaser shall use products at purchaser?s sole risk, even if st has been informed in writing of such usage, unless a product is expressly designated by st as being intended for ? automotive, automotive safe ty or medical? industry domains according to st product design specifications. products formally escc, qml or jan qualified are deemed suitable for use in aerospace by the corresponding governmental agency. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2013 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of FDA4100LV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X