Part Number Hot Search : 
E120C 1000AG L79XXC08 PSEI2 D2579 Z08530 LXXXNC GP206
Product Description
Full Text Search
 

To Download F28-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p o w e r t r a n s f o r m e r p c m o u n t : split pack web: www.triadmagnetics.com phone 951 - 277 - 0757 fax 951 - 277 - 2757 460 harley knox blvd. perris, california 92571 publish date: december 4, 2013 f 28 - 200 description: the f 28 - 200 is a single primary and dual secondary, split bobbin design which operates with an input of 115 v. the output voltage will be either 28.0 v with a center - tap under a 0.2 a load with the secondaries wired in series, or 14.0 v under a 0.4 a load with the secondaries wired in parallel. the split bobbin design eliminates the need for costly electrostatic shielding. electrical specifications (@25c) 1. maximum power: 6.0 va 2. primary: 115v 3. secondary: series: 28.0 v ct@ 0.2 a parall el: 14.0 v @ 0.4 a 4. voltage regulation: 25% typ @ full load to no load 5. temperature rise: 25c typ 6. hipot tested 100% at 2500 vrms construction: three flange bobbin const ruction with primaries and secondaries wound side by sid e for low capacitive coup ling. agency file: ul: file e53148, ul 5085 - 2 ( 506 ) , class b general purpose transformer, c ul: file e53148, ul 5085 - 2 ( 506 ) , class b general purpose transformer, canadian use (csa 22.2, no.66.2 - 06) this model is also available in class 2, ul 5085 - 3 (158 5) version as f28 - 200 - c2 dimensions: units in inches. h w l a b c d e f 1.312 1.312 1.625 0.250 0. 3 50 1.2 8 0 0.041 0.020 0.234 w eight: 0.44 lbs schematic : rohs compliance: as of manufacturing date february 2005, all standard products meet the requirements of 2011/65/eu, known as the rohs initiative. as of april 7, 2008, ul standards 506 and 1585 will be migrated to ul 5085 - 2 and 5085 - 3, respectively. * upon printing, this document is considered uncontrolled . please contact triad magnetics website for the most current version. board layout 1 4 8 7 6 5 115v 50/60hz 1 4 l h w e a b a c 0.06" diameter hole d f 1 5 8 4


▲Up To Search▲   

 
Price & Availability of F28-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X