Part Number Hot Search : 
MAG3110 P6KE56 SG1844J MT48LC16 2N2194 XMXXX 2SA1576 LM1780
Product Description
Full Text Search
 

To Download DF210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features rating to 1000v prv ideal for printed circuit board low forward voltage drop,high current capability reliable low cost construction utilizing molded plastic technique results in inexpensive product lead tin pb/sn copper the plastic material has ul flammability classification 94v-0 mechanical data polarit:as marked on body weight:0.02 ounces,0.38 gras m ounting position:any maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% df df df df df df df 2005 201 202 204 206 208 210 maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t a =40 peak forward surage current 8.3ms single half sine-wave super imposed on rated load (jedec .method) maximum forward voltage at 2.0a dc v f v maximum dc reverse current @t j =25 at rated dc blocking voltage @t j =125 i 2 t rating for fusing (t<8.3ms) i 2 t a 2 s typical junction capacitance per element(note1) c j pf typical thermal resistance (note2) r jc /w operating temperature range t j storage temperature range t stg note:1.measured at 1.0mhz and applied reverse voltage of 4.0v dc reverse voltage - 50 to 1000 volts . forward current - 2.0 amperes 40 1.1 500 df2005 thru DF210 with 0.5*0.5"(13*13mm) copper pads. 25 2.thermal resistance from junction to ambient mounted on p.c.b characteristics ~ 233 ~ surface mount glass passivated brideg rectifiers -55 to +150 10.4 -55 to +150 dimensions in inches and (millimeters) 2.0 symbol i r 10 ua 60 a i fsm a unit i (av) df .335(8.5) .307(7.8) .244(6.2) .256(6.5) .031(0.8) .023(0.6) .311(7.9) .350(8.9) .323(8.2) .315(8.0) .089(2.2) .102(2.6) .079(2.0) .059(1.5) .197(5.0) .205(5.2) .022(0.55) .018(0.45) .193(4.9) .165(4.2)
rating and characteristic curves df2005 thru DF210 ~ 234 ~ fig.4-typical forward characteristics instantaneous forward voltage,volts t j =25 pulse width:300us 2% duty cycle 0.01 0.1 1.0 10 i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 fig.3-typical junction capacitance reverse voltage,(volts) c a p a c i t a n c e ( p f ) 10.0 100 0.1 1.0 4.0 1.0 10 100 t j =25 ,f=1mh z fig.5-typical reverse characteristics t j =25 t j =125 0 20 40 60 80 100 120 140 0.01 0.1 1.0 10 100 i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( a ) percent of rated peak reverse voltage,(%) b r i d g e o u t p u t f u l l w a v e r e c t i f i e d c u r r e n t a v e r a g e a m p e r e s fig.1-derating curve for output rectified current ambient temperature , 0 2.0 50 100 150 single phase half wave 60hz resistive or inductive load number of cycles at 60h z p e a k f o r w a r d s u r g e c u r r e n t a m p e r e s fig.2-maximum non-repetitive peak forward surge current 0 10 20 30 40 50 60 10 1 100 t a =25 single sine-wave jedec method


▲Up To Search▲   

 
Price & Availability of DF210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X